Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH4D16FB Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH4D16FB
Description  POWER INDUCTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH4D16FB Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH4D16FB_06 Datasheet HTML 1Page - Sumida Corporation CDRH4D16FB_06 Datasheet HTML 2Page - Sumida Corporation CDRH4D16FB_06 Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
POWER INDUCTORS <SMD Type: CDRH***F Series>
Type: CDRH4D16FB,CDRH4D16F/LD
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/3
1.1
5.0
2.8
1.1
Land Pattern (mm)
CDRH4D16FB
CDRH4D16F/LD
Specification(CDRH4D16FB)
Saturation current
(A)※1
Part Name
Stamp
Inductance
Within]
100kHz/1V
D.C.R.
(mΩ)
Max.(Typ.)
(at 20℃)
(at20℃)
(at100℃)
Temperature
rise current
(A)※2
CDRH4D16FB/NP-1R3N□
A
1.3μH±25%
29.3(22.5)
2.30
1.50
2.8
CDRH4D16FB/NP-1R8N□
B
1.8μH±25%
34.5(27.6)
1.90
1.30
2.7
CDRH4D16FB/NP-2R4N□
C
2.4μH±25%
37.9(30.3)
1.70
1.20
2.6
CDRH4D16FB/NP-3RØN□
D
3.0μH±25%
39.6(31.7)
1.50
1.10
2.4
CDRH4D16FB/NP-3R9N□
E
3.9μH±25%
56.7(43.6)
1.35
1.00
2.1
CDRH4D16FB/NP-4R7N□
F
4.7μH±25%
58.5(46.8)
1.20
0.90
2.0
CDRH4D16FB/NP-6R8N□
G
6.8μH±25%
81.25(65.0)
1.00
0.75
1.5
CDRH4D16FB/NP-8R5N□
H
8.5μH±25%
107.0(89.1)
0.90
0.65
1.3
CDRH4D16FB/NP-1ØØM□
J
10μH±20%
118.0(98.0)
0.80
0.60
1.2
CDRH4D16FB/NP-15ØM□
K
15μH±20%
178.8(149.0)
0.65
0.50
1.0
CDRH4D16FB/NP-22ØM□
L
22μH±20%
288.0(240.0)
0.52
0.40
0.75


Similar Part No. - CDRH4D16FB_06

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH4D16FB/NP-100MC SUMIDA-CDRH4D16FB/NP-100MC Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D16FB/NP-150MC SUMIDA-CDRH4D16FB/NP-150MC Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D16FB/NP-1R3NC SUMIDA-CDRH4D16FB/NP-1R3NC Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D16FB/NP-1R8NC SUMIDA-CDRH4D16FB/NP-1R8NC Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D16FB/NP-220MC SUMIDA-CDRH4D16FB/NP-220MC Datasheet
161Kb / 4P
   SMD Power Inductor
More results

Similar Description - CDRH4D16FB_06

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com