Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTB24-800B Datasheet(PDF) 3 Page - STMicroelectronics

Part # BTB24-800B
Description  STANDARD TRIACS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTB24-800B Datasheet(HTML) 3 Page - STMicroelectronics

  BTB24-800B Datasheet HTML 1Page - STMicroelectronics BTB24-800B Datasheet HTML 2Page - STMicroelectronics BTB24-800B Datasheet HTML 3Page - STMicroelectronics BTB24-800B Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
0
25
50
75
100
125
0
5
10
15
20
25
30
IT(rms)(A)
Tcase(°C)
α = 180°
Fig. 3: RMS on-state current versus case temperature.
1E-3
1E-2
1E-1
1E+0
1E+1
1E+2 5E+2
0.01
0.10
1.00
K=[Zth/Rth]
Zth(j-c)
Zth(j-a)
tp(s)
Fig. 4: Relative variation of thermal impedance versus
pulse duration.
-40
-20
0
20
40
60
80
100
120
140
0.0
0.5
1.0
1.5
2.0
2.5
IGT,IH[Tj] / IGT,IH[Tj=25°C]
IGT
IH
Tj(°C)
Fig. 5: Relative variation of gate trigger current and
holding current versus junction temperature (typical
values).
1
10
100
1000
0
20
40
60
80
100
120
140
160
180
200
220
ITSM(A)
Tj initial=25°C
F=50Hz
Number of cycles
Fig. 6: Non Repetitive surge peak on-state current
versus number of cycles.
12
5
10
100
200
500
1000
ITSM(A),I²t(A²s)
Tj initial=25°C
ITSM
I²t
tp(ms)
Fig. 7: Non repetitive surge peak on-state current for a
sinusoidal
pulse
with
width
:
t
≤ 10ms, and
corresponding value of I2t.
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
1
10
100
300
ITM(A)
Tj=25°C
Tj max.:
Vto=0.95V
Rt=19m
Tj=Tj max.
VTM(V)
Fig. 8: On-state characteristics (maximum values).
BTB24 B
3/4


Similar Part No. - BTB24-800B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTB24-800B STMICROELECTRONICS-BTB24-800B Datasheet
137Kb / 12P
   25A TRIACS
logo
Kersemi Electronic Co.,...
BTB24-800B KERSEMI-BTB24-800B Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
logo
STMicroelectronics
BTB24-800BRG STMICROELECTRONICS-BTB24-800BRG Datasheet
133Kb / 12P
   25 A standard and Snubberless triacs
BTB24-800BRG STMICROELECTRONICS-BTB24-800BRG Datasheet
135Kb / 12P
   25 A standard and Snubberless triacs
BTB24-800BRG STMICROELECTRONICS-BTB24-800BRG Datasheet
135Kb / 12P
   25 A standard and Snubberless triacs
More results

Similar Description - BTB24-800B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA10B STMICROELECTRONICS-BTA10B Datasheet
88Kb / 5P
   STANDARD TRIACS
March 1995
T2512MH STMICROELECTRONICS-T2512MH Datasheet
306Kb / 5P
   STANDARD TRIACS
BTA06B STMICROELECTRONICS-BTA06B Datasheet
64Kb / 5P
   STANDARD TRIACS
BTA40A STMICROELECTRONICS-BTA40A Datasheet
65Kb / 5P
   STANDARD TRIACS
BTA12B STMICROELECTRONICS-BTA12B Datasheet
65Kb / 5P
   STANDARD TRIACS
BTA41-700BRG STMICROELECTRONICS-BTA41-700BRG Datasheet
68Kb / 5P
   STANDARD TRIACS
T16XXXH STMICROELECTRONICS-T16XXXH Datasheet
1Mb / 5P
   STANDARD TRIACS
JANUARY 1995
Z0410 STMICROELECTRONICS-Z0410 Datasheet
78Kb / 6P
   STANDARD TRIACS
BTA16B STMICROELECTRONICS-BTA16B Datasheet
67Kb / 5P
   STANDARD TRIACS
BTA41A STMICROELECTRONICS-BTA41A Datasheet
74Kb / 5P
   STANDARD TRIACS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com