Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDH20D07NP-6R8M Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDH20D07NP-6R8M
Description  Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDH20D07NP-6R8M Datasheet(HTML) 2 Page - Sumida Corporation

  CDH20D07NP-6R8M Datasheet HTML 1Page - Sumida Corporation CDH20D07NP-6R8M Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Type: CDH20D07
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
Power Inductors <SMD Type: CDH Series>
B: Box
C: Carrier Tape
Specification
Part Name
Stamp
Inductance
(μH)
100kHz/1V
D.C.R.(mΩ)
(at 20℃)
Saturation
Current
(A) ※1
Temperature
Rise Current
(A) ※2
CDH20D07NP-R68M□
C
0.68±20%
94±25%
1.00
1.06
CDH20D07NP-1R0M□
D
1.0±20%
124±20%
0.80
0.95
CDH20D07NP-1R3M□
E
1.3±20%
142±20%
0.70
0.85
CDH20D07NP-1R5M□
F
1.5±20%
157±20%
0.65
0.83
CDH20D07NP-1R8M□
G
1.8±20%
173±20%
0.60
0.81
CDH20D07NP-2R2M□
H
2.2±20%
185±20%
0.55
0.71
CDH20D07NP-2R7M□
J
2.7±20%
247±20%
0.50
0.61
CDH20D07NP-3R3M□
K
3.3±20%
288±20%
0.45
0.58
CDH20D07NP-3R6M□
L
3.6±20%
308±20%
0.42
0.55
CDH20D07NP-4R7M□
M
4.7±20%
402±20%
0.37
0.47
CDH20D07NP-5R6M□
N
5.6±20%
461±20%
0.34
0.42
CDH20D07NP-6R8M□
P
6.8±20%
522±20%
0.33
0.40
Description of part name
CDH20D07NP-R68M□
1.Saturation Current: The DC current at which the inductance decreases to 70% of its nominal value.
2.Temperature rise current: The DC current at which the temperature rise is △t=40℃ (Ta=20℃) .


Similar Part No. - CDH20D07NP-6R8M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH20D08 SUMIDA-CDH20D08 Datasheet
154Kb / 3P
   SMD Power Inductor
CDH20D08HF-1R0NC SUMIDA-CDH20D08HF-1R0NC Datasheet
154Kb / 3P
   SMD Power Inductor
CDH20D08HF-1R5NC SUMIDA-CDH20D08HF-1R5NC Datasheet
154Kb / 3P
   SMD Power Inductor
CDH20D08HF-2R2MC SUMIDA-CDH20D08HF-2R2MC Datasheet
154Kb / 3P
   SMD Power Inductor
CDH20D08HF-3R3MC SUMIDA-CDH20D08HF-3R3MC Datasheet
154Kb / 3P
   SMD Power Inductor
More results

Similar Description - CDH20D07NP-6R8M

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com