Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTB41B Datasheet(PDF) 1 Page - STMicroelectronics

Part # BTB41B
Description  STANDARD TRIACS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTB41B Datasheet(HTML) 1 Page - STMicroelectronics

  BTB41B Datasheet HTML 1Page - STMicroelectronics BTB41B Datasheet HTML 2Page - STMicroelectronics BTB41B Datasheet HTML 3Page - STMicroelectronics BTB41B Datasheet HTML 4Page - STMicroelectronics BTB41B Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BTA41 A/B
BTB41 B
March 1995
STANDARD TRIACS
Symbol
Parameter
Value
Unit
IT(RMS)
RMS on-state current
(360
° conduction angle)
BTA
Tc = 75
°C40
A
BTB
Tc = 85
°C45
ITSM
Non repetitive surge peak on-state current
( Tj initial = 25
°C)
tp = 8.3 ms
315
A
tp = 10 ms
300
I2tI2t value
tp = 10 ms
450
A2s
dI/dt
Critical rate of rise of on-state current
Gate supply : IG = 500mA diG/dt = 1A/µs
Repetitive
F = 50 Hz
10
A/
µs
Non
Repetitive
50
Tstg
Tj
Storage and operating junction temperature range
- 40 to + 150
- 40 to + 125
°C
°C
Tl
Maximum lead temperature for soldering during 10 s at 4.5 mm
from case
260
°C
TOP 3
(Plastic)
A1
A2
G
.
HIGH SURGE CURRENT CAPABILITY
.
COMMUTATION : (dV/dt)c > 10V/
µs
.
BTA Family :
INSULATING VOLTAGE = 2500V(RMS)
(UL RECOGNIZED : E81734)
DESCRIPTION
Symbol
Parameter
BTA41-...A/B / BTB41-... B
Unit
400
600
700
800
VDRM
VRRM
Repetitive peak off-state voltage
Tj = 125
°C
400
600
700
800
V
ABSOLUTE RATINGS (limiting values)
FEATURES
The BTA41 A/B / BTB41 B triac family are high
performance glass passivated PNPN devices.
These parts are suitables for general purpose ap-
plications where high surge current capability is re-
quired. Application such as phase control and
static switching on inductive or resistive load.
1/5


Similar Part No. - BTB41B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTB41 STMICROELECTRONICS-BTB41 Datasheet
85Kb / 7P
   40A TRIACs
logo
Sirectifier Semiconduct...
BTB41 SIRECTIFIER-BTB41 Datasheet
163Kb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
logo
Sirectifier Global Corp...
BTB41 SIRECT-BTB41 Datasheet
306Kb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
logo
STMicroelectronics
BTB41 STMICROELECTRONICS-BTB41 Datasheet
108Kb / 9P
   40 A standard TRIACs
logo
Inchange Semiconductor ...
BTB41 ISC-BTB41 Datasheet
207Kb / 1P
   isc Triacs
More results

Similar Description - BTB41B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA10B STMICROELECTRONICS-BTA10B Datasheet
88Kb / 5P
   STANDARD TRIACS
March 1995
T2512MH STMICROELECTRONICS-T2512MH Datasheet
306Kb / 5P
   STANDARD TRIACS
BTA06B STMICROELECTRONICS-BTA06B Datasheet
64Kb / 5P
   STANDARD TRIACS
BTA40A STMICROELECTRONICS-BTA40A Datasheet
65Kb / 5P
   STANDARD TRIACS
BTA12B STMICROELECTRONICS-BTA12B Datasheet
65Kb / 5P
   STANDARD TRIACS
BTA41-700BRG STMICROELECTRONICS-BTA41-700BRG Datasheet
68Kb / 5P
   STANDARD TRIACS
T16XXXH STMICROELECTRONICS-T16XXXH Datasheet
1Mb / 5P
   STANDARD TRIACS
JANUARY 1995
Z0410 STMICROELECTRONICS-Z0410 Datasheet
78Kb / 6P
   STANDARD TRIACS
BTA16B STMICROELECTRONICS-BTA16B Datasheet
67Kb / 5P
   STANDARD TRIACS
BTB24B STMICROELECTRONICS-BTB24B Datasheet
67Kb / 4P
   STANDARD TRIACS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com