Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTB24-XXXB Datasheet(PDF) 6 Page - STMicroelectronics

Part # BTB24-XXXB
Description  25A TRIACS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTB24-XXXB Datasheet(HTML) 6 Page - STMicroelectronics

Back Button BTB24-XXXB Datasheet HTML 2Page - STMicroelectronics BTB24-XXXB Datasheet HTML 3Page - STMicroelectronics BTB24-XXXB Datasheet HTML 4Page - STMicroelectronics BTB24-XXXB Datasheet HTML 5Page - STMicroelectronics BTB24-XXXB Datasheet HTML 6Page - STMicroelectronics BTB24-XXXB Datasheet HTML 7Page - STMicroelectronics BTB24-XXXB Datasheet HTML 8Page - STMicroelectronics BTB24-XXXB Datasheet HTML 9Page - STMicroelectronics BTB24-XXXB Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Ordering information scheme
BTA24, BTB24, BTA25, BTA26 and T25 series
6/12
2
Ordering information scheme
Figure 12.
BTA and BTB series
Figure 13.
T25 series
Table 6.
Product Selector
Part Numbers
Voltage (xxx)
Sensitivity
Type
Package
600 V
800 V
BTA24-xxxBRG
X
X
50 mA
Standard
TO-220AB
BTA/BTB(1)24-xxxBWRG
1.
BTB: non insulated TO-220AB package
X
X
50 mA
Snubberless
TO-220AB
BTA/BTB(1)24-xxxCWRG
X
X
35 mA
Snubberless
TO-220AB
BTA25-xxxBRG
X
X
50 mA
Standard
RD91
BTA25-xxxBWRG
X
X
50 mA
Snubberless
RD91
BTA25-xxxCWRG
X
X
35 mA
Snubberless
RD91
BTA26-xxxBRG
X
X
50 mA
Standard
TOP3 Ins.
BTA26-xxxBWRG
X
X
50 mA
Snubberless
TOP3 Ins.
BTA26-xxxCWRG
X
X
35 mA
Snubberless
TOP3 Ins.
T2535-xxxG
X
X
35 mA
Snubberless
D2PAK
BT A 24 - 600 BW RG
Triac series
Insulation
Current
Voltage
Sensitivity and type
Packing mode
A = insulated
B = non insulated
24 = 25A in TO-220AB
25 = 25A in RD91
26 = 25A in TOP3
600 = 600V
800 = 800V
B = 50mA Standard
BW = 50mA Snubberless
CW = 35mA
RG = Tube
Snubberless
T 25 35 - 600 G (-TR)
Triac series
Sensitivity
Voltage
Package
Packing mode
Current
25 = 25A
35 = 35mA
600 = 600V
800 = 800V
G = D PAK
Blanck = Tube
-TR = Tape & Reel
2


Similar Part No. - BTB24-XXXB

ManufacturerPart #DatasheetDescription
logo
Bellnix Co.,Ltd.
BTB24-03S80D BELLNIX-BTB24-03S80D Datasheet
700Kb / 14P
   The Fifth Generation, Ultra Small Size, isolated Type DC-DC Converter
BTB24-03S80S BELLNIX-BTB24-03S80S Datasheet
700Kb / 14P
   The Fifth Generation, Ultra Small Size, isolated Type DC-DC Converter
BTB24-05S60D BELLNIX-BTB24-05S60D Datasheet
700Kb / 14P
   The Fifth Generation, Ultra Small Size, isolated Type DC-DC Converter
BTB24-05S60S BELLNIX-BTB24-05S60S Datasheet
700Kb / 14P
   The Fifth Generation, Ultra Small Size, isolated Type DC-DC Converter
BTB24-12S25D BELLNIX-BTB24-12S25D Datasheet
700Kb / 14P
   The Fifth Generation, Ultra Small Size, isolated Type DC-DC Converter
More results

Similar Description - BTB24-XXXB

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
BTA24-600B TGS-BTA24-600B Datasheet
128Kb / 1P
   25A TRIACS
BTA26-600BW TGS-BTA26-600BW Datasheet
67Kb / 1P
   25A TRIACS
BTA24-600C TGS-BTA24-600C Datasheet
285Kb / 1P
   25A TRIACS
logo
Unisonic Technologies
BTB24A UTC-BTB24A_15 Datasheet
165Kb / 3P
   25A TRIACS
BTB24 UTC-BTB24 Datasheet
171Kb / 3P
   25A TRIACS
logo
Tiger Electronic Co.,Lt...
BTA24-600BW TGS-BTA24-600BW Datasheet
59Kb / 1P
   25A TRIACS
BTA24-800BW TGS-BTA24-800BW Datasheet
59Kb / 1P
   25A TRIACS
TPDV1225-E TGS-TPDV1225-E Datasheet
202Kb / 1P
   25A TRIACS
logo
Kersemi Electronic Co.,...
T2550H-600T KERSEMI-T2550H-600T Datasheet
498Kb / 5P
   25A TRIACS
logo
Tiger Electronic Co.,Lt...
BTA24-600BF TGS-BTA24-600BF Datasheet
61Kb / 1P
   25A TRIACS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com