Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDH28D09 Datasheet(PDF) 1 Page - Sumida Corporation

Part # CDH28D09
Description  POWER INDUCTORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDH28D09 Datasheet(HTML) 1 Page - Sumida Corporation

  CDH28D09 Datasheet HTML 1Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
POWER INDUCTORS <SMD Type: CDH Series>
Type: CDH28D09/S
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1
Product Description
3.0×3.0mm Max.(L×W), 1.0mm Max. Height.
Inductance range: 1.3~15μH.
Rated current range: 0.35~1.1A.
Custom design is available.
Feature
Magnetically unshielded construction.
Ideally used in Mobilephone,PDA,MP3,DSC/DVC,HDD,etc as DC-DC Converter inductors.
Dropping impact reinforced types.
RoHS Compliance
Dimensions (mm)
Land Pattern (mm)
Specification
Part Name
Stamp
Inductance
(μH)[Within]
100kHz/1V
D.C.R.(Ω)
Max.(Typ.)
(at 20℃)
Saturation
Current
A)※1
Temperature
Rise current
(A) ※2
CDH28D09SNP-1R3M□
1R3
1.3±20%
100m(80m)
1.10
1.30
CDH28D09SNP-2R2M□
2R2
2.2±20%
144m(115m)
900m
1.05
CDH28D09SNP-3R0M□
3R0
3.0±20%
175m(140m)
780m
920m
CDH28D09SNP-4R7M□
4R7
4.7±20%
269m(215m)
620m
720m
CDH28D09SNP-6R2M□
6R2
6.2±20%
369m (295m)
530m
630m
CDH28D09SNP-100M□
100
10±20%
525m(420m)
430m
520m
CDH28D09SNP-150M□
150
15±20%
881m(705m)
350m
350m
Description of part name
CDH28D09SNP-1R3M□
1.Saturation Current: The DC current at which the inductance decreases to 70% of it's nominal value.
2 Temperature rise current: The DC current at which the temperature rise is △t=40℃.(Ta=20℃)
This datasheet is not a final issue, and maybe something will be changed before production.
B Box
C Carrier Tape


Similar Part No. - CDH28D09

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH28D11 SUMIDA-CDH28D11 Datasheet
29Kb / 1P
   POWER INDUCTORS
CDH28D11SNP-100M SUMIDA-CDH28D11SNP-100M Datasheet
29Kb / 1P
   POWER INDUCTORS
CDH28D11SNP-150M SUMIDA-CDH28D11SNP-150M Datasheet
29Kb / 1P
   POWER INDUCTORS
CDH28D11SNP-1R7M SUMIDA-CDH28D11SNP-1R7M Datasheet
29Kb / 1P
   POWER INDUCTORS
CDH28D11SNP-2R2M SUMIDA-CDH28D11SNP-2R2M Datasheet
29Kb / 1P
   POWER INDUCTORS
More results

Similar Description - CDH28D09

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com