Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDH73NP-150L Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDH73NP-150L
Description  POWER INDUCTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDH73NP-150L Datasheet(HTML) 2 Page - Sumida Corporation

  CDH73NP-150L Datasheet HTML 1Page - Sumida Corporation CDH73NP-150L Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
POWER INDUCTORS <SMD Type: CDH Series>
Type: CDH73
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
B Box
C Carrier Tape
Specification
Part Name
Stamp
Inductance
Within]
1 kHz
D.C.R.(Ω)
Max.(Typ.)
(at 20℃)
Rated current
(A) ※1
CDH73NP-1ØØM□
100
10μH ± 20 %
77m (59m)
1.20
CDH73NP-12ØM□
120
12μH ± 20 %
92m (71m)
1.05
CDH73NP-15ØL□
150
15μH ± 15 %
0.11(87m)
1.00
CDH73NP-18ØL□
180
18μH ± 15 %
0.13(0.10)
0.90
CDH73NP-22ØL□
220
22μH ± 15 %
0.18(0.14)
0.81
CDH73NP-27ØL□
270
27μH ± 15 %
0.21(0.16)
0.75
CDH73NP-33ØK□
330
33μH ± 10 %
0.24(0.19)
0.66
CDH73NP-39ØK□
390
39μH ± 10 %
0.28(0.21)
0.59
CDH73NP-47ØK□
470
47μH ± 10 %
0.35(0.27)
0.56
CDH73NP-56ØK□
560
56μH ± 10 %
0.40(0.31)
0.51
CDH73NP-68ØK□
680
68μH ± 10 %
0.51(0.39)
0.47
CDH73NP-82ØK□
820
82μH ± 10 %
0.60(0.46)
0.41
CDH73NP-1Ø1K□
101
100μH ± 10 %
0.70(0.54)
0.37
CDH73NP-121K□
121
120μH ± 10 %
0.89(0.69)
0.35
CDH73NP-151K□
151
150μH ± 10 %
1.04(0.80)
0.31
CDH73NP-181K□
181
180μH ± 10 %
1.22(0.94)
0.28
CDH73NP-221K□
221
220μH ± 10 %
1.63(1.30)
0.26
Description of part name
CDH73NP-1ØØM□
1 Rated current: The DC current at which the inductance decreases to 90% of it's initial value
or when △t=40℃, whichever is lower(Ta=20℃).


Similar Part No. - CDH73NP-150L

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH73NP-150LC SUMIDA-CDH73NP-150LC Datasheet
235Kb / 5P
   SMD Power Inductor
More results

Similar Description - CDH73NP-150L

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com