Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDR6D23MNNP-470N Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDR6D23MNNP-470N
Description  POWER INDUCTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDR6D23MNNP-470N Datasheet(HTML) 2 Page - Sumida Corporation

  CDR6D23MNNP-470N Datasheet HTML 1Page - Sumida Corporation CDR6D23MNNP-470N Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Type: CDR6D23MN
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
POWER INDUCTORS <SMD Type: CDR ***MN Series>
Specification
Saturation Current
(A)※1
Part Name
Stamp
Inductance
Within]
(100kHz/1V)
D.C.R.(mΩ)
Max.(Typ.)
(at 20℃)
(at 20℃) (at 105℃)
Temperature
Rise Current
(A)※2
CDR6D23MNNP-ØR6N□
0R6
0.6μH±25%
20.0(16)
6.55
4.95
4.60
CDR6D23MNNP-1RØN□
1R0
1.0μH±25%
25.0(20)
5.15
4.00
3.90
CDR6D23MNNP-1R5N□
1R5
1.5μH±25%
28.0(22)
4.40
3.55
3.30
CDR6D23MNNP-2RØN□
2R0
2.0μH±25%
36.3(29)
3.85
3.05
2.60
CDR6D23MNNP-2R7N□
2R7
2.7μH±25%
40.0(32)
3.30
2.60
2.38
CDR6D23MNNP-3R3N□
3R3
3.3μH±25%
46.3(37)
2.95
2.30
2.25
CDR6D23MNNP-4R2N□
4R2
4.2μH±25%
52.5(42)
2.60
2.10
2.05
CDR6D23MNNP-5R1N□
5R1
5.1μH±25%
60.0(48)
2.45
1.95
1.90
CDR6D23MNNP-6R1N□
6R1
6.1μH±25%
66.3(53)
2.30
1.75
1.80
CDR6D23MNNP-7R2N□
7R2
7.2μH±25%
72.5(58)
2.10
1.60
1.70
CDR6D23MNNP-8R3N□
8R3
8.3μH±25%
80.0(64)
1.95
1.50
1.50
CDR6D23MNNP-1ØØN□
100
10μH±25%
103.8(83)
1.75
1.40
1.30
CDR6D23MNNP-12ØN□
120
12μH±25%
117.5(94)
1.55
1.25
1.25
CDR6D23MNNP-15ØN□
150
15μH±25%
133.8(107)
1.40
1.15
1.10
CDR6D23MNNP-18ØN□
180
18μH±25%
158.8(127)
1.30
1.05
1.00
CDR6D23MNNP-22ØN□
220
22μH±25%
187.5(150)
1.20
0.95
0.80
CDR6D23MNNP-27ØN□
270
27μH±25%
255.0(204)
1.05
0.85
0.75
CDR6D23MNNP-33ØN□
330
33μH±25%
275.0(220)
0.95
0.75
0.70
CDR6D23MNNP-39ØN□
390
39μH±25%
393.8(315)
0.90
0.70
0.58
CDR6D23MNNP-47ØN□
470
47μH±25%
456.3(365)
0.80
0.60
0.54
CDR6D23MNNP-56ØN□
560
56μH±25%
481.2(385)
0.75
0.58
0.51
CDR6D23MNNP-68ØN□
680
68μH±25%
751.3(601)
0.65
0.53
0.45
CDR6D23MNNP-82ØN□
820
82μH±25%
803.8(643)
0.60
0.47
0.43
CDR6D23MNNP-1Ø1N□
101
100μH±25%
903.8(723)
0.55
0.44
0.41
Description of part name
CDR6D23MNNP-ØR6N□
1.Saturation current: The DC current at which the inductance decreases to 65% of it’s initial value.
2. Temperature rise current: The DC current at which the temperature rise is △t=40℃.(Ta=20℃).
B Box
C Carrier Tape


Similar Part No. - CDR6D23MNNP-470N

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDR6D23MNNP-470NC SUMIDA-CDR6D23MNNP-470NC Datasheet
232Kb / 5P
   SMD Power Inductor
More results

Similar Description - CDR6D23MNNP-470N

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com