Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMX32C6416DZLZ300 Datasheet(PDF) 8 Page - Texas Instruments

Part # TMX32C6416DZLZ300
Description  FIXED-POINT DIGITAL SIGNAL PROCESSORS
Download  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMX32C6416DZLZ300 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMX32C6416DZLZ300 Datasheet HTML 4Page - Texas Instruments TMX32C6416DZLZ300 Datasheet HTML 5Page - Texas Instruments TMX32C6416DZLZ300 Datasheet HTML 6Page - Texas Instruments TMX32C6416DZLZ300 Datasheet HTML 7Page - Texas Instruments TMX32C6416DZLZ300 Datasheet HTML 8Page - Texas Instruments TMX32C6416DZLZ300 Datasheet HTML 9Page - Texas Instruments TMX32C6416DZLZ300 Datasheet HTML 10Page - Texas Instruments TMX32C6416DZLZ300 Datasheet HTML 11Page - Texas Instruments TMX32C6416DZLZ300 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 139 page
background image
TMS320C6414, TMS320C6415, TMS320C6416
FIXEDPOINT DIGITAL SIGNAL PROCESSORS
SPRS146L − FEBRUARY 2001 − REVISED JULY 2004
8
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
device characteristics
Table 1 provides an overview of the C6414, C6415, and C6416 DSPs. The table shows significant features of
the C64x devices, including the capacity of on-chip RAM, the peripherals, the CPU frequency, and the package
type with pin count.
Table 1. Characteristics of the C6414, C6415, and C6416 Processors
HARDWARE FEATURES
C6414, C6415, AND C6416
EMIFA (64-bit bus width)
(default clock source = AECLKIN)
1
Peripherals
EMIFB (16-bit bus width)
(default clock source = BECLKIN)
1
Not all peripherals pins
are available at the
EDMA (64 independent channels)
1
are available at the
same time. (For more
HPI (32- or 16-bit user selectable)
1 (HPI16 or HPI32)
same time. (For more
details, see the Device
Configuration section.)
PCI (32-bit) [DeviceID Register value 0xA106]
1 [C6415/C6416 only]
details, see the Device
Configuration section.)
Peripheral performance
McBSPs (default internal clock source =
CPU/4 clock frequency)
3
Peripheral performance
is dependent on
UTOPIA (8-bit mode)
1 [C6415/C6416 only]
is dependent on
chip-level configuration.
32-Bit Timers (default internal clock source =
CPU/8 clock frequency)
3
General-Purpose Input/Output 0 (GP0)
16
Decoder Coprocessors
VCP
1 (C6416 only)
Decoder Coprocessors
TCP
1 (C6416 only)
Size (Bytes)
1056K
On-Chip Memory
Organization
16K-Byte (16KB) L1 Program (L1P) Cache
16KB L1 Data (L1D) Cache
1024KB Unified Mapped RAM/Cache (L2)
CPU ID + CPU Rev ID
Control Status Register (CSR.[31:16])
0x0C01
Device_ID
Silicon Revision Identification Register
(DEVICE_REV [19:16])
Address: 0x01B0 0200
DEVICE_REV[19:16]
Silicon Revision
1111
1.03 or earlier
0001
1.03
0010 or 0000
1.1
0011
2.0
Frequency
MHz
500, 600, 720
Cycle Time
ns
2 ns (C6414-5E0, C6415-5E0, C6416-5E0) and
(C6414A-5E0, C6415A-5E0, C6416A-5E0)
[500-MHz CPU, 100-MHz EMIF]†
1.67 ns (C6414-6E3, C6415-6E3, C6416-6E3) and
(C6414A-6E3, C6415A-6E3, C6416A-6E3)
[600-MHz CPU, 133-MHz EMIFA]†
1.39 ns (C6414-7E3, C6415-7E3, C6416-7E3)
[720-MHz CPU, 133-MHz EMIFA]†
Voltage
Core (V)
1.2 V (-5E0)
1.25 V (A-5E0)
1.4 V (-6E3, A-6E3, -7E3)
I/O (V)
3.3 V
PLL Options
CLKIN frequency multiplier
Bypass (x1), x6, x12
BGA Package
23 x 23 mm
532-Pin BGA (GLZ and ZLZ)
Process Technology
µm
0.13
µm
Product Status
Product Preview (PP), Advance Information
(AI), Production Data (PD)
PD, AI‡
† On these C64x devices, the rated EMIF speed affects only the SDRAM interface on EMIFA. For more detailed information, see the EMIF
Device Speed section of this data sheet.
‡ The extended temperature devices for silicon revision 2.0 (C641x A-5E0, C641xA-6E3) are at the advance information (AI) stage of
development. All other devices are at the Production Data (PD) stage of development.


Similar Part No. - TMX32C6416DZLZ300

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMX32C6411AGLZ TI-TMX32C6411AGLZ Datasheet
1Mb / 119P
[Old version datasheet]   FIXED POINT DIGITAL SIGNAL PROCESSOR
TMX32C6411AZLZ TI-TMX32C6411AZLZ Datasheet
1Mb / 119P
[Old version datasheet]   FIXED POINT DIGITAL SIGNAL PROCESSOR
TMX32C6411GLZ TI-TMX32C6411GLZ Datasheet
1Mb / 119P
[Old version datasheet]   FIXED POINT DIGITAL SIGNAL PROCESSOR
TMX32C6411ZLZ TI-TMX32C6411ZLZ Datasheet
1Mb / 119P
[Old version datasheet]   FIXED POINT DIGITAL SIGNAL PROCESSOR
More results

Similar Description - TMX32C6416DZLZ300

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320VC5407 TI-TMS320VC5407 Datasheet
1Mb / 110P
[Old version datasheet]   Fixed-Point Digital Signal Processors
TMS320C6211B TI-TMS320C6211B Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SM320C6414-EP TI1-SM320C6414-EP Datasheet
1,019Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SMJ320C6414 TI1-SMJ320C6414_16 Datasheet
1Mb / 134P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI-TMS320C6202 Datasheet
1Mb / 86P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI1-TMS320C6202_16 Datasheet
2Mb / 110P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C54X TI1-TMS320C54X_16 Datasheet
1Mb / 118P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320VC5510 TI1-TMS320VC5510_17 Datasheet
1Mb / 90P
[Old version datasheet]   Fixed-Point Digital Signal Processors
SM320C6414-EP TI1-SM320C6414-EP_16 Datasheet
1,010Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6416TBGLZA8 TI-TMS320C6416TBGLZA8 Datasheet
2Mb / 148P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com