Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTB24 Datasheet(PDF) 7 Page - STMicroelectronics

Part # BTB24
Description  25A TRIACS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTB24 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button BTB24 Datasheet HTML 3Page - STMicroelectronics BTB24 Datasheet HTML 4Page - STMicroelectronics BTB24 Datasheet HTML 5Page - STMicroelectronics BTB24 Datasheet HTML 6Page - STMicroelectronics BTB24 Datasheet HTML 7Page - STMicroelectronics BTB24 Datasheet HTML 8Page - STMicroelectronics BTB24 Datasheet HTML 9Page - STMicroelectronics BTB24 Datasheet HTML 10Page - STMicroelectronics BTB24 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
BTA24, BTB24, BTA25, BTA26 and T25 series
Package information
7/12
3
Package information
Figure 14.
D2PAK Foot Print Dimensions (in millimeters)
Table 7.
D2PAK Package dimensions
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
4.30
4.60
0.169
0.181
A1
2.49
2.69
0.098
0.106
A2
0.03
0.23
0.001
0.009
B
0.70
0.93
0.027
0.037
B2
1.25
1.40
0.048 0.055
C
0.45
0.60
0.017
0.024
C2
1.21
1.36
0.047
0.054
D
8.95
9.35
0.352
0.368
E
10.00
10.28 0.393
0.405
G
4.88
5.28
0.192
0.208
L
15.00
15.85 0.590
0.624
L2
1.27
1.40
0.050
0.055
L3
1.40
1.75
0.055
0.069
R
0.40
0.016
V2
G
L
L3
L2
B
B2
E
2mm min.
FLAT ZONE
A
C2
D
R
A2
V2
C
A1
16.90
10.30
8.90
3.70
5.08
1.30


Similar Part No. - BTB24

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTB24 STMICROELECTRONICS-BTB24 Datasheet
133Kb / 12P
   25 A standard and Snubberless triacs
logo
Unisonic Technologies
BTB24 UTC-BTB24 Datasheet
171Kb / 3P
   25A TRIACS
logo
STMicroelectronics
BTB24 STMICROELECTRONICS-BTB24 Datasheet
135Kb / 12P
   25 A standard and Snubberless triacs
logo
Foshan Blue Rocket Elec...
BTB24 FOSHAN-BTB24 Datasheet
1Mb / 8P
   Triac in a TO-220 Plastic Package
logo
STMicroelectronics
BTB24 STMICROELECTRONICS-BTB24 Datasheet
142Kb / 12P
   25 A standard and Snubberless??triacs
July 2007 Rev 10
More results

Similar Description - BTB24

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
BTA24-600B TGS-BTA24-600B Datasheet
128Kb / 1P
   25A TRIACS
BTA26-600BW TGS-BTA26-600BW Datasheet
67Kb / 1P
   25A TRIACS
BTA24-600C TGS-BTA24-600C Datasheet
285Kb / 1P
   25A TRIACS
logo
Unisonic Technologies
BTB24A UTC-BTB24A_15 Datasheet
165Kb / 3P
   25A TRIACS
BTB24 UTC-BTB24 Datasheet
171Kb / 3P
   25A TRIACS
logo
Tiger Electronic Co.,Lt...
BTA24-600BW TGS-BTA24-600BW Datasheet
59Kb / 1P
   25A TRIACS
BTA24-800BW TGS-BTA24-800BW Datasheet
59Kb / 1P
   25A TRIACS
TPDV1225-E TGS-TPDV1225-E Datasheet
202Kb / 1P
   25A TRIACS
logo
Kersemi Electronic Co.,...
T2550H-600T KERSEMI-T2550H-600T Datasheet
498Kb / 5P
   25A TRIACS
logo
Tiger Electronic Co.,Lt...
BTA24-600BF TGS-BTA24-600BF Datasheet
61Kb / 1P
   25A TRIACS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com