Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRR107NP-471MC Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRR107NP-471MC
Description  Power Inductor< SMD Type : CDRR Series>
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRR107NP-471MC Datasheet(HTML) 2 Page - Sumida Corporation

  CDRR107NP-471MC Datasheet HTML 1Page - Sumida Corporation CDRR107NP-471MC Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Power Inductor< SMD Type : CDRR Series>
Type: CDRR107
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
Specification
Saturation Current
A)Max.(Typ.)※1
Part Name
Stamp
Inductance
(μ
H)
100kHz/1V
D.C.R. (Ω)
Max.(Typ.)
(at 20℃)
(at 25℃)
(at 125℃)
Temperature
Rise
Current
(A)※2
CDRR107NP-101MC
101
100±20%
0.19(0.15)
1.23(1.54)
0.85(1.06)
1.40(1.60)
CDRR107NP-121MC
121
120±20%
0.20(0.16)
1.14(1.43)
0.72(0.90)
1.34(1.52)
CDRR107NP-151MC
151
150±20%
0.22(0.18)
1.02(1.28)
0.67(0.84)
1.26(1.44)
CDRR107NP-181MC
181
180±20%
0.25(0.20)
0.94(1.18)
0.65(0.81)
1.16(1.33)
CDRR107NP-221MC
221
220±20%
0.27(0.22)
0.86(1.07)
0.58(0.71)
0.98(1.12)
CDRR107NP-271MC
271
270±20%
0.39(0.31)
0.78(0.97)
0.53(0.66)
0.89(1.01)
CDRR107NP-331MC
331
330±20%
0.49(0.39)
0.72(0.90)
0.46(0.58)
0.81(0.92)
CDRR107NP-391MC
391
390±20%
0.54(0.43)
0.66(0.82)
0.44(0.55)
0.80(0.91)
CDRR107NP-471MC
471
470±20%
0.68(0.55)
0.58(0.73)
0.40(0.50)
0.68(0.77)
CDRR107NP-561MC
561
560±20%
0.86(0.69)
0.52(0.65)
0.36(0.45)
0.60(0.69)
CDRR107NP-681MC
681
680±20%
1.0(0.80)
0.47(0.59)
0.34(0.42)
0.59(0.67)
CDRR107NP-821MC
821
820±20%
1.10(0.89)
0.45(0.56)
0.30(0.38)
0.55(0.63)
CDRR107NP-102MC
102
1000±20%
1.43(1.15)
0.40(0.50)
0.28(0.36)
0.47(0.53)
CDRR107NP-122MC
122
1200±20%
1.60(1.25)
0.37(0.47)
0.25(0.32)
0.44(0.50)
CDRR107NP-152MC
152
1500±20%
2.10(1.70)
0.34(0.42)
0.20(0.25)
0.38(0.43)
CDRR107NP-182MC
182
1800±20%
2.30(1.90)
0.30(0.37)
0.20(0.25)
0.34(0.40)
1.Saturation Current: The DC current at which the inductance decreases by 30% from its initial value.
2.Temperature rise current: The DC current at which the temperature rise is △t=40℃.(Ta=20℃)


Similar Part No. - CDRR107NP-471MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRR107NP-471MC SUMIDA-CDRR107NP-471MC Datasheet
153Kb / 4P
   Power Inductor
CDRR107NP-471MC SUMIDA-CDRR107NP-471MC Datasheet
82Kb / 4P
   SMD Power Inductor
More results

Similar Description - CDRR107NP-471MC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRR73 SUMIDA-CDRR73 Datasheet
134Kb / 1P
   Power Inductor< SMD Type : CDRR Series>
CDRR157 SUMIDA-CDRR157 Datasheet
213Kb / 2P
   Power Inductor< SMD Type : CDRR Series>
CDRR94A SUMIDA-CDRR94A Datasheet
212Kb / 2P
   Power Inductor< SMD Type : CDRR Series>
logo
TAI-TECH Advanced Elect...
FPI0503BMV TAI-TECH-FPI0503BMV Datasheet
83Kb / 2P
   SMD Type Power Inductor
FPI0703BM TAI-TECH-FPI0703BM Datasheet
61Kb / 2P
   SMD Type Power Inductor
FPI0504BMV TAI-TECH-FPI0504BMV Datasheet
84Kb / 2P
   SMD Type Power Inductor
FPI0302BM TAI-TECH-FPI0302BM Datasheet
61Kb / 2P
   SMD Type Power Inductor
FPI0705BMV TAI-TECH-FPI0705BMV Datasheet
84Kb / 2P
   SMD Type Power Inductor
FPI0503BM TAI-TECH-FPI0503BM Datasheet
73Kb / 1P
   SMD Type Power Inductor
FPI0403BM TAI-TECH-FPI0403BM Datasheet
62Kb / 2P
   SMD Type Power Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com