Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3824-33DBVT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3824-33DBVT
Description  PROCESSOR SUPERVISORY CIRCUITS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3824-33DBVT Datasheet(HTML) 2 Page - Texas Instruments

  TPS3824-33DBVT Datasheet HTML 1Page - Texas Instruments TPS3824-33DBVT Datasheet HTML 2Page - Texas Instruments TPS3824-33DBVT Datasheet HTML 3Page - Texas Instruments TPS3824-33DBVT Datasheet HTML 4Page - Texas Instruments TPS3824-33DBVT Datasheet HTML 5Page - Texas Instruments TPS3824-33DBVT Datasheet HTML 6Page - Texas Instruments TPS3824-33DBVT Datasheet HTML 7Page - Texas Instruments TPS3824-33DBVT Datasheet HTML 8Page - Texas Instruments TPS3824-33DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
TPS3820xx, TPS3823xx,
TPS3824xx, TPS3825xx,
TPS3828xx
SLVS165G − APRIL 1998 − REVISED JANUARY 2008
www.ti.com
2
DESCRIPTION (Continued)
The TPS3820/3/5/8 devices incorporate a manual reset input, MR. A low level at MR causes RESET to become active.
The TPS3824/5 devices include a high-level output RESET. TPS3820/3/4/8 have a watchdog timer that is periodically
triggered by a positive or negative transition at WDI. When the supervising system fails to retrigger the watchdog circuit
within the time-out interval, ttout, RESET becomes active for the time period td. This event also reinitializes the watchdog
timer. Leaving WDI unconnected disables the watchdog. In applications where the input to the WDI pin may be active
(transitioning high and low) when the TPS3820/3/4/8 is asserting RESET, the TPS3820/3/4/8 does not return to a non-reset
state when the input voltage is above VT. If the application requires that input to WDI is active when RESET is asserted,
WDI must be decoupled from the active signal. This decoupling can be accomplished by using an N-channel FET in series
with the WDI pin, with the gate of the FET connected to the RESET output as shown in Figure 1.
WDI
RESET
TPS3824
WDI External
Figure 1
The product spectrum is designed for supply voltages of 2.5 V, 3 V, 3.3 V, and 5 V. The circuits are available in an SOT23-5
package. The TPS382x devices are characterized for operation over a temperature range of −40
°C to +85°C.
PACKAGE INFORMATION(1)
DEVICE NAME
DEVICE NAME
THRESHOLD VOLTAGE(2)
MARKING
TPS3820-33DBVT(3)
TPS3820-33DBVR(4)
2.93 V
PDEI
TPS3820-50DBVT(3)
TPS3820-50DBVR(4)
4.55 V
PDDI
TPS3823-25DBVT(3)
TPS3823-25DBVR(4)
2.25 V
PAPI
TPS3823-30DBVT(3)
TPS3823-30DBVR(4)
2.63 V
PAQI
TPS3823-33DBVT(3)
TPS3823-33DBVR(4)
2.93 V
PARI
TPS3823-50DBVT(3)
TPS3823-50DBVR(4)
4.55 V
PASI
TPS3824-25DBVT(3)
TPS3824-25DBVR(4)
2.25 V
PATI
TPS3824-30DBVT(3)
TPS3824-30DBVR(4)
2.63 V
PAUI
TPS3824-33DBVT(3)
TPS3824-33DBVR(4)
2.93 V
PAVI
TPS3824-50DBVT(3)
TPS3824-50DBVR(4)
4.55 V
PAWI
TPS3825-33DBVT(3)
TPS3825-33DBVR(4)
2.93 V
PDGI
TPS3825-50DBVT(3)
TPS3825-50DBVR(4)
4.55 V
PDFI
TPS3828-33DBVT(3)
TPS3828-33DBVR(4)
2.93 V
PDII
TPS3828-50DBVT(3)
TPS3828-50DBVR(4)
4.55 V
PDHI
(1) For the most current package and ordering information see the Package Option Addendum at
the end of this document, or see the TI web site at www.ti.com.
(2) For other threshold voltage versions, please contact the local TI sales office.
(3) The DBVT package indicates tape and reel of 250 parts.
(4) The DBVR package indicates tape and reel of 3000 parts.


Similar Part No. - TPS3824-33DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3824-33DBVT TI-TPS3824-33DBVT Datasheet
217Kb / 14P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3824-33DBVT TI-TPS3824-33DBVT Datasheet
295Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3824-33DBVT TI1-TPS3824-33DBVT Datasheet
635Kb / 20P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3824-33DBVT TI1-TPS3824-33DBVT Datasheet
837Kb / 20P
[Old version datasheet]   Processor Supervisory Circuits
TPS3824-33DBVT TI1-TPS3824-33DBVT Datasheet
937Kb / 29P
[Old version datasheet]   Voltage Monitor With Watchdog Timer
More results

Similar Description - TPS3824-33DBVT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
APX823 DIODES-APX823 Datasheet
173Kb / 12P
   PROCESSOR SUPERVISORY CIRCUITS
logo
Texas Instruments
TPS3820- TI-TPS3820- Datasheet
217Kb / 14P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-XX-Q1 TI-TPS3820-XX-Q1 Datasheet
225Kb / 13P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33DBVR TI1-TPS3820-33DBVR Datasheet
837Kb / 20P
[Old version datasheet]   Processor Supervisory Circuits
TPS3820-33-Q1 TI1-TPS3820-33-Q1 Datasheet
280Kb / 15P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-XX TI-TPS3820-XX Datasheet
295Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33 TI1-TPS3820-33 Datasheet
635Kb / 20P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33QDBVRQ1 TI1-TPS3820-33QDBVRQ1 Datasheet
236Kb / 14P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
JUNE 2008
TPS3813J25 TI-TPS3813J25 Datasheet
191Kb / 12P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813K33-EP TI1-TPS3813K33-EP Datasheet
452Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com