Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTB04A Datasheet(PDF) 3 Page - STMicroelectronics

Part # BTB04A
Description  SENSITIVE GATE TRIACS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTB04A Datasheet(HTML) 3 Page - STMicroelectronics

  BTB04A Datasheet HTML 1Page - STMicroelectronics BTB04A Datasheet HTML 2Page - STMicroelectronics BTB04A Datasheet HTML 3Page - STMicroelectronics BTB04A Datasheet HTML 4Page - STMicroelectronics BTB04A Datasheet HTML 5Page - STMicroelectronics BTB04A Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BTA04 T/D/S/A
BTB04 T/D/S/A
3/6
Package
IT(RMS)
VDRM /VRRM
Sensitivity Specification
A
V
T
DSA
BTA
(Insulated)
4
400
X
X
600
X
X
700
X
X
BTB
(Uninsulated)
400
X
X
600
X
X
PRODUCT INFORMATION
BT
A
04
-
400
T
Triac
Series
Insulation:
A: insulated
B: non insulated
Current: 04A
Voltage:
400: 400V
600: 600V
700: 700V
Sensitivity
ORDERING INFORMATION


Similar Part No. - BTB04A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTB04A STMICROELECTRONICS-BTB04A Datasheet
69Kb / 5P
   SENSITIVE GATE TRIACS
logo
Unisonic Technologies
BTB04A UTC-BTB04A Datasheet
143Kb / 3P
   SENSITIVE GATE TRIACS
logo
Inchange Semiconductor ...
BTB04A ISC-BTB04A Datasheet
116Kb / 1P
   With TO-220AB non insulated package
logo
Unisonic Technologies
BTB04AG-9-SW-TA3-T UTC-BTB04AG-9-SW-TA3-T Datasheet
134Kb / 3P
   SENSITIVE GATE TRIACS
BTB04AG-9-SW-TM3-T UTC-BTB04AG-9-SW-TM3-T Datasheet
143Kb / 3P
   SENSITIVE GATE TRIACS
More results

Similar Description - BTB04A

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
T1635-600G TGS-T1635-600G Datasheet
71Kb / 1P
   Triacs sensitive gate
T2535-600G TGS-T2535-600G Datasheet
71Kb / 1P
   Triacs sensitive gate
logo
Shenzhen Luguang Electr...
BT137-600E LUGUANG-BT137-600E Datasheet
319Kb / 5P
   Sensitive Gate Triacs
logo
Tiger Electronic Co.,Lt...
BT137-600 TGS-BT137-600 Datasheet
90Kb / 1P
   Triacs sensitive gate
BT152-500 TGS-BT152-500 Datasheet
76Kb / 1P
   Triacs sensitive gate
BT137X-600F TGS-BT137X-600F Datasheet
128Kb / 1P
   Triacs sensitive gate
logo
Unisonic Technologies
BTB04 UTC-BTB04 Datasheet
166Kb / 4P
   SENSITIVE GATE TRIACS
BTB04A UTC-BTB04A Datasheet
143Kb / 3P
   SENSITIVE GATE TRIACS
logo
Kersemi Electronic Co.,...
BTB08-700BW KERSEMI-BTB08-700BW Datasheet
817Kb / 4P
   SENSITIVE GATE TRIACS
logo
NXP Semiconductors
BT138B PHILIPS-BT138B Datasheet
51Kb / 6P
   Triacs sensitive gate
October 1997 Rev 1.200
logo
STMicroelectronics
BTA08A STMICROELECTRONICS-BTA08A Datasheet
186Kb / 4P
   SENSITIVE GATE TRIACS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com