Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDEP105 Datasheet(PDF) 1 Page - Sumida Corporation

Part # CDEP105
Description  POWER INDUCTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDEP105 Datasheet(HTML) 1 Page - Sumida Corporation

  CDEP105_06 Datasheet HTML 1Page - Sumida Corporation CDEP105_06 Datasheet HTML 2Page - Sumida Corporation CDEP105_06 Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
POWER INDUCTORS <SMD Type: CDEP Series>
Type: CDEP105
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/3
Product Description
10.4×10.4mm Max.(L×W), 5.6mm Max. Height.
Standard type, Low D.C.R Type and High Power Type are available.
Inductance Range:0.22~5.0μH (standard type );
0.36~8.8μH(Low D.C.R type); 0.15~3.0μH (High Power type).
Saturation Current range: 8.4~40.0 A(Standard type ) ;
4.8~24.0A(Low D.C.R type);12.6~55.0A (High Power type).
Temperature rise current 4.9~19.0A
In addition to the standards versions shown here, custom inductors are also available to
meet your exact requirements.
Feature
Magnetically shielded construction.
Super high current, Mn-Zn core used, Flat wire used.
Ideally used in computer CPU power supply.
RoHS Compliance
Dimensions (mm)
Land Pattern (mm)
Schematics (Bottom)
10.0 ± 0.4
Max.5.6
2.9
3.8
11.0
2.9
3.8


Similar Part No. - CDEP105_06

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDEP105-0R1B-32 SUMIDA-CDEP105-0R1B-32 Datasheet
253Kb / 1P
   POWER INDUCTORS (SMD Type)
CDEP105-0R1B-50 SUMIDA-CDEP105-0R1B-50 Datasheet
253Kb / 1P
   POWER INDUCTORS (SMD Type)
CDEP105-0R1B-88 SUMIDA-CDEP105-0R1B-88 Datasheet
253Kb / 1P
   POWER INDUCTORS (SMD Type)
CDEP105-0R1C-32 SUMIDA-CDEP105-0R1C-32 Datasheet
253Kb / 1P
   POWER INDUCTORS (SMD Type)
CDEP105-0R1C-50 SUMIDA-CDEP105-0R1C-50 Datasheet
253Kb / 1P
   POWER INDUCTORS (SMD Type)
More results

Similar Description - CDEP105_06

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com