Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTB04S Datasheet(PDF) 2 Page - STMicroelectronics

Part # BTB04S
Description  SENSITIVE GATE TRIACS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTB04S Datasheet(HTML) 2 Page - STMicroelectronics

  BTB04S Datasheet HTML 1Page - STMicroelectronics BTB04S Datasheet HTML 2Page - STMicroelectronics BTB04S Datasheet HTML 3Page - STMicroelectronics BTB04S Datasheet HTML 4Page - STMicroelectronics BTB04S Datasheet HTML 5Page - STMicroelectronics BTB04S Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BTA04 T/D/S/A
BTB04 T/D/S/A
2/6
Symbol
Parameter
Value
Unit
Rth (j-a)
Junction to ambient
60
°C/W
Rth (j-c) DC
Junction to case for DC
BTA
4.4
°C/W
BTB
3.2
Rth (j-c) AC
Junction to case for 360° conduction angle (F = 50Hz)
BTA
3.3
°C/W
BTB
2.4
GATE CHARACTERISTICS (maximum values)
PG(AV) =1W
PGM = 40W (tp = 20µs)
IGM = 4A (tp = 20µs)
VGM = 16V (tp = 20µs)
THERMAL RESISTANCE
Symbol
Test conditions
Quadrant
BTA / BTB04
Unit
TD
S
A
IGT
VD = 12V (DC)
RL =33
Tj = 25°C
I - II - III
MAX.
5
5
10
10
mA
IV
MAX.
5
10
10
25
VGT
VD = 12V (DC)
RL =33
Tj = 25°C
I - II - III - IV
MAX.
1.5
V
VGD
VD =VDRM
RL = 3.3k
Tj =110°C
I - II - III - IV
MIN.
0.2
V
tgt
VD =VDRM
IG = 40mA
dIG/dt = 0.5A/µs
Tj = 25°C
I - II - III - IV
TYP.
2
µs
IL
IG = 1.2IGT
Tj = 25°C
I - III - IV
TYP.
10
10
20
20
mA
II
20
20
40
40
IH*IT = 100mA Gate open
Tj = 25°C
MAX.
15
15
25
25
mA
VTM *ITM = 5.5A
tp = 380µs
Tj = 25°C
MAX.
1.65
V
IDRM
IRRM
VDRM rated
VRRM rated
Tj = 25°C
MAX.
0.01
mA
Tj = 110°C
MAX.
0.75
dV/dt *
Linear slope up to
VD = 67% VDRM gate open
Tj = 110°C
TYP.
10
10
-
-
V/
µs
MIN.
-
-
10
10
(dI/dt)c*
(dI/dt)c = 1.8A/ms
Tj = 110°C
TYP.
1
1
5
5
V/µs
* For either polarity of electrode A2 voltage with reference to electrode A1
ELECTRICAL CHARACTERISTICS


Similar Part No. - BTB04S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTB04S STMICROELECTRONICS-BTB04S Datasheet
69Kb / 5P
   SENSITIVE GATE TRIACS
logo
Inchange Semiconductor ...
BTB04S ISC-BTB04S Datasheet
116Kb / 1P
   With TO-220AB non insulated package
More results

Similar Description - BTB04S

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
T1635-600G TGS-T1635-600G Datasheet
71Kb / 1P
   Triacs sensitive gate
T2535-600G TGS-T2535-600G Datasheet
71Kb / 1P
   Triacs sensitive gate
logo
Shenzhen Luguang Electr...
BT137-600E LUGUANG-BT137-600E Datasheet
319Kb / 5P
   Sensitive Gate Triacs
logo
Tiger Electronic Co.,Lt...
BT137-600 TGS-BT137-600 Datasheet
90Kb / 1P
   Triacs sensitive gate
BT152-500 TGS-BT152-500 Datasheet
76Kb / 1P
   Triacs sensitive gate
BT137X-600F TGS-BT137X-600F Datasheet
128Kb / 1P
   Triacs sensitive gate
logo
Unisonic Technologies
BTB04 UTC-BTB04 Datasheet
166Kb / 4P
   SENSITIVE GATE TRIACS
BTB04A UTC-BTB04A Datasheet
143Kb / 3P
   SENSITIVE GATE TRIACS
logo
Kersemi Electronic Co.,...
BTB08-700BW KERSEMI-BTB08-700BW Datasheet
817Kb / 4P
   SENSITIVE GATE TRIACS
logo
NXP Semiconductors
BT138B PHILIPS-BT138B Datasheet
51Kb / 6P
   Triacs sensitive gate
October 1997 Rev 1.200
logo
STMicroelectronics
BTA08A STMICROELECTRONICS-BTA08A Datasheet
186Kb / 4P
   SENSITIVE GATE TRIACS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com