Part Name
         Description
LTM4600

 10A High Effi ciency DC/DC μModule ( 24 Page)


LINER
100% 
Zoom Out Zoom In
 
 2 page
background image
LTM4600
2
4600fa
FCB, EXTVCC, PGOOD, RUN/SS, VOUT.......... –0.3V to 6V
VIN, SVIN, fADJ............................................ –0.3V to 20V
VOSET, COMP............................................. –0.3V to 2.7V
Operating Temperature Range (Note 2) ... –40°C to 85°C
Junction Temperature ........................................... 125°C
Storage Temperature Range................... –45°C to 125°C
(Note 1)
The denotes the specifications which apply over the –40°C to 85°C
temperature range, otherwise specifications are at TA = 25°C, VIN = 12V. External CIN = 120µF, COUT = 200µF/Ceramic per typical
application (front page) configuration.
ELECTRICAL CHARACTERISTICS
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN(DC)
Input DC Voltage
4.5
20
V
VOUT(DC)
Output Voltage
FCB = 0V
VIN = 5V or 12V, VOUT = 1.5V, IOUT = 0A
1.478
1.470
1.50
1.50
1.522
1.530
V
V
Input Specifications
VIN(UVLO)
Under Voltage Lockout Threshold
IOUT = 0A
3.4
4
V
IINRUSH(VIN)
Input Inrush Current at Startup
IOUT = 0A. VOUT = 1.5V, FCB = 0
VIN = 5V
VIN = 12V
0.6
0.7
A
A
IQ(VIN)
Input Supply Bias Current
IOUT = 0A, EXTVCC Open
VIN = 12V, VOUT = 1.5V, FCB = 5V
VIN = 12V, VOUT = 1.5V, FCB = 0V
VIN = 5V, VOUT = 1.5V, FCB = 5V
VIN = 5V, VOUT = 1.5V, FCB = 0V
Shutdown, RUN = 0.8V, VIN = 12V
1.2
42
1.0
52
35
75
mA
mA
mA
mA
µA
IS(VIN)
Input Supply Current
VIN = 12V, VOUT = 1.5V, IOUT = 10A
VIN = 12V, VOUT = 3.3V, IOUT = 10A
VIN = 5V, VOUT = 1.5V, IOUT = 10A
1.52
3.13
3.64
A
A
A
RUN/SS
FCB
PGOOD
VIN
PGND
VOUT
COMP
SGND
LGA PACKAGE
104-LEAD (15mm
× 15mm × 2.8mm)
TOP VIEW
TJMAX = 125°C, θJA = 15°C/W, θJC = 6°C/W,
θJA DERIVED FROM 95mm × 76mm PCB WITH 4 LAYERS
WEIGHT = 1.7g
ORDER PART NUMBER
LGA PART MARKING
LTM4600EV#PBF
LTM4600IV#PBF
LTM4600EV
LTM4600IV
Consult LTC Marketing for parts specified with wider operating temperature ranges.



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SC4539High Effi ciency Boost Converter for up to 6 LEDS 1 2 3 4 5 MoreSemtech Corporation
SC440High Effi ciency Integrated Driver for 6-Strings of 30mA LEDs 1 Semtech Corporation
SC441High Effi ciency Integrated Driver for 4-Strings of 150mA LEDs 1 Semtech Corporation
SC4538High Effi ciency Boost Converter for up to 10 LEDs 1 2 3 4 5 MoreSemtech Corporation
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
RT9263_07High Efficiency Low Supply Current Step-Up DC/DC Converter 1 2 3 4 5 MoreRichtek Technology Corporation
LS2801R5SHIGH RELIABILITY DC/DC CONVERTER 1 2 3 4 5 MoreInternational Rectifier
RT80081.5MHz 600mA High Efficiency PWM Step-Down DC/DC Converter 1 2 3 4 5 MoreRichtek Technology Corporation
RT9266Tiny Package High Efficiency Step-up DC/DC Converter 1 2 3 4 5 MoreRichtek Technology Corporation
SB10150DC10A HIGH VOLTAGE SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER 1 2 3 4 Won-Top Electronics

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl