Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM4600 Datasheet(PDF) 8 Page - Linear Technology

Part # LTM4600
Description  10A High Effi ciency DC/DC 關Module
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4600 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTM4600 Datasheet HTML 4Page - Linear Technology LTM4600 Datasheet HTML 5Page - Linear Technology LTM4600 Datasheet HTML 6Page - Linear Technology LTM4600 Datasheet HTML 7Page - Linear Technology LTM4600 Datasheet HTML 8Page - Linear Technology LTM4600 Datasheet HTML 9Page - Linear Technology LTM4600 Datasheet HTML 10Page - Linear Technology LTM4600 Datasheet HTML 11Page - Linear Technology LTM4600 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LTM4600
8
4600fa
OPERATIO
µModule Description
The LTM4600 is a standalone non-isolated synchronous
switching DC/DC power supply. It can deliver up to 10A of
DC output current with only bulk external input and output
capacitors. This module provides a precisely regulated
output voltage programmable via one external resistor from
0.6VDC to 5.0VDC, not to exceed 80% of the input voltage.
The input voltage range is 4.5V to 20V. A simplified block
diagram is shown in Figure 1 and the typical application
schematic is shown in Figure 17.
The LTM4600 contains an integrated LTC constant on-time
current-mode regulator, ultra-low RDS(ON) FETs with fast
switching speed and integrated Schottky diode. The typical
switching frequency is 800kHz at full load. With current
mode control and internal feedback loop compensation,
the LTM4600 module has sufficient stability margins and
good transient performance under a wide range of operat-
ing conditions and with a wide range of output capacitors,
even all ceramic output capacitors (X5R or X7R).
Current mode control provides cycle-by-cycle fast current
limit. In addition, foldback current limiting is provided in an
over-current condition while VFB drops. Also, the LTM4600
has defeatable short circuit latch off. Internal overvolt-
age and undervoltage comparators pull the open-drain
PGOOD output low if the output feedback voltage exits a
±10% window around the regulation point. Furthermore,
in an overvoltage condition, internal top FET Q1 is turned
off and bottom FET Q2 is turned on and held on until the
overvoltage condition clears.
Pulling the RUN/SS pin low forces the controller into its
shutdown state, turning off both Q1 and Q2. Releasing the
pin allows an internal 1.2µA current source to charge up
the softstart capacitor. When this voltage reaches 1.5V,
the controller turns on and begins switching.
At low load current the module works in continuous cur-
rent mode by default to achieve minimum output voltage
ripple. It can be programmed to operate in discontinuous
current mode for improved light load efficiency when the
FCB pin is pulled up above 0.8V and no higher than 6V.
The FCB pin has a 4.75k resistor to ground, so a resistor
to VIN can set the voltage on the FCB pin.
When EXTVCC pin is grounded or open, an integrated 5V
linear regulator powers the controller and MOSFET gate
drivers. If a minimum 4.7V external bias supply is ap-
plied on the EXTVCC pin, the internal regulator is turned
off, and an internal switch connects EXTVCC to the gate
driver voltage. This eliminates the linear regulator power
loss with high input voltage, reducing the thermal stress
on the controller. The maximum voltage on EXTVCC pin is
6V. The EXTVCC voltage should never be higher than the
VIN voltage. Also EXTVCC must be sequenced after VIN.


Similar Part No. - LTM4600

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4600 LINER-LTM4600 Datasheet
574Kb / 26P
   Low VIN, 8A DC/DC Module Regulator with Tracking, Margining, and Frequency Synchronization
LTM4600 LINER-LTM4600 Datasheet
253Kb / 22P
   Complete Switch Mode Power Supply
LTM4600EV LINER-LTM4600EV Datasheet
343Kb / 24P
   10A High Effi ciency DC/DC 關Module
LTM4600HV LINER-LTM4600HV Datasheet
374Kb / 24P
   10A, 28VIN High Effi ciency DC/DC 關Module
LTM4600HV LINER-LTM4600HV Datasheet
738Kb / 26P
   Low VIN, 8A DC/DC Module Regulator with Tracking, Margining, and Frequency Synchronization
More results

Similar Description - LTM4600

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4600 LINER-LTM4600_06 Datasheet
343Kb / 24P
   10A High Effi ciency DC/DC 關Module
LTM4600HV LINER-LTM4600HV Datasheet
374Kb / 24P
   10A, 28VIN High Effi ciency DC/DC 關Module
LTM4602 LINER-LTM4602 Datasheet
327Kb / 24P
   6A High Effi ciency DC/DC 關Module
LTM4605 LINER-LTM4605 Datasheet
281Kb / 24P
   High Effi ciency Buck-Boost DC/DC 關Module
LTM4602HV LINER-LTM4602HV Datasheet
329Kb / 24P
   6A, 28VIN High Effi ciency DC/DC 關Module
LTM4609 LINER-LTM4609 Datasheet
299Kb / 24P
   36VIN, 34VOUT High Effi ciency Buck-Boost DC/DC 關Module
LTM4607 LINER-LTM4607 Datasheet
317Kb / 24P
   36VIN, 24VOUT High Effi ciency Buck-Boost DC/DC 關Module
LTC3555 LINER-LTC3555 Datasheet
295Kb / 32P
   High Effi ciency USB Power Manager Triple Step-Down DC/DC
LTM4649 LINER-LTM4649 Datasheet
1Mb / 30P
   10A Step-Down DC/DC 關Module Regulator
logo
MicroPower Direct, LLC
MSR7805WUP MPD-MSR7805WUP Datasheet
1Mb / 4P
   Effi ciency to 95%
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com