Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-PDW-UJD-C20 Datasheet(PDF) 3 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-PDW-UJD-C20
Description  DomiLED InGaN
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-PDW-UJD-C20 Datasheet(HTML) 3 Page - BRIGHT LED ELECTRONICS CORP

  BL-PDW-UJD-C20 Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-PDW-UJD-C20 Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BL-PDW-UJD-C20 Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP BL-PDW-UJD-C20 Datasheet HTML 4Page - BRIGHT LED ELECTRONICS CORP BL-PDW-UJD-C20 Datasheet HTML 5Page - BRIGHT LED ELECTRONICS CORP BL-PDW-UJD-C20 Datasheet HTML 6Page - BRIGHT LED ELECTRONICS CORP BL-PDW-UJD-C20 Datasheet HTML 7Page - BRIGHT LED ELECTRONICS CORP BL-PDW-UJD-C20 Datasheet HTML 8Page - BRIGHT LED ELECTRONICS CORP BL-PDW-UJD-C20 Datasheet HTML 9Page - BRIGHT LED ELECTRONICS CORP Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
06/06/05
DomiLED InGaN DDx-xJx - Catalogue-v8
Page 3 of 3
Part Ordering Number
Chip Technology /
Color
Viewing
angle
Luminous Intensity @ If = 20mA
Iv ( mcd )
InGaN /
True Green, 525 nm
120
112.5 … 285.0
112.5 … 140.0
140.0 … 180.0
180.0 … 224.0
224.0 … 285.0
180.0 … 450.0
180.0 … 224.0
224.0 … 285.0
285.0 … 355.0
355.0 … 450.0
285.0 … 715.0
285.0 … 355.0
355.0 … 450.0
450.0 … 560.0
560.0 … 715.0
InGaN /
White
120
112.5 … 285.0
112.5 … 140.0
140.0 … 180.0
180.0 … 224.0
224.0 … 285.0
180.0 … 355.0
180.0 … 224.0
224.0 … 285.0
285.0 … 355.0
180.0 … 450.0
180.0 … 224.0
224.0 … 285.0
285.0 … 355.0
355.0 … 450.0
285.0 … 715.0
285.0 … 355.0
355.0 … 450.0
450.0 … 560.0
560.0 … 715.0
450.0 … 900.0
450.0 … 560.0
560.0 … 715.0
715.0 … 900.0
BL-PDT-CJS-C10
BL-PDT-SJS-C10
BL-PDT-UJS-C10
BIN R1
BIN R2
BIN S1
BIN S2
BIN S1
BIN S2
BIN T1
BIN T2
BIN T1
BIN T2
BIN U1
BIN U2
BL-PDW-CJD-C10
BL-PDW-CJD-C20
BL-PDW-SJD-C10
BL-PDW-UJD-C10
BL-PDW-UJD-C20
BIN R1
BIN R2
BIN S1
BIN S2
BIN S1
BIN S2
BIN T1
BIN S1
BIN S2
BIN T1
BIN T2
BIN T1
BIN T2
BIN U1
BIN U2
BIN U1
BIN U2
BIN V1


Similar Part No. - BL-PDW-UJD-C20

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-PDW-UJD-C20 BRIGHT-BL-PDW-UJD-C20 Datasheet
1Mb / 12P
   DomiLED InGaN
More results

Similar Description - BL-PDW-UJD-C20

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-PDW-UJD-C20 BRIGHT-BL-PDW-UJD-C20 Datasheet
1Mb / 12P
   DomiLED InGaN
BL-PDC-SJS-C10 BRIGHT-BL-PDC-SJS-C10 Datasheet
1Mb / 12P
   DomiLED InGaN High brightness surface mount LED.
BL-PDT-UJS-C10 BRIGHT-BL-PDT-UJS-C10 Datasheet
1Mb / 12P
   DomiLED InGaN High brightness surface mount LED.
BL-PDT-CJS-C10 BRIGHT-BL-PDT-CJS-C10 Datasheet
1Mb / 12P
   DomiLED InGaN High brightness surface mount LED.
BL-PDW-SJD-C10 BRIGHT-BL-PDW-SJD-C10 Datasheet
1Mb / 12P
   DomiLED InGaN High brightness surface mount LED.
BL-PDW-CJD-C20 BRIGHT-BL-PDW-CJD-C20 Datasheet
1Mb / 12P
   DomiLED InGaN High brightness surface mount LED.
BL-PDC-CJS-C10 BRIGHT-BL-PDC-CJS-C10 Datasheet
1Mb / 12P
   DomiLED InGaN High brightness surface mount LED.
BL-PDW-UJD-C10 BRIGHT-BL-PDW-UJD-C10 Datasheet
1Mb / 12P
   DomiLED InGaN High brightness surface mount LED.
BL-PDW-CJD-C10 BRIGHT-BL-PDW-CJD-C10 Datasheet
1Mb / 12P
   DomiLED InGaN High brightness surface mount LED.
BL-PWC-SJS-C20 BRIGHT-BL-PWC-SJS-C20 Datasheet
235Kb / 8P
   Power DOMILED InGan High brightness surface mount LED.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com