Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-PDB-URS-C10 Datasheet(PDF) 6 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-PDB-URS-C10
Description  Z-BEND DOMILED InGaN High brightness surface mount LED.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-PDB-URS-C10 Datasheet(HTML) 6 Page - BRIGHT LED ELECTRONICS CORP

  BL-PDB-URS-C10 Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-PDB-URS-C10 Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BL-PDB-URS-C10 Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP BL-PDB-URS-C10 Datasheet HTML 4Page - BRIGHT LED ELECTRONICS CORP BL-PDB-URS-C10 Datasheet HTML 5Page - BRIGHT LED ELECTRONICS CORP BL-PDB-URS-C10 Datasheet HTML 6Page - BRIGHT LED ELECTRONICS CORP BL-PDB-URS-C10 Datasheet HTML 7Page - BRIGHT LED ELECTRONICS CORP BL-PDB-URS-C10 Datasheet HTML 8Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AMERICAN BRIGHT OPTOELECTRONICS CORP.
Z-BEND DOMILED InGaN BL-PDx-xSx Series
V.2 Page: 6 of 8
Typical electro-optical characteristics curves:
Fig. 1 Relative luminous intensity vs. forward current.
Fig. 2 Forward current vs. forward voltage.
Fig. 3 Radiation pattern.
Fig. 4 Maximum forward current vs. temperature.
Fig. 5 Relative Intensity vs. Wavelength
Fig. 6 Dominant Wavelength vs. Forward Current
Relative Spectral Emission
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
400
450
500
550
600
650
700
750
800
Wavelength (nm)
White
Blue
True Green
Intensity vs. DC Forward Current
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
0
1020304050
FORWARD CURRENT (mA)
0.2
70°
90°
80°
0
60°
50°
40°
30°
20°
0.6
0.4
1.0
0.8
10°
0
5
10
15
20
25
10
20
30
40
50
60
70
80
90
100
Ambient Temperature
Forward Current (mA) vs. Forward Voltage
0
5
10
15
20
25
30
35
40
11.5
22.5
33.5
4
4.5
5
Forward Voltage (V)
Dominant Wavelength vs. Forward Current
468
469
470
471
472
473
474
475
476
0
5
10
15
20
25
30
IF (mA)
520
522
524
526
528
530
532
534
536
538
540
True Green
Blue


Similar Part No. - BL-PDB-URS-C10

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-PDB-URS-C10 BRIGHT-BL-PDB-URS-C10 Datasheet
253Kb / 8P
   Z-BEND DOMILED InGaN High brightness surface mount LED.
More results

Similar Description - BL-PDB-URS-C10

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-PDC-SRS-C10 BRIGHT-BL-PDC-SRS-C10 Datasheet
253Kb / 8P
   Z-BEND DOMILED InGaN High brightness surface mount LED.
BL-PDW-CRD-C10 BRIGHT-BL-PDW-CRD-C10 Datasheet
253Kb / 8P
   Z-BEND DOMILED InGaN High brightness surface mount LED.
BL-PDW-URD-C10 BRIGHT-BL-PDW-URD-C10 Datasheet
253Kb / 8P
   Z-BEND DOMILED InGaN High brightness surface mount LED.
BL-PDB-URS-C10 BRIGHT-BL-PDB-URS-C10 Datasheet
253Kb / 8P
   Z-BEND DOMILED InGaN High brightness surface mount LED.
BL-PDC-CRS-C10 BRIGHT-BL-PDC-CRS-C10 Datasheet
253Kb / 8P
   Z-BEND DOMILED InGaN High brightness surface mount LED.
BL-PDW-SRD-C10 BRIGHT-BL-PDW-SRD-C10 Datasheet
253Kb / 8P
   Z-BEND DOMILED InGaN High brightness surface mount LED.
BL-PDT-CRS-C10 BRIGHT-BL-PDT-CRS-C10 Datasheet
253Kb / 8P
   Z-BEND DOMILED InGaN High brightness surface mount LED.
BL-PDT-URS-C10 BRIGHT-BL-PDT-URS-C10 Datasheet
253Kb / 8P
   Z-BEND DOMILED InGaN High brightness surface mount LED.
BL-PDW-URD-C20 BRIGHT-BL-PDW-URD-C20 Datasheet
253Kb / 8P
   Z-BEND DOMILED InGaN High brightness surface mount LED.
BL-PDG-GRS-C10 BRIGHT-BL-PDG-GRS-C10 Datasheet
179Kb / 6P
   Z-BEND DOMILED Surface mount LED.
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com