Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BM2014 Datasheet(PDF) 1 Page - Sumida Corporation

Part # BM2014
Description  19.5횞9.5mm Max.(L횞W),14.5mm Max. Height
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

BM2014 Datasheet(HTML) 1 Page - Sumida Corporation

  BM2014 Datasheet HTML 1Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
HomePlug Transformer< Pin Type: BM Series>
Type: BM2014
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1
Product Description
19.5×9.5mm Max.(L×W),14.5mm Max. Height.
Operating frequency: 4~21MHz.
Feature
HomePlug unshielded line isolation transformer.
Ideally for powerline network applications in set-top box and other CPE data networking devices.
RoHS Compliance.
Dimensions (mm)
Land Pattern (mm)
Schematics(Bottom)
Specification(Part Number:T0104)
Characteristics
Specifications
Measuring conditions
Inductance(ls)
(1-8)
61μh min
100khz, 0.1v
Turns ratio (t/r)
(1-8): (2-7)
6:1 (±5%)
10khz, 0.1v
Turns ratio (t/r)
(1-8): (3-6)
6:1 (±5%)
10khz, 0.1v
Turns ratio (t/r)
(1-8): (4-5)
6:1 (±5%)
10khz, 0.1v
D.C.R.
(1-8)
Max. 50mΩ
at 25℃
D.C.R.
(2-7)
Max. 15mΩ
at 25℃
D.C.R.
(3-6)
Max. 15mΩ
at 25℃
D.C.R.
(4-5)
Max. 15mΩ
at 25℃
9.5Max
14.5Max
3
5
1
8
7
2
PRI
SEC
6
4


Similar Part No. - BM2014

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BM201 ETC-BM201 Datasheet
285Kb / 1P
   GENERAL SPECIFICATIONS
logo
Sumida Corporation
BM2015 SUMIDA-BM2015 Datasheet
37Kb / 1P
   21.0횞10.5mm Max.(L횞W),15.5mm Max. Height.
More results

Similar Description - BM2014

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
BM8090 SUMIDA-BM8090 Datasheet
211Kb / 1P
   8.5횞8.5mm Max.(L횞W),9.5mm Max. Height
CAS143 SUMIDA-CAS143 Datasheet
89Kb / 1P
   11.55횞3.3mm Max.(L횞W),3.55mm Max. Height
CAS113 SUMIDA-CAS113 Datasheet
84Kb / 1P
   11.55횞3.3mm Max.(L횞W),3.55mm Max. Height
BM8090N SUMIDA-BM8090N Datasheet
213Kb / 1P
   7.3횞7.3mm Max.(L횞W),7.5mm Max. Height
CAS19D17C SUMIDA-CAS19D17C Datasheet
31Kb / 1P
   19.0횞5.3mm Max.(L횞W),1.9mm Max. Height
BM8290 SUMIDA-BM8290 Datasheet
208Kb / 1P
   9.25횞8.05mm Max.(L횞W),8.85mm Max. Height.
BM2015 SUMIDA-BM2015 Datasheet
37Kb / 1P
   21.0횞10.5mm Max.(L횞W),15.5mm Max. Height.
CAS11D28 SUMIDA-CAS11D28 Datasheet
198Kb / 1P
   11.6횞3.5mm Max.(L횞W),2.95mm Max. Height
CAS11D21 SUMIDA-CAS11D21 Datasheet
201Kb / 1P
   11.6횞3.3mm Max.(L횞W),2.3mm Max. Height
BM-6N SUMIDA-BM-6N Datasheet
220Kb / 1P
   6.5횞6.5mm Max.(L횞W),5.5mm Max. Height
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com