Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-HZD39A-TRB Datasheet(PDF) 5 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-HZD39A-TRB
Description  White Mono-color type Suitable for all SMT assembly methods.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-HZD39A-TRB Datasheet(HTML) 5 Page - BRIGHT LED ELECTRONICS CORP

  BL-HZD39A-TRB Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-HZD39A-TRB Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BL-HZD39A-TRB Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP BL-HZD39A-TRB Datasheet HTML 4Page - BRIGHT LED ELECTRONICS CORP BL-HZD39A-TRB Datasheet HTML 5Page - BRIGHT LED ELECTRONICS CORP BL-HZD39A-TRB Datasheet HTML 6Page - BRIGHT LED ELECTRONICS CORP BL-HZD39A-TRB Datasheet HTML 7Page - BRIGHT LED ELECTRONICS CORP BL-HZD39A-TRB Datasheet HTML 8Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BL
L--H
HZ
ZD
D3
39
9A
A--T
TR
RB
B
SINCE 1981
Color Bin Limits(@20mA):
BIN
Chromaticity Coordinates
x
0.300
0.280
0.280
0.300
5-4
y
0.280
0.280
0.290
0.290
x
0.300
0.280
0.280
0.300
5-5
y
0.290
0.290
0.300
0.300
x
0.300
0.280
0.280
0.300
5-6
y
0.300
0.300
0.310
0.310
x
0.300
0.280
0.280
0.300
5-7
y
0.310
0.310
0.320
0.320
x
0.320
0.300
0.300
0.320
6-2
y
0.280
0.280
0.290
0.290
x
0.320
0.300
0.300
0.320
6-3
y
0.290
0.290
0.300
0.300
x
0.320
0.300
0.300
0.320
6-4
y
0.300
0.300
0.310
0.310
x
0.320
0.300
0.300
0.320
6-5
y
0.310
0.310
0.320
0.320
BI N : x
x
x
V F BIN CODE
Co lor BIN CODE
In ten s ity B I N C ODE
Ver1.1
Page 5 of 8


Similar Part No. - BL-HZD39A-TRB

ManufacturerPart #DatasheetDescription
logo
American Bright OPTOELE...
BL-HZD39A-2-TRB AMERICANBRIGHT-BL-HZD39A-2-TRB Datasheet
206Kb / 8P
   PLCC/Ceramic Based LED Components
Ver.1.0
More results

Similar Description - BL-HZD39A-TRB

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-HZD39T-TRB BRIGHT-BL-HZD39T-TRB Datasheet
199Kb / 9P
   White Mono-color type Suitable for all SMT assembly methods.
BR-HG033-12V-TRB BRIGHT-BR-HG033-12V-TRB Datasheet
206Kb / 6P
   White Mono-color type Suitable for all SMT assembly methods.
BL-HZ434A-TRB BRIGHT-BL-HZ434A-TRB Datasheet
219Kb / 8P
   White Mono-color type Suitable for all SMT assembly methods.
BL-HZP39M-TRB BRIGHT-BL-HZP39M-TRB Datasheet
281Kb / 9P
   White Mono-color type Suitable for all SMT assembly methods.
BL-HZF39G-TRB BRIGHT-BL-HZF39G-TRB Datasheet
196Kb / 8P
   White Mono-color type Suitable for all SMT assembly methods.
BR-HY033-05V-TRB BRIGHT-BR-HY033-05V-TRB Datasheet
287Kb / 6P
   Yellow Mono-color type Suitable for all SMT assembly methods.
BL-HG536A-TRB BRIGHT-BL-HG536A-TRB Datasheet
225Kb / 8P
   Yellow Green Mono-color type Suitable for all SMT assembly methods
BR-HUB33-05V-TRB BRIGHT-BR-HUB33-05V-TRB Datasheet
287Kb / 6P
   Super Red Mono-color type Suitable for all SMT assembly methods.
BL-HG635A-TRB BRIGHT-BL-HG635A-TRB Datasheet
192Kb / 6P
   Green Suitable for all SMT assembly methods.
BL-HY033-TRB BRIGHT-BL-HY033-TRB Datasheet
290Kb / 7P
   Yellow Suitable for all SMT assembly methods.
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com