Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAA373 Datasheet(PDF) 1 Page - Sumida Corporation

Part # CAA373
Description  37.9횞28.0mm Max.(Diameter),3.9mm Max. Height
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CAA373 Datasheet(HTML) 1 Page - Sumida Corporation

  CAA373 Datasheet HTML 1Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Transponder RX antenna< SMD Type: CAA Series>
Type: CAA373
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1
Product Description
37.9×28.0mm Max.(Diameter),3.9mm Max. Height.
Operating temperature: -40℃~+85℃.
Feature
LF transponder receiver antenna.
Ideally used in keyless smart entry system.
RoHS Compliance.
Dimensions (mm)
Schematics(Bottom)
Specification
2-1)
Measuring conditions
Inductance
1.32mH±3% Within
125kHz,1V
Unloaded Q
37±20%
Within
125kHz,1V
.C.R.
24Ω±20% Within
at
20℃
S.R.F
400kHz
Min.
“S” is winding start.
11.5±0.3
1.0±0.1
MAX.3.9
MAX.37.9
16.0±0.3
MIN.0.2
S


Similar Part No. - CAA373

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
CAA33-12 OKAYA-CAA33-12 Datasheet
242Kb / 1P
   SILICON SURGE ABSORBER
CAA33-4 OKAYA-CAA33-4 Datasheet
242Kb / 1P
   SILICON SURGE ABSORBER
CAA33-8 OKAYA-CAA33-8 Datasheet
242Kb / 1P
   SILICON SURGE ABSORBER
More results

Similar Description - CAA373

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CAK15D14 SUMIDA-CAK15D14 Datasheet
91Kb / 1P
   過14.7mm Max.(Diameter), 1.6mm Max. Height.
CAA17D24A SUMIDA-CAA17D24A Datasheet
234Kb / 1P
   過17.3mm Max.(Diameter),2.9mm Max. Height.
CAS19D17C SUMIDA-CAS19D17C Datasheet
31Kb / 1P
   19.0횞5.3mm Max.(L횞W),1.9mm Max. Height
BM8290 SUMIDA-BM8290 Datasheet
208Kb / 1P
   9.25횞8.05mm Max.(L횞W),8.85mm Max. Height.
BM2014 SUMIDA-BM2014 Datasheet
214Kb / 1P
   19.5횞9.5mm Max.(L횞W),14.5mm Max. Height
BM8090 SUMIDA-BM8090 Datasheet
211Kb / 1P
   8.5횞8.5mm Max.(L횞W),9.5mm Max. Height
BM2015 SUMIDA-BM2015 Datasheet
37Kb / 1P
   21.0횞10.5mm Max.(L횞W),15.5mm Max. Height.
CAS11D28 SUMIDA-CAS11D28 Datasheet
198Kb / 1P
   11.6횞3.5mm Max.(L횞W),2.95mm Max. Height
CAS11D21 SUMIDA-CAS11D21 Datasheet
201Kb / 1P
   11.6횞3.3mm Max.(L횞W),2.3mm Max. Height
BM-6N SUMIDA-BM-6N Datasheet
220Kb / 1P
   6.5횞6.5mm Max.(L횞W),5.5mm Max. Height
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com