Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-HS133-TRB Datasheet(PDF) 5 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-HS133-TRB
Description  SURFACE MOUNT CHIP LED LAMPS SPECIFICATION
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-HS133-TRB Datasheet(HTML) 5 Page - BRIGHT LED ELECTRONICS CORP

  BL-HS133-TRB Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-HS133-TRB Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BL-HS133-TRB Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP BL-HS133-TRB Datasheet HTML 4Page - BRIGHT LED ELECTRONICS CORP BL-HS133-TRB Datasheet HTML 5Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
    
   
  (

    
  



  
!"#$""!"$%!"&! !"!'((


)*+,


- ."!'
%/%$%0%"&&%1



 . 
!" 2(


34(


*


5."!,#"%
$"!" ,'*


)6-."!(%/%)7-
 )18/! -




 % )91 -
!" ,(


3*(


5."!,(3:(%/
$"!" ,2*


*


 ."!*%/,4(


 )7-
 )18/! -
,  
#%"&";""/%""!$7<%$"= %.!"%7$%
"! !"#$"
 #%" & "; " & "! $7< % $"  =  % ."! !  %!$
"/%/!%"!%&%""!#"!;




 
 


 



   !!"
#$%!"&' 



Similar Part No. - BL-HS133-TRB

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-HS133-TR BRIGHT-BL-HS133-TR Datasheet
305Kb / 7P
   SURFACE MOUNT CHIP LED LAMP
More results

Similar Description - BL-HS133-TRB

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-HE1Y033-TRB BRIGHT-BL-HE1Y033-TRB Datasheet
250Kb / 6P
   SURFACE MOUNT CHIP LED LAMPS SPECIFICATION
BL-HF034C-TRB BRIGHT-BL-HF034C-TRB Datasheet
252Kb / 6P
   SURFACE MOUNT CHIP LED LAMPS SPECIFICATION
BL-HG435A-TRB BRIGHT-BL-HG435A-TRB Datasheet
278Kb / 7P
   SURFACE MOUNT CHIP LED LAMPS SPECIFICATION
BL-HX135A-TRB BRIGHT-BL-HX135A-TRB Datasheet
248Kb / 6P
   SURFACE MOUNT CHIP LED LAMPS SPECIFICATION
BL-HJF34A-TRB BRIGHT-BL-HJF34A-TRB Datasheet
252Kb / 6P
   SURFACE MOUNT CHIP LED LAMPS SPECIFICATION
BL-HKD33A-TRB BRIGHT-BL-HKD33A-TRB Datasheet
290Kb / 7P
   SURFACE MOUNT CHIP LED LAMPS SPECIFICATION
BL-HKD35A-TRB BRIGHT-BL-HKD35A-TRB Datasheet
231Kb / 5P
   SURFACE MOUNT CHIP LED LAMPS SPECIFICATION
BL-HG033A-TRB BRIGHT-BL-HG033A-TRB Datasheet
237Kb / 6P
   SURFACE MOUNT CHIP LED LAMPS SPECIFICATION
BL-HE1Y034B-TRB BRIGHT-BL-HE1Y034B-TRB Datasheet
272Kb / 6P
   SURFACE MOUNT CHIP LED LAMPS SPECIFICATION
BL-XE1361-TR9 BRIGHT-BL-XE1361-TR9 Datasheet
255Kb / 6P
   SURFACE MOUNT CHIP LED LAMPS SPECIFICATION
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com