Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-HJFGE34B-TRB Datasheet(PDF) 3 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-HJFGE34B-TRB
Description  LED Super Amber and Suitable for all SMT assembly methods.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-HJFGE34B-TRB Datasheet(HTML) 3 Page - BRIGHT LED ELECTRONICS CORP

  BL-HJFGE34B-TRB Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-HJFGE34B-TRB Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BL-HJFGE34B-TRB Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP BL-HJFGE34B-TRB Datasheet HTML 4Page - BRIGHT LED ELECTRONICS CORP BL-HJFGE34B-TRB Datasheet HTML 5Page - BRIGHT LED ELECTRONICS CORP BL-HJFGE34B-TRB Datasheet HTML 6Page - BRIGHT LED ELECTRONICS CORP BL-HJFGE34B-TRB Datasheet HTML 7Page - BRIGHT LED ELECTRONICS CORP BL-HJFGE34B-TRB Datasheet HTML 8Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BL
L--H
HJJF
FG
GE
E3
34
4B
B--T
TR
RB
B
SINCE 1981
Electrical and optical characteristics(Ta=25℃)
Parameter
Symbol
Condition
Color
Min.
Typ.
Max.
Unit
Forward Voltage
Vf
IF=20mA
Super Amber
Super Yellow Green
-
2.1
2.0
2.6
2.6
V
Luminous Intensity
Iv
IF=20mA
Super Amber
Super Yellow Green
28
18.5
50
35
-
mcd
Reverse Current
IR
VR=5V
Super Amber
Super Yellow Green
-
-
100
µA
Peak Wave Length
λ
p
IF=20mA
Super Amber
Super Yellow Green
-
610
570
-
nm
Dominant Wave Length
λ
d
IF=20mA
Super Amber
Super Yellow Green
600
566
-
610
576
nm
Spectral Line Half-width
Δλ
IF=20mA
Super Amber
Super Yellow Green
-
17
30
-
nm
Viewing Angle
1/2
IF=20mA
Super Amber
Super Yellow Green
-
100
-
deg
● Typical Electro-Optical Characteristics Curves
Forward current (mA)
0
10
520
1.0
2.0
3.0
40
30
50
Wavelength (nm)
Fig.3 Forward current vs. forward voltage
Forward voltage(V)
Fig.5 Relative luminous intensity vs. forward current
4.0
0
2
1
10
20
30
40
(A)
400
0
500
A
Ambient temperature Ta( C)
0.5
4
35
0
-40
1.0
0
-20
20
40
60
3.0
1.5
2.0
2.5
700
600
Fig.4 Relative luminous intensity vs.
ambient temperature
Ambient temperature Ta( C)
Fig.1 Relative intensity vs. wavelength
0.5
1.0
(G)
vs. ambient temperature
0
10
10
20
30
40
20
60
80
100
50
40
(A)
60
Fig.2 Forward current derating curve
(G)
(A)
(G)
Fig.6 Radiation diagram
0.7
0.9
0.8
1.0
0.5
0.3
0.1
0.2
0
10
70
0.4
90
0.6
80
60
50
40
20
30
Ver.1.1
Page 2 of 7


Similar Part No. - BL-HJFGE34B-TRB

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BL-HJFGE34B YSTONE-BL-HJFGE34B Datasheet
447Kb / 1P
   SURFACE MOUNT DUAL COLOR LED LAMPS
More results

Similar Description - BL-HJFGE34B-TRB

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-HJF36D-TRB BRIGHT-BL-HJF36D-TRB Datasheet
214Kb / 7P
   LED Super Amber Suitable for all SMT assembly methods.
BL-HJF35A-TRB BRIGHT-BL-HJF35A-TRB Datasheet
203Kb / 7P
   LED Super Amber Suitable for all SMT assembly methods.
BL-HJF34C-TRB BRIGHT-BL-HJF34C-TRB Datasheet
196Kb / 6P
   LED Super Amber Suitable for all SMT assembly methods.
BL-HJF36A-TRB BRIGHT-BL-HJF36A-TRB Datasheet
306Kb / 8P
   LED Super Amber Suitable for all SMT assembly methods.
BL-HJ836A-TRB BRIGHT-BL-HJ836A-TRB Datasheet
225Kb / 8P
   Super Amber Suitable for all SMT assembly methods.
BL-HKB34C-TRB BRIGHT-BL-HKB34C-TRB Datasheet
197Kb / 6P
   LED Super Yellow Suitable for all SMT assembly methods.
BL-HJB36A-TRB BRIGHT-BL-HJB36A-TRB Datasheet
225Kb / 7P
   LED Super Orange Suitable for all SMT assembly methods.
BL-HJB36D-TRB BRIGHT-BL-HJB36D-TRB Datasheet
271Kb / 7P
   LED Super Orange Suitable for all SMT assembly methods.
BL-HJB34A-TRB BRIGHT-BL-HJB34A-TRB Datasheet
214Kb / 8P
   LED Super Orange Suitable for all SMT assembly methods.
BL-HJB34C-TRB BRIGHT-BL-HJB34C-TRB Datasheet
269Kb / 6P
   LED Super Orange Suitable for all SMT assembly methods.
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com