Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

12508BR-10 Datasheet(PDF) 1 Page - YEONHO ELECTRONICS

Part # 12508BR-10
Description  1.25mm PITCH CONNECTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEONHO [YEONHO ELECTRONICS]
Direct Link  http://www.yeonho.com
Logo YEONHO - YEONHO ELECTRONICS

12508BR-10 Datasheet(HTML) 1 Page - YEONHO ELECTRONICS

  12508BR-10 Datasheet HTML 1Page - YEONHO ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Material
Material
Material
Material
I/NO
I/NO
I/NO
I/NO DESCRIPTION
DESCRIPTION
DESCRIPTION
DESCRIPTION
MATERIAL
MATERIAL
MATERIAL
MATERIAL
1
HOUSING
PPS, UL94V-0
2
TERMINAL
Phosphor Bronze, Tin-plated
Available Pin
Available Pin
Available Pin
Available Pin
PARTS
PARTS
PARTS
PARTS NO.
NO.
NO.
NO.
AAAA
BBBB
CCCC
12508BR-04
7.50
6.35
3.75
12508BR-05
8.75
7.60
5.00
12508BR-06
10.00
8.85
6.25
12508BR-07
11.25
10.10
7.50
12508BR-08
12.50
11.35
8.75
12508BR-09
13.75
12.60
10.00
12508BR-10
15.00
13.85
11.25
12508BR-11
16.25
15.10
12.50
12508BR-12
17.50
16.35
13.75
12508BR-13
18.75
17.60
15.00
12508BR-14
20.00
18.85
16.25
12508BR-15
21.25
20.10
17.50
12508BR-16
22.50
21.35
18.75
12508BR-17
23.75
22.60
20.00
12508BR-18
25.00
23.85
21.25
12508BR-19
26.25
25.10
22.50
12508BR-20
27.50
26.35
2375
12508BR-21
28.75
27.60
25.00
12508BR-22
30.00
28.85
26.25
12508BR-23
31.25
30.10
27.50
12508BR-24
32.50
31.35
28.75
12508BR-25
33.75
32.60
30.00
12508BR-26
35.00
33.85
31.25
12508BR-27
36.25
35.10
32.50
12508BR-28
37.50
36.35
33.75
12508BR-29
38.75
37.60
35.00
12508BR-30
40.00
38.85
36.25
Specification
Specification
Specification
Specification
ITEM
ITEM
ITEM
ITEM
SPEC
SPEC
SPEC
SPEC
Voltage Rating
AC/DC 250V
Current Rating
AC/DC 1A
Operating Temperature
-25
~+85
Contact Resistance
30m
MAX
Withstanding Voltage
AC250V/1min
Insulation Resistance
500M
MIN
Applicable Wire
-
Applicable P.C.B
0.8 ~ 1.6mm
Applicable FPC/FFC
0.3±0.03mm
Solder Height
0.15mm
Crimp Tensile Strength
-
UL FILE NO
-
Yeonho Electronics
Yeonho Electronics
Yeonho Electronics
Yeonho Electronics
http://www.yeonho.com
http://www.yeonho.com
http://www.yeonho.com
http://www.yeonho.com
38
38
38
38
PCB
PCB
PCB
PCB LAYOUT (12508BR-NN)
LAYOUT (12508BR-NN)
LAYOUT (12508BR-NN)
LAYOUT (12508BR-NN)
PCB ASS‘Y
PCB ASS‘Y
PCB ASS‘Y
PCB ASS‘Y (12508BR-NN)
(12508BR-NN)
(12508BR-NN)
(12508BR-NN)


Similar Part No. - 12508BR-10

ManufacturerPart #DatasheetDescription
logo
YEONHO ELECTRONICS
12508BR-10A00 YEONHO-12508BR-10A00 Datasheet
530Kb / 1P
   1.25mm PITCH CONNECTOR
More results

Similar Description - 12508BR-10

ManufacturerPart #DatasheetDescription
logo
YEONHO ELECTRONICS
12507TS YEONHO-12507TS Datasheet
216Kb / 1P
   1.25mm PITCH CONNECTOR
12507WR YEONHO-12507WR Datasheet
299Kb / 1P
   1.25mm PITCH CONNECTOR
12511HB YEONHO-12511HB Datasheet
652Kb / 1P
   1.25mm PITCH CONNECTOR
12513HS YEONHO-12513HS Datasheet
350Kb / 1P
   1.25mm PITCH CONNECTOR
12521HS YEONHO-12521HS Datasheet
227Kb / 1P
   1.25mm PITCH CONNECTOR
12507WR-NNL YEONHO-12507WR-NNL Datasheet
392Kb / 1P
   1.25mm PITCH CONNECTOR
12521TS YEONHO-12521TS Datasheet
144Kb / 1P
   1.25mm PITCH CONNECTOR
12517HS-06 YEONHO-12517HS-06_07 Datasheet
242Kb / 1P
   1.25mm PITCH CONNECTOR
12516HS-04 YEONHO-12516HS-04_06 Datasheet
1Mb / 1P
   1.25mm PITCH CONNECTOR
12505TS YEONHO-12505TS Datasheet
223Kb / 1P
   1.25mm PITCH CONNECTOR
12505WS YEONHO-12505WS Datasheet
400Kb / 1P
   1.25mm PITCH CONNECTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com