Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP3C6416CGLZA300 Datasheet(PDF) 1 Page - Texas Instruments

Part # TMP3C6416CGLZA300
Description  FIXED-POINT DIGITAL SIGNAL PROCESSORS
Download  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP3C6416CGLZA300 Datasheet(HTML) 1 Page - Texas Instruments

  TMP3C6416CGLZA300 Datasheet HTML 1Page - Texas Instruments TMP3C6416CGLZA300 Datasheet HTML 2Page - Texas Instruments TMP3C6416CGLZA300 Datasheet HTML 3Page - Texas Instruments TMP3C6416CGLZA300 Datasheet HTML 4Page - Texas Instruments TMP3C6416CGLZA300 Datasheet HTML 5Page - Texas Instruments TMP3C6416CGLZA300 Datasheet HTML 6Page - Texas Instruments TMP3C6416CGLZA300 Datasheet HTML 7Page - Texas Instruments TMP3C6416CGLZA300 Datasheet HTML 8Page - Texas Instruments TMP3C6416CGLZA300 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 139 page
background image
TMS320C6414, TMS320C6415, TMS320C6416
FIXEDPOINT DIGITAL SIGNAL PROCESSORS
SPRS146L − FEBRUARY 2001 − REVISED JULY 2004
1
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
D Highest-Performance Fixed-Point Digital
Signal Processors (DSPs)
− 2-, 1.67-, 1.39-ns Instruction Cycle Time
− 500-, 600-, 720-MHz Clock Rate
− Eight 32-Bit Instructions/Cycle
− Twenty-Eight Operations/Cycle
− 4000, 4800, 5760 MIPS
− Fully Software-Compatible With C62x
− C6414/15/16 Devices Pin-Compatible
D VelociTI.2 Extensions to VelociTI
Advanced Very-Long-Instruction-Word
(VLIW) TMS320C64x
 DSP Core
− Eight Highly Independent Functional
Units With VelociTI.2
 Extensions:
− Six ALUs (32-/40-Bit), Each Supports
Single 32-Bit, Dual 16-Bit, or Quad
8-Bit Arithmetic per Clock Cycle
− Two Multipliers Support
Four 16 x 16-Bit Multiplies
(32-Bit Results) per Clock Cycle or
Eight 8 x 8-Bit Multiplies
(16-Bit Results) per Clock Cycle
− Non-Aligned Load-Store Architecture
− 64 32-Bit General-Purpose Registers
− Instruction Packing Reduces Code Size
− All Instructions Conditional
D Instruction Set Features
− Byte-Addressable (8-/16-/32-/64-Bit Data)
− 8-Bit Overflow Protection
− Bit-Field Extract, Set, Clear
− Normalization, Saturation, Bit-Counting
− VelociTI.2
 Increased Orthogonality
D Viterbi Decoder Coprocessor (VCP) [C6416]
− Supports Over 600 7.95-Kbps AMR
− Programmable Code Parameters
D Turbo Decoder Coprocessor (TCP) [C6416]
− Supports up to 7 2-Mbps or
43 384-Kbps 3GPP (6 Iterations)
− Programmable Turbo Code and
Decoding Parameters
D L1/L2 Memory Architecture
− 128K-Bit (16K-Byte) L1P Program Cache
(Direct Mapped)
− 128K-Bit (16K-Byte) L1D Data Cache
(2-Way Set-Associative)
− 8M-Bit (1024K-Byte) L2 Unified Mapped
RAM/Cache (Flexible Allocation)
D Two External Memory Interfaces (EMIFs)
− One 64-Bit (EMIFA), One 16-Bit (EMIFB)
− Glueless Interface to Asynchronous
Memories (SRAM and EPROM) and
Synchronous Memories (SDRAM,
SBSRAM, ZBT SRAM, and FIFO)
− 1280M-Byte Total Addressable External
Memory Space
D Enhanced Direct-Memory-Access (EDMA)
Controller (64 Independent Channels)
D Host-Port Interface (HPI)
− User-Configurable Bus Width (32-/16-Bit)
D 32-Bit/33-MHz, 3.3-V PCI Master/Slave
Interface Conforms to PCI Specification 2.2
[C6415/C6416 ]
− Three PCI Bus Address Registers:
Prefetchable Memory
Non-Prefetchable Memory I/O
− Four-Wire Serial EEPROM Interface
− PCI Interrupt Request Under DSP
Program Control
− DSP Interrupt Via PCI I/O Cycle
D Three Multichannel Buffered Serial Ports
− Direct Interface to T1/E1, MVIP, SCSA
Framers
− Up to 256 Channels Each
− ST-Bus-Switching-, AC97-Compatible
− Serial Peripheral Interface (SPI)
Compatible (Motorola
)
D Three 32-Bit General-Purpose Timers
D Universal Test and Operations PHY
Interface for ATM (UTOPIA) [C6415/C6416]
− UTOPIA Level 2 Slave ATM Controller
− 8-Bit Transmit and Receive Operations
up to 50 MHz per Direction
− User-Defined Cell Format up to 64 Bytes
D Sixteen General-Purpose I/O (GPIO) Pins
D Flexible PLL Clock Generator
D IEEE-1149.1 (JTAG)
Boundary-Scan-Compatible
D 532-Pin Ball Grid Array (BGA) Package
(GLZ and ZLZ Suffix), 0.8-mm Ball Pitch
D 0.13-µm/6-Level Cu Metal Process (CMOS)
D 3.3-V I/Os, 1.2-V/1.25-V Internal (500 MHz)
D 3.3-V I/Os, 1.4-V Internal (600 and 720 MHz)
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
This document contains information on products in more than one phase
of development. The status of each device is indicated on the page(s)
specifying its electrical characteristics.
Copyright
 2004 Texas Instruments Incorporated
C62x, VelociTI.2, VelociTI, and TMS320C64x are trademarks of Texas Instruments.
Motorola is a trademark of Motorola, Inc.
† IEEE Standard 1149.1-1990 Standard-Test-Access Port and Boundary Scan Architecture.


Similar Part No. - TMP3C6416CGLZA300

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TMP30 TRUMPOWER-TMP30 Datasheet
191Kb / 2P
   30 WATT MEDICAL POWER ADAPTERS
TMP30-05 TRUMPOWER-TMP30-05 Datasheet
191Kb / 2P
   30 WATT MEDICAL POWER ADAPTERS
TMP30-06 TRUMPOWER-TMP30-06 Datasheet
191Kb / 2P
   30 WATT MEDICAL POWER ADAPTERS
TMP30-09 TRUMPOWER-TMP30-09 Datasheet
191Kb / 2P
   30 WATT MEDICAL POWER ADAPTERS
TMP30-12 TRUMPOWER-TMP30-12 Datasheet
191Kb / 2P
   30 WATT MEDICAL POWER ADAPTERS
More results

Similar Description - TMP3C6416CGLZA300

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320VC5407 TI-TMS320VC5407 Datasheet
1Mb / 110P
[Old version datasheet]   Fixed-Point Digital Signal Processors
TMS320C6211B TI-TMS320C6211B Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SM320C6414-EP TI1-SM320C6414-EP Datasheet
1,019Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SMJ320C6414 TI1-SMJ320C6414_16 Datasheet
1Mb / 134P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI-TMS320C6202 Datasheet
1Mb / 86P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI1-TMS320C6202_16 Datasheet
2Mb / 110P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C54X TI1-TMS320C54X_16 Datasheet
1Mb / 118P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320VC5510 TI1-TMS320VC5510_17 Datasheet
1Mb / 90P
[Old version datasheet]   Fixed-Point Digital Signal Processors
SM320C6414-EP TI1-SM320C6414-EP_16 Datasheet
1,010Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6416TBGLZA8 TI-TMS320C6416TBGLZA8 Datasheet
2Mb / 148P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com