Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP3999ILDX-3.0 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3999ILDX-3.0
Description  Low Noise 150mA Voltage Regulator for RF/Analog Applications
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3999ILDX-3.0 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP3999ILDX-3.0 Datasheet HTML 1Page - National Semiconductor (TI) LP3999ILDX-3.0 Datasheet HTML 2Page - National Semiconductor (TI) LP3999ILDX-3.0 Datasheet HTML 3Page - National Semiconductor (TI) LP3999ILDX-3.0 Datasheet HTML 4Page - National Semiconductor (TI) LP3999ILDX-3.0 Datasheet HTML 5Page - National Semiconductor (TI) LP3999ILDX-3.0 Datasheet HTML 6Page - National Semiconductor (TI) LP3999ILDX-3.0 Datasheet HTML 7Page - National Semiconductor (TI) LP3999ILDX-3.0 Datasheet HTML 8Page - National Semiconductor (TI) LP3999ILDX-3.0 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LP3999
Low Noise 150mA Voltage Regulator for RF/Analog
Applications
General Description
The LP3999 regulator is designed to meet the requirements
of portable wireless battery-powered applications and will
provide an accurate output voltage with low noise and low
quiescent current. Ideally suited for powering RF/Analog
devices this device will also be used to meet more general
circuit requirements.
For battery powered applications the low dropout and low
ground current provided by the device allows the lifetime of
the battery to be maximized.The inclusion of an Enable(dis-
able) control can be used by the system to further extend the
battery lifetime by reducing the power consumption to virtu-
ally zero. Should the application require a device with an
active disable function please refer to device LP3995.
The LP3999 also features internal protection against short-
circuit currents and over-temperature conditions.
The LP3999 is designed to be stable with small 1.0 µF
ceramic capacitors. The small outline of the LP3999 micro
SMD package with the required ceramic capacitors can
realize a system application within minimal board area.
Performance is specified for a −40˚C to +125˚C temperature
range.
The device is available in micro SMD package and LLP
package. For other package options contact your local NSC
sales office.
The device is available in fixed output voltages in the ranges
of 1.5V to 3.3V. For availability, please contact your local
NSC sales office.
Key Specifications
n
2.5V to 6.0V Input Range
n
Accurate Output Voltage; ±75mV / 2%
n
60 mV Typical Dropout with 150 mA Load. V
out > 2.5V
n
Virtually Zero Quiescent Current when Disabled
n
10 µVrms output noise over 10Hz to 100kHz
n
Stable witha1µF Output Capacitor
n
Guaranteed 150 mA Output Current
n
Fast Turn-on Time; 140 µs (Typ.)
Features
n
5 pin micro SMD Package
n
6 pin LLP Package
n
Stable with Ceramic Capacitor
n
Logic Controlled Enable
n
Fast Turn-on
n
Thermal-overload and short-circuit protection
n
−40 to +125˚C junction temperature range for operation
Applications
n
GSM Portable Phones
n
CDMA Cellular Handsets
n
Wideband CDMA Cellular Handsets
n
Bluetooth Devices
n
Portable Information Appliances
n
Handheld MP3 Devices
Typical Application Circuit
20052001
December 2003
© 2003 National Semiconductor Corporation
DS200520
www.national.com


Similar Part No. - LP3999ILDX-3.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3999ITL-1.5 NSC-LP3999ITL-1.5 Datasheet
695Kb / 12P
   Low Noise 150mA Voltage Regulator for RF/Analog Applications
LP3999ITL-1.5 NSC-LP3999ITL-1.5 Datasheet
689Kb / 12P
   Low Noise 150mA Voltage Regulator for RF/Analog Applications
LP3999ITL-1.5NOPB NSC-LP3999ITL-1.5NOPB Datasheet
695Kb / 12P
   Low Noise 150mA Voltage Regulator for RF/Analog Applications
LP3999ITL-1.5NOPB NSC-LP3999ITL-1.5NOPB Datasheet
689Kb / 12P
   Low Noise 150mA Voltage Regulator for RF/Analog Applications
LP3999ITL-1.6 NSC-LP3999ITL-1.6 Datasheet
695Kb / 12P
   Low Noise 150mA Voltage Regulator for RF/Analog Applications
More results

Similar Description - LP3999ILDX-3.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3999 NSC-LP3999 Datasheet
695Kb / 12P
   Low Noise 150mA Voltage Regulator for RF/Analog Applications
LP3999 NSC-LP3999_06 Datasheet
689Kb / 12P
   Low Noise 150mA Voltage Regulator for RF/Analog Applications
logo
Texas Instruments
LP3999 TI1-LP3999 Datasheet
1,011Kb / 19P
[Old version datasheet]   LP3999 Low Noise 150mA Voltage Regulator for RF/Analog Applications
LP3999 TI-LP3999_15 Datasheet
979Kb / 19P
[Old version datasheet]   LP3999 Low Noise 150mA Voltage Regulator for RF/Analog Applications
logo
Taiwan Semiconductor Co...
TS5204CQ33 TSC-TS5204CQ33 Datasheet
186Kb / 8P
   150mA Low Noise LDO Voltage Regulator
TS5204 TSC-TS5204_11 Datasheet
177Kb / 8P
   150mA Low Noise LDO Voltage Regulator
logo
Exar Corporation
SPX5205 EXAR-SPX5205 Datasheet
4Mb / 8P
   150mA, LOW-NOISE LDO VOLTAGE REGULATOR
logo
Calogic, LLC
CLM5205 CALOGIC-CLM5205 Datasheet
46Kb / 3P
   150mA Low-Noise LDO Voltage Regulator
logo
Taiwan Semiconductor Co...
TS5204 TSC-TS5204_1 Datasheet
190Kb / 4P
   150mA Low Noise LDO Voltage Regulator
TS5204 TSC-TS5204_06 Datasheet
141Kb / 4P
   150mA Low Noise LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com