Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-HE133A-TRB Datasheet(PDF) 3 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-HE133A-TRB
Description  Hi-Eff Red Suitable for all SMT assembly methods.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-HE133A-TRB Datasheet(HTML) 3 Page - BRIGHT LED ELECTRONICS CORP

  BL-HE133A-TRB Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-HE133A-TRB Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BL-HE133A-TRB Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP BL-HE133A-TRB Datasheet HTML 4Page - BRIGHT LED ELECTRONICS CORP BL-HE133A-TRB Datasheet HTML 5Page - BRIGHT LED ELECTRONICS CORP BL-HE133A-TRB Datasheet HTML 6Page - BRIGHT LED ELECTRONICS CORP BL-HE133A-TRB Datasheet HTML 7Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BL
L--H
HE
E1
13
33
3A
A--T
TR
RB
B
SINCE 1981
● Tapping and packaging specifications(Units: mm)
TRAILER
LEADER
FIXING TAPE
13.0± 0.5
0.1
0.1
USER DIRECTION OF FEED
±
4.0
START
1.98±
NOTE: 3000 pcs PER REEL
1.5± 0.1
0.1
±
4.0
2.0± 0.05
0.3
END
±
1.46 0.1
Package Method:(unit:mm)
470
245
220
Aluminum Foil Bag
Bar Code Label
3000 pcs/reel
220
6 box/carton
645
210
185
12 bag/box
200
Ver.1.0
Page 3 of 7


Similar Part No. - BL-HE133A-TRB

ManufacturerPart #DatasheetDescription
logo
American Bright OPTOELE...
BL-HE133A-TRB AMERICANBRIGHT-BL-HE133A-TRB Datasheet
226Kb / 7P
   Top Emitting SMT LED Components
Ver.1.0
More results

Similar Description - BL-HE133A-TRB

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-HE134C-TRB BRIGHT-BL-HE134C-TRB Datasheet
210Kb / 7P
   Hi-Eff Red Suitable for all SMT assembly methods.
BL-HE133-TRB BRIGHT-BL-HE133-TRB Datasheet
228Kb / 7P
   Hi-Eff Red Suitable for all SMT assembly methods.
BL-HE134A-TRB BRIGHT-BL-HE134A-TRB Datasheet
213Kb / 7P
   Hi-Eff Red Suitable for all SMT assembly methods.
BL-HE136D-TRB BRIGHT-BL-HE136D-TRB Datasheet
216Kb / 7P
   Hi-Eff Red Suitable for all SMT assembly methods.
BL-HE135A-TRB BRIGHT-BL-HE135A-TRB Datasheet
202Kb / 7P
   Hi-Eff Red Suitable for all SMT assembly methods.
BL-HE1G034B-TRB BRIGHT-BL-HE1G034B-TRB Datasheet
285Kb / 7P
   Hi-Eff Red and Suitable for all SMT assembly methods.
BL-HE1Y033B-TRB BRIGHT-BL-HE1Y033B-TRB Datasheet
230Kb / 7P
   Hi-Eff Red and Yellow Suitable for all SMT assembly methods.
BL-HX136D-TRB BRIGHT-BL-HX136D-TRB Datasheet
271Kb / 7P
   Hi-Eff Green Suitable for all SMT assembly methods.
BL-HX134A-TRB BRIGHT-BL-HX134A-TRB Datasheet
228Kb / 7P
   Hi-Eff Green Suitable for all SMT assembly methods.
BL-HX133A-TRB BRIGHT-BL-HX133A-TRB Datasheet
215Kb / 7P
   Hi-Eff Green Suitable for all SMT assembly methods.
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com