Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-HD033A-TRB Datasheet(PDF) 4 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-HD033A-TRB
Description  Super Red Suitable for all SMT assembly methods.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-HD033A-TRB Datasheet(HTML) 4 Page - BRIGHT LED ELECTRONICS CORP

  BL-HD033A-TRB Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-HD033A-TRB Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BL-HD033A-TRB Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP BL-HD033A-TRB Datasheet HTML 4Page - BRIGHT LED ELECTRONICS CORP BL-HD033A-TRB Datasheet HTML 5Page - BRIGHT LED ELECTRONICS CORP BL-HD033A-TRB Datasheet HTML 6Page - BRIGHT LED ELECTRONICS CORP BL-HD033A-TRB Datasheet HTML 7Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BL
L--H
HD
D0
03
33
3A
A--T
TR
RB
B
SINCE 1981
Bin Limits
Intensit y Bin Limits (At 20mA)
BIN CO DE
Min. (mcd)
Max. (mcd)
M
24. 0
48. 0
N
37. 0
72. 0
P
55. 0
110. 0
Q
82. 0
16 0. 0
BIN:
x
In tensity BIN CODE
Ver.2.0 Page 4 of 7


Similar Part No. - BL-HD033A-TRB

ManufacturerPart #DatasheetDescription
logo
American Bright OPTOELE...
BL-HD033A-TRB AMERICANBRIGHT-BL-HD033A-TRB Datasheet
284Kb / 7P
   Top Emitting SMT LED Components
Ver.2.0
More results

Similar Description - BL-HD033A-TRB

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-HUB34C-TRB BRIGHT-BL-HUB34C-TRB Datasheet
198Kb / 6P
   Super Red Suitable for all SMT assembly methods.
BL-HD036D-TRB BRIGHT-BL-HD036D-TRB Datasheet
217Kb / 7P
   Super Red Suitable for all SMT assembly methods.
BL-HF034A-TRB BRIGHT-BL-HF034A-TRB Datasheet
322Kb / 7P
   Super Red Suitable for all SMT assembly methods.
BL-HF036D-TRB BRIGHT-BL-HF036D-TRB Datasheet
217Kb / 7P
   Super Red Suitable for all SMT assembly methods.
BL-HUB35A-TRB BRIGHT-BL-HUB35A-TRB Datasheet
202Kb / 7P
   Super Red Suitable for all SMT assembly methods.
BL-HS133A-TRB BRIGHT-BL-HS133A-TRB Datasheet
217Kb / 7P
   Super Red Suitable for all SMT assembly methods.
BL-HS135A-TRB BRIGHT-BL-HS135A-TRB Datasheet
202Kb / 7P
   Super Red Suitable for all SMT assembly methods.
BL-HD033-TRB BRIGHT-BL-HD033-TRB Datasheet
211Kb / 7P
   Super Red Suitable for all SMT assembly methods.
BL-HF033A-TRB BRIGHT-BL-HF033A-TRB Datasheet
220Kb / 7P
   Super Red Suitable for all SMT assembly methods.
BL-HF033-TRB BRIGHT-BL-HF033-TRB Datasheet
215Kb / 7P
   Super Red Suitable for all SMT assembly methods.
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com