Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVTH2245DBRG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74LVTH2245DBRG4
Description  3.3-V ABT OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVTH2245DBRG4 Datasheet(HTML) 4 Page - Texas Instruments

  SN74LVTH2245DBRG4 Datasheet HTML 1Page - Texas Instruments SN74LVTH2245DBRG4 Datasheet HTML 2Page - Texas Instruments SN74LVTH2245DBRG4 Datasheet HTML 3Page - Texas Instruments SN74LVTH2245DBRG4 Datasheet HTML 4Page - Texas Instruments SN74LVTH2245DBRG4 Datasheet HTML 5Page - Texas Instruments SN74LVTH2245DBRG4 Datasheet HTML 6Page - Texas Instruments SN74LVTH2245DBRG4 Datasheet HTML 7Page - Texas Instruments SN74LVTH2245DBRG4 Datasheet HTML 8Page - Texas Instruments SN74LVTH2245DBRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
SN54LVTH2245, SN74LVTH2245
3.3V ABT OCTAL BUS TRANSCEIVERS
WITH 3STATE OUTPUTS
SCBS707E − SEPTEMBER 1997 − REVISED OCTOBER 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54LVTH2245
SN74LVTH2245
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
VIK
VCC = 2.7 V,
II = −18 mA
−1.2
−1.2
V
VCC = 2.7 V to 3.6 V,
IOH = −100 µA
VCC−0.2
VCC−0.2
A port
VCC = 2.7 V,
IOH = −8 mA
2.4
2.4
VOH
A port
VCC = 3 V
IOH = −24 mA
2
V
VOH
VCC = 3 V
IOH = −32 mA
2
V
B port
VCC = 2.7 V to 3.6 V,
IOH = −100 µA
VCC−0.2
VCC−0.2
B port
VCC = 3 V,
IOH = −12 mA
2
2
VCC = 2.7 V
IOL = 100 µA
0.2
0.2
VCC = 2.7 V
IOL = 24 mA
0.5
0.5
A port
IOL = 16 mA
0.4
0.4
VOL
A port
VCC = 3 V
IOL = 32 mA
0.5
0.5
V
VOL
VCC = 3 V
IOL = 48 mA
0.55
V
IOL = 64 mA
0.55
B port
VCC = 2.7 V to 3.6 V,
IOL = 100 µA
0.2
0.2
B port
VCC = 3 V,
IOL = 12 mA
0.8
0.8
Control inputs
VCC = 3.6 V,
VI = VCC or GND
±1
±1
Control inputs
VCC = 0 or 3.6 V,
VI = 5.5 V
10
10
II
VI = 5.5 V
20
20
µA
II
A or B ports‡
VCC = 3.6 V
VI = VCC
1
1
µA
A or B ports‡
VCC = 3.6 V
VI = 0
−5
−5
Ioff
VCC = 0,
VI or VO = 0 to 4.5 V
±100
µA
VCC = 3 V
VI = 0.8 V
75
75
II(hold)
A or B ports
VCC = 3 V
VI = 2 V
−75
−75
µA
II(hold)
A or B ports
VCC = 3.6 V§,
VI = 0 to 3.6 V
500
−750
µA
IOZPU
VCC = 0 to 1.5 V, VO = 0.5 V to 3 V,
OE = don’t care
±100*
±100
µA
IOZPD
VCC = 1.5 V to 0, VO = 0.5 V to 3 V,
OE = don’t care
±100*
±100
µA
VCC = 3.6 V,
Outputs high
0.19
0.1
0.19
ICC
VCC = 3.6 V,
IO = 0,
V = V
or GND
Outputs low
5
3
5
mA
ICC
IO = 0,
VI = VCC or GND
Outputs disabled
0.19
0.1
0.19
mA
∆ICC¶
VCC = 3 V to 3.6 V, One input at VCC − 0.6 V,
Other inputs at VCC or GND
0.2
0.2
mA
Ci
VI = 3 V or 0
4
4
pF
Cio
VO = 3 V or 0
9
9
pF
* On products compliant to MIL-PRF-38535, this parameter is not production tested.
† All typical values are at VCC = 3.3 V, TA = 25°C.
‡ Unused terminals are at VCC or GND.
§ This is the bus-hold maximum dynamic current. It is the minimum overdrive current required to switch the input from one state to another.
¶ This is the increase in supply current for each input that is at the specified TTL voltage level, rather than VCC or GND.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN74LVTH2245DBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVTH2245DB TI-SN74LVTH2245DB Datasheet
108Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVTH2245DBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVTR245 TI-SN54LVTR245 Datasheet
117Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH245A TI-SN54LVTH245A Datasheet
94Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT245B TI-SN54LVT245B Datasheet
111Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH245A TI1-SN54LVTH245A_16 Datasheet
1Mb / 27P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH2245 TI-SN54LVTH2245 Datasheet
108Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74LVTZ245 TI1-SN74LVTZ245 Datasheet
227Kb / 11P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT646 TI-SN54LVT646 Datasheet
155Kb / 10P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVTH646 TI-SN54LVTH646 Datasheet
137Kb / 10P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVTH646 TI1-SN54LVTH646_15 Datasheet
936Kb / 19P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN74LVT652 TI-SN74LVT652 Datasheet
179Kb / 11P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com