Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX3L1G66GM Datasheet(PDF) 10 Page - NXP Semiconductors

Part # NX3L1G66GM
Description  Low-voltage analog switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NX3L1G66GM Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button NX3L1G66GM Datasheet HTML 6Page - NXP Semiconductors NX3L1G66GM Datasheet HTML 7Page - NXP Semiconductors NX3L1G66GM Datasheet HTML 8Page - NXP Semiconductors NX3L1G66GM Datasheet HTML 9Page - NXP Semiconductors NX3L1G66GM Datasheet HTML 10Page - NXP Semiconductors NX3L1G66GM Datasheet HTML 11Page - NXP Semiconductors NX3L1G66GM Datasheet HTML 12Page - NXP Semiconductors NX3L1G66GM Datasheet HTML 13Page - NXP Semiconductors NX3L1G66GM Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
NX3L1G66_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 3 January 2008
10 of 16
NXP Semiconductors
NX3L1G66
Low-voltage analog switch
[1]
fi is biased at 0.5VCC.
12.3 Test circuits
Qinj
charge injection
fi = 1 MHz; CL = 0.1 nF; RL =1 MΩ; Vgen =0V;
Rgen =0 Ω; see Figure 19
VCC = 1.5 V
-
3
-
pC
VCC = 1.8 V
-
3
-
pC
VCC = 2.5 V
-
3
-
pC
VCC = 3.3 V
-
3
-
pC
Table 12.
Additional dynamic characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V); VI = GND or VCC (unless otherwise
specified); tr = tf ≤ 2.5 ns.
Symbol Parameter
Conditions
25
°C
Unit
Min
Typ
Max
Fig 15. Test circuit for measuring total harmonic distortion
001aah378
VIH
VCC
0.5VCC
Z/Y
Y/Z
E
fi
RL
D
Adjust fi voltage to obtain 0 dBm level at output. Increase fi frequency until dB meter reads −3dB.
Fig 16. Test circuit for measuring the frequency response when channel is in ON-state
001aah379
VIH
VCC
0.5VCC
Z/Y
Y/Z
E
fi
RL
dB


Similar Part No. - NX3L1G66GM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3L1G66GM NXP-NX3L1G66GM Datasheet
145Kb / 18P
   Low-ohmic single-pole single-throw analog switch
Rev. 06-18 August 2009
NX3L1G66GM NXP-NX3L1G66GM Datasheet
175Kb / 19P
   Low-ohmic single-pole single-throw analog switch
Rev. 8-9 November 2011
More results

Similar Description - NX3L1G66GM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3V1T66 NXP-NX3V1T66 Datasheet
125Kb / 18P
   Low-voltage analog switch
Rev. 02-24 July 2008
NX3V1G66 NXP-NX3V1G66 Datasheet
122Kb / 17P
   Low-voltage analog switch
Rev. 02-28 July 2008
logo
SG Micro Corp
SGM84782 SGMICRO-SGM84782_15 Datasheet
335Kb / 11P
   Low Voltage Analog Switch/Multiplexer
logo
ON Semiconductor
FSA3357 ONSEMI-FSA3357 Datasheet
361Kb / 13P
   Low Voltage SP3T Analog Switch
Revised August 2005
logo
Global Mixed-mode Techn...
G3201 GMT-G3201 Datasheet
165Kb / 1P
   Low-Voltage SPDT Analog Switch
logo
ON Semiconductor
FSA1156 ONSEMI-FSA1156 Datasheet
1Mb / 13P
   Low-Voltage SPST Analog Switch
January 2016 Rev. 1.9
FSA4157 ONSEMI-FSA4157 Datasheet
376Kb / 13P
   Low-Voltage, SPDT Analog Switch
March 2014 Rev. 1.1.1
FSA5157 ONSEMI-FSA5157 Datasheet
502Kb / 14P
   Low-Voltage SPDT Analog Switch
February 2008 Rev. 1.0.3
logo
Union Semiconductor, In...
UM3156 UNIONSEMI-UM3156 Datasheet
390Kb / 9P
   Low-Voltage SPDT Analog Switch
UM3157 UNIONSEMI-UM3157 Datasheet
350Kb / 8P
   Low-Voltage SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com