Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA85C Datasheet(PDF) 6 Page - DAESAN ELECTRONIC CORP.

Part # SA85C
Description  POWER 500Watts VOLTAGE 5.0 to 170 Volts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

SA85C Datasheet(HTML) 6 Page - DAESAN ELECTRONIC CORP.

  SA85C Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. SA85C Datasheet HTML 2Page - DAESAN ELECTRONIC CORP. SA85C Datasheet HTML 3Page - DAESAN ELECTRONIC CORP. SA85C Datasheet HTML 4Page - DAESAN ELECTRONIC CORP. SA85C Datasheet HTML 5Page - DAESAN ELECTRONIC CORP. SA85C Datasheet HTML 6Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
RATINGS AND CHARACTERISTIC CURVES SA5.0 THRU SA170CA
5.0
10
100
500
1.0
10
100
200
0
0.5
1
1.5
2
2.5
0.1
0.2
1
2
10
20
100
F ig. 11Ð T ypical Ins tantaneous
F orward V oltage
F ig. 12Ð B reakdown Voltage Temperature
C oefficient C ur ve
V F, Forward Voltage (V)
V WM, R ated S tand-Off Voltage (V)
TJ = 25
oC
P ulse Width = 300μ
s
1% Duty C ycle
Unidirectional (only)
Unidirectional
B idirectional


Similar Part No. - SA85C

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA85C PANJIT-SA85C Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
UN Semiconducctor INC
SA85C UNSEMI-SA85C Datasheet
3Mb / 7P
   5.0 To 190V 500W Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Won-Top Electronics
SA85C WTE-SA85C Datasheet
68Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Micro Commercial Compon...
SA85C MCC-SA85C Datasheet
431Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
logo
Won-Top Electronics
SA85C WTE-SA85C Datasheet
82Kb / 6P
   500W TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SA85C

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SA45-TP MCC-SA45-TP Datasheet
450Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SA50 MCC-SA50 Datasheet
431Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SA20TP MCC-SA20TP Datasheet
450Kb / 6P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SA5.0 MCC-SA5.0_11 Datasheet
255Kb / 4P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SA5.0 MCC-SA5.0_09 Datasheet
165Kb / 4P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
P5KE5.0 MCC-P5KE5.0_11 Datasheet
393Kb / 8P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 200 VOLTS
SMF5.0 MCC-SMF5.0 Datasheet
289Kb / 5P
   200WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SMF5.0A MCC-SMF5.0A_11 Datasheet
327Kb / 5P
   200WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 170 VOLTS
SMLJ5.0 MCC-SMLJ5.0_11 Datasheet
476Kb / 7P
   Transient Voltage Suppressor 5.0 to 170 Volts 3000 Watt
SMCJ50 MCC-SMCJ50 Datasheet
435Kb / 8P
   Transient Voltage Suppressor 5.0 to 170 Volts 1500 Watt
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com