Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM150 Datasheet(PDF) 2 Page - DAESAN ELECTRONIC CORP.

Part # SM150
Description  CURRENT 1.0 Ampere VOLTAGE 20 to 60 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

SM150 Datasheet(HTML) 2 Page - DAESAN ELECTRONIC CORP.

  SM150 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. SM150 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES SM120-SM160
FIG . 1 -MAXIMUM FORWARD CURRENT DERATING
CURVE
FIG . 4 -TYPICAL JUNCTION CAPACITANCE
O
LEAD TEMPERATURE. ( C )
REVERSE VOLTAGE . (V )
O
Tj =1 25 C
FIG .5 - MAXIMUM NON- REPETITIVE FORWARD
SUGE CURRENT
NUMBER OF CYCLES AT 60Hz
FORWARD VOLTAGE .( V )
0
25
50
75
100
125
150
175
1.0
.75
.50
.25
0
SM
150
-16
0
.1
.3
.5
.7
.9
1.1 1.3 1.5 1.7 1.9 2.1
20
10
1.0
0.1
FIG . 2 -TYPICAL FORWARD CHARACTERISTICS
SM15
0-160
SM12
0-140
400
200
100
80
60
40
20
10
.1
.4
1.0
4
10
40 80
50
40
30
20
10
0
1
2
4
6 8 10
20
40 6 0 80 100
100
10
1.0
.10
.001
0
20
40
60
80
100 120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE. ( %)
O
Tj = 75 C
O
Tj = 25 C
FIG.3-TYPICAL FORWARDCHARACTERISTICS


Similar Part No. - SM150

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SM150 RECTRON-SM150 Datasheet
25Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 1.0 Ampere)
logo
Goodwork Semiconductor ...
SM150 GWSEMI-SM150 Datasheet
69Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Bytes
SM150 BYTES-SM150 Datasheet
148Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Dc Components
SM150 DCCOM-SM150 Datasheet
415Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Formosa MS
SM150 FORMOSA-SM150 Datasheet
66Kb / 2P
   Silicon epitaxial planer type
More results

Similar Description - SM150

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
1S20 WILLAS-1S20 Datasheet
859Kb / 2P
   VOLTAGE RANGE 20 to 60 Volts CURRENT 1.0 Ampere
logo
DAESAN ELECTRONIC CORP.
SM5817 DAESAN-SM5817 Datasheet
271Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 20 to 40 Volts
logo
Rectron Semiconductor
SR120 RECTRON-SR120 Datasheet
282Kb / 2P
   SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 1.0 Ampere)
logo
WILLAS ELECTRONIC CORP
1N5817 WILLAS-1N5817 Datasheet
254Kb / 2P
   VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere
logo
PACELEADER INDUSTRIAL
1N5817 PACELEADER-1N5817 Datasheet
493Kb / 2P
   VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere
FM5817 PACELEADER-FM5817_17 Datasheet
610Kb / 2P
   VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere
logo
Wing Shing Computer Com...
SA4-15 WINGS-SA4-15 Datasheet
249Kb / 2P
   VOLTAGE RANGE - 20 to 80 Volts CURRENT - 1.0 Ampere
logo
Rectron Semiconductor
KMD20S RECTRON-KMD20S Datasheet
577Kb / 4P
   SCHOTTKY BARRIER BRIDGE RECTIFIER VOLTAGE RANGE 20 TO 60 Volts CURRENT 1.0 Ampere
logo
GOOD-ARK Electronics
SB120 GOOD-ARK-SB120_15 Datasheet
155Kb / 2P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 60 Volts Forward Current 1.0 Ampere
1K2 GOOD-ARK-1K2_15 Datasheet
146Kb / 2P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 60 Volts Forward Current 1.0 Ampere
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com