Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK29 Datasheet(PDF) 2 Page - DAESAN ELECTRONIC CORP.

Part # SK29
Description  CURRENT 2.0Amperes VOLTAGE 20 to 100 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

SK29 Datasheet(HTML) 2 Page - DAESAN ELECTRONIC CORP.

  SK29 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. SK29 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES SK22 THRU SK210
FIG.4-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
350
300
250
200
150
100
50
0
.01
.05
.1
.5
1
5
10
50
100
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
0.4
0.8
1.2
1.6
2.0
2.4
0
20
40
60
80
100
120
140
160
180
200
o
AMBIENT TEMPERATURE ( C)
.1
1.0
10
100
FIG.5 - TYPICAL REVERSECHARACTERISTICS
PERCENTAGE RATED PEAK REVERSE VOLTAGE(%)
0
20
40
60
80 100 120 140
.01
Tj=75 C
Tj=25 C
0.1
1.0
.01
10
50
FIG.2-TYPICAL FORWARDCHARACTERISTICS
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
.1
.3
.5
.7
.9
1.1 1. 3 1.5
3.0
SK
28
- SK
210
Tj=25 C
FIG.3-MAXIMUM NON-REPETITIVE FORWARDSURGE CURRENT
0
20
10
30
50
40
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wav e
JEDE C method


Similar Part No. - SK29

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SK29 PANJIT-SK29 Datasheet
58Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 2.0 Amperes)
logo
Shenzhen Luguang Electr...
SK29 LUGUANG-SK29 Datasheet
184Kb / 2P
   Surface Mount Schottky Barrier Rectifiers
logo
Surge Components
SK29 SURGE-SK29 Datasheet
84Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE - 20 to 100 Volts CURRENT - 2.0 Amperes????
logo
Gaomi Xinghe Electronic...
SK29 GXELECTRONICS-SK29 Datasheet
354Kb / 2P
   SURFACE MOUNT S CHOTTKY BARRIER RECTIFIER
logo
Transys Electronics
SK29 TRSYS-SK29 Datasheet
173Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SK29

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
SB220 DAESAN-SB220 Datasheet
367Kb / 2P
   CURRENT 2.0Amperes VOLTAGE 20 to 100 Volts
SR202 DAESAN-SR202 Datasheet
349Kb / 2P
   CURRENT 2.0Amperes VOLTAGE 20 to 100 Volts
SS22 DAESAN-SS22 Datasheet
310Kb / 2P
   CURRENT 2.0Amperes VOLTAGE 20 to 100 Volts
RL201G DAESAN-RL201G Datasheet
316Kb / 2P
   CURRENT 2.0Amperes VOLTAGE 50 to 1000 Volts
SBP820 DAESAN-SBP820 Datasheet
381Kb / 2P
   CURRENT 8.0Amperes VOLTAGE 20 to 100 Volts
SB120 DAESAN-SB120 Datasheet
356Kb / 2P
   CURRENT 1.0Ampere VOLTAGE 20 to 100 Volts
SK52 DAESAN-SK52 Datasheet
320Kb / 2P
   CURRENT 5.0Amperes VOLTAGE 20 to 100 Volts
SR502 DAESAN-SR502 Datasheet
346Kb / 2P
   CURRENT 5.0Amperes VOLTAGE 20 to 100 Volts
SBP1620 DAESAN-SBP1620 Datasheet
375Kb / 2P
   CURRENT 16.0Amperes VOLTAGE 20 to 100 Volts
SBR1620 DAESAN-SBR1620 Datasheet
374Kb / 2P
   CURRENT 16.0Amperes VOLTAGE 20 to 100 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com