Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP53C691 Datasheet(PDF) 3 Page - Texas Instruments

Part # MSP53C691
Description  MIXED-SIGNAL PROCESSOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP53C691 Datasheet(HTML) 3 Page - Texas Instruments

  MSP53C691 Datasheet HTML 1Page - Texas Instruments MSP53C691 Datasheet HTML 2Page - Texas Instruments MSP53C691 Datasheet HTML 3Page - Texas Instruments MSP53C691 Datasheet HTML 4Page - Texas Instruments MSP53C691 Datasheet HTML 5Page - Texas Instruments MSP53C691 Datasheet HTML 6Page - Texas Instruments MSP53C691 Datasheet HTML 7Page - Texas Instruments MSP53C691 Datasheet HTML 8Page - Texas Instruments MSP53C691 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
MSP53C691
MIXED-SIGNAL PROCESSOR
SPSS030A – DECEMBER 2000 – REVISED FEBRUARY 2001
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
functional block diagram
SCANIN
SYNC
PLL
OSCOUT
OSCIN
RESET
DACM
DACP
TEST
SCANCLK
SCANOUT
Serial Comm.
OTP Program
Emulation
Break Point
DAC
0x30
32
Ω PDM
Initialization
Logic
OSC Reference
Resistor
Trimmed
32 kHz nominal
Crystal
Referenced
32.768 kHz
PLL Filter
or
or
Scan Interface
Power
VDD
VSS
45
(EP)ROM
32k x (16 + 1) bit
Test-Area
(reserved)
0x0000 to
0x07FF
User ROM
0x0800 to
0x7FEF
INT vectors
0x7FF0 to
0x7FFF
Core
Instr. Decoder
PCU
Prog. Counter Unit
CU
Computational Unit
TIMER1
PRD1
0x3A
TIM1
0x3B
TIMER2
PRD2
0x3E
TIM2
0x3F
Clock Control
0x3D
Gen. Control
0x38
Interrupt Processor
FLAG
0x39
MASK
0x38
DMAU
Data Mem. Addr.
RAM 640 x 17 bit
(data)
0x000 to
0x027F
C port I/O
Data
0x10
Control 0x14
G port O
Data
0x2C
D port I/O
Data
0x18
Control 0x1C
A port I/O
Data
0x00
Control 0x04
MASTER/SLAVE
PD0
PD1
PD2
PD3
Int 3
Int 4
PG0
PD4–7
BUS
DRIVER
LATCH
PC0–7
PA0–7
DATA0–7
INRDY
OUTRDY
STROBE
R/W
Comparator
1 Bit: PD5 vs PD4
+


Similar Part No. - MSP53C691

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP53C391 TI-MSP53C391 Datasheet
24Kb / 2P
[Old version datasheet]   ERRATA
MSP53C391 TI1-MSP53C391 Datasheet
225Kb / 9P
[Old version datasheet]   SLAVE SPEECH SYNTHESIZERS
MSP53C391NI2D TI1-MSP53C391NI2D Datasheet
225Kb / 9P
[Old version datasheet]   SLAVE SPEECH SYNTHESIZERS
MSP53C391 TI1-MSP53C391_11 Datasheet
225Kb / 9P
[Old version datasheet]   SLAVE SPEECH SYNTHESIZERS
MSP53C392 TI-MSP53C392 Datasheet
24Kb / 2P
[Old version datasheet]   ERRATA
More results

Similar Description - MSP53C691

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP50C30 TI1-MSP50C30_07 Datasheet
177Kb / 11P
[Old version datasheet]   MIXED-SIGNAL PROCESSOR
MSP50C605 TI1-MSP50C605 Datasheet
124Kb / 9P
[Old version datasheet]   MIXED-SIGNAL PROCESSOR
MSP50C614 TI-MSP50C614 Datasheet
122Kb / 9P
[Old version datasheet]   MIXED-SIGNAL PROCESSOR
MSP50C601 TI-MSP50C601 Datasheet
121Kb / 9P
[Old version datasheet]   MIXED-SIGNAL PROCESSOR
MSP50C604 TI-MSP50C604 Datasheet
160Kb / 12P
[Old version datasheet]   MIXED-SIGNAL PROCESSOR
MSP50C30 TI-MSP50C30 Datasheet
121Kb / 8P
[Old version datasheet]   MIXED-SIGNAL PROCESSOR
logo
Analog Devices
AD9860BSTZ AD-AD9860BSTZ Datasheet
386Kb / 32P
   Mixed-Signal Front-End (MxFE) Processor
REV. 0
ADSP-CM402F AD-ADSP-CM402F Datasheet
2Mb / 84P
   Mixed-Signal Control Processor with ARM Cortex-M4
Rev. PrE
AD9860 AD-AD9860_15 Datasheet
386Kb / 32P
   Mixed-Signal Front-End Processor for Broadband Communications
REV. 0
AD9862 AD-AD9862_15 Datasheet
386Kb / 32P
   Mixed-Signal Front-End Processor for Broadband Communications
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com