Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSBB20CH60F Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FSBB20CH60F
Description  Smart Power Module
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSBB20CH60F Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FSBB20CH60F Datasheet HTML 7Page - Fairchild Semiconductor FSBB20CH60F Datasheet HTML 8Page - Fairchild Semiconductor FSBB20CH60F Datasheet HTML 9Page - Fairchild Semiconductor FSBB20CH60F Datasheet HTML 10Page - Fairchild Semiconductor FSBB20CH60F Datasheet HTML 11Page - Fairchild Semiconductor FSBB20CH60F Datasheet HTML 12Page - Fairchild Semiconductor FSBB20CH60F Datasheet HTML 13Page - Fairchild Semiconductor FSBB20CH60F Datasheet HTML 14Page - Fairchild Semiconductor FSBB20CH60F Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
www.fairchildsemi.com
FSBB20CH60F Rev. D
Note:
1. RC coupling at each input (parts shown dotted) might change depending on the PWM control scheme used in the application and the wiring impedance of the application’s
printed circuit board. The SPM input signal section integrates 3.3k
Ω(typ.) pull-down resistor. Therefore, when using an external filtering resistor, please pay attention to the sig-
nal voltage drop at input terminal.
2. The logic input is compatible with standard CMOS or LSTTL outputs.
Figure 9. Recommended CPU I/O Interface Circuit
Note:
1. It would be recommended that the bootstrap diode, DBS, has soft and fast recovery characteristics.
2. The bootstrap resistor (RBS) should be 3 times greater than RE(H). The recommended value of RE(H) is 5.6Ω, but it can be increased up to 20Ω (maximum) for a slower dv/dt of
high-side.
3. The ceramic capacitor placed between VCC-COM should be over 1µF and mounted as close to the pins of the SPM as possible.
Figure 10. Recommended Bootstrap Operation Circuit and Parameters
CPU
CO M
5V-Line
1nF
4.7k
,,
IN
(U L)
IN
(VL)
IN
(W L)
,,
IN
(UH )
IN
(VH)
IN
(W H )
V
FO
100
1nF
SPM
R
PF=
C
PF
=
15V-Line
22uF
0.1uF
1000u
F
1uF
One-Leg Diagram of SPM
Vcc
IN
COM
VB
HO
VS
Vcc
IN
COM
OUT
Inverter
Output
P
N
These Values depend on PWM Control Algorithm
D
BS
R
BS
R
E(H)
V
SL


Similar Part No. - FSBB20CH60F

ManufacturerPart #DatasheetDescription
logo
Etron Technology, Inc.
FSBB20CH60 ETRON-FSBB20CH60 Datasheet
544Kb / 16P
   Smart Power Module
logo
Fairchild Semiconductor
FSBB20CH60 FAIRCHILD-FSBB20CH60 Datasheet
544Kb / 16P
   Smart Power Module
FSBB20CH60 FAIRCHILD-FSBB20CH60 Datasheet
588Kb / 14P
   Motion SPM짰 3 Series
FSBB20CH60BT FAIRCHILD-FSBB20CH60BT Datasheet
414Kb / 17P
   Smart Power Module
FSBB20CH60C FAIRCHILD-FSBB20CH60C Datasheet
470Kb / 17P
   Smart Power Module
More results

Similar Description - FSBB20CH60F

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSBS10CH60 FAIRCHILD-FSBS10CH60 Datasheet
553Kb / 16P
   Smart Power Module
FSB32560 FAIRCHILD-FSB32560 Datasheet
264Kb / 16P
   Smart Power Module
FSBB20CH60L FAIRCHILD-FSBB20CH60L Datasheet
251Kb / 16P
   Smart Power Module
FSBF10CH60BT FAIRCHILD-FSBF10CH60BT Datasheet
402Kb / 17P
   Smart Power Module
FSBF15CH60BT FAIRCHILD-FSBF15CH60BT Datasheet
429Kb / 17P
   Smart Power Module
FSBF5CH60B FAIRCHILD-FSBF5CH60B Datasheet
404Kb / 17P
   Smart Power Module
FNA40560 FAIRCHILD-FNA40560 Datasheet
920Kb / 15P
   Smart Power Module
FNB41560 FAIRCHILD-FNB41560 Datasheet
910Kb / 15P
   Smart Power Module
logo
ON Semiconductor
FSB50250AB ONSEMI-FSB50250AB Datasheet
1Mb / 12P
   Smart Power Module
January 2012 Rev. A
logo
Fairchild Semiconductor
FNA41060_1010 FAIRCHILD-FNA41060_1010 Datasheet
1Mb / 16P
   Smart Power Module
FNA40860 FAIRCHILD-FNA40860 Datasheet
920Kb / 15P
   Smart Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com