Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AC374MTC Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # 74AC374MTC
Description  Octal D-Type Flip-Flop with 3-STATE Outputs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AC374MTC Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button 74AC374MTC Datasheet HTML 3Page - Fairchild Semiconductor 74AC374MTC Datasheet HTML 4Page - Fairchild Semiconductor 74AC374MTC Datasheet HTML 5Page - Fairchild Semiconductor 74AC374MTC Datasheet HTML 6Page - Fairchild Semiconductor 74AC374MTC Datasheet HTML 7Page - Fairchild Semiconductor 74AC374MTC Datasheet HTML 8Page - Fairchild Semiconductor 74AC374MTC Datasheet HTML 9Page - Fairchild Semiconductor 74AC374MTC Datasheet HTML 10Page - Fairchild Semiconductor 74AC374MTC Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
©1988 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74AC374, 74ACT374 Rev. 1.5.0
7
AC Electrical Characteristics for AC
Note:
6. Voltage range 3.3 is 3.3V
± 0.3V. Voltage range 5.0 is 5.0V ± 0.5V.
AC Operating Requirements for AC
Note:
7. Voltage range 3.3 is 3.3V
± 0.3V. Voltage range 5.0 is 5.0V ± 0.5V.
Symbol
Parameter
VCC (V)
(6)
TA = +25°C,
CL = 50pF
TA = −40°C to +85°,
CL = 50pF
Units
Min.
Typ.
Max.
Min.
Max.
fMAX
Maximum Clock Frequency
3.3
60
110
60
MHz
5.0
100
155
100
tPLH
Propagation Delay,
CP to On
3.3
3.0
11.0
13.5
1.5
15.5
ns
5.0
2.5
8.0
9.5
1.5
10.5
tPHL
Propagation Delay,
CP to On
3.3
2.5
10.0
12.5
2.0
14.0
ns
5.0
2.0
7.0
9.0
1.5
10.0
tPZH
Output Enable Time
3.3
3.0
9.5
11.5
1.5
13.0
ns
5.0
2.0
7.0
8.5
1.0
9.5
tPZL
Output Enable Time
3.3
2.5
9.0
11.5
1.5
13.0
ns
5.0
2.0
6.5
8.5
1.0
9.5
tPHZ
Output Disable Time
3.3
3.0
10.5
12.5
2.0
14.5
ns
5.0
2.0
8.0
11.0
2.0
12.5
tPLZ
Output Disable Time
3.3
2.0
8.0
11.5
1.0
12.5
ns
5.0
1.5
6.5
8.5
1.0
10.0
Symbol
Parameter
VCC (V)
(7)
TA = +25°C,
CL = 50pF
TA = −40°C to +85°C,
CL = 50pF
Units
Typ.
Guaranteed Minimum
tS
Setup Time, HIGH or LOW,
Dn to CP
3.3
2.0
5.5
6.0
ns
5.0
1.0
4.0
4.5
tH
Hold Time, HIGH or LOW,
Dn to CP
3.3
−1.0
1.0
1.0
ns
5.0
0
1.5
1.5
tW
CP Pulse Width, HIGH or LOW
3.3
4.0
5.5
6.0
ns
5.0
2.5
4.0
4.5


Similar Part No. - 74AC374MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC374MTC FAIRCHILD-74AC374MTC Datasheet
107Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
More results

Similar Description - 74AC374MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC374 FAIRCHILD-74AC374 Datasheet
107Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
NXP Semiconductors
HEF40374B PHILIPS-HEF40374B Datasheet
84Kb / 7P
   Octal D-type flip-flop with 3-state outputs
January 1995
logo
ON Semiconductor
MC74LVX374 ONSEMI-MC74LVX374_11 Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Fairchild Semiconductor
74AC574 FAIRCHILD-74AC574 Datasheet
100Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_14 Datasheet
117Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
August, 2014 ??Rev. 4
logo
Fairchild Semiconductor
74ABT574CMTCX FAIRCHILD-74ABT574CMTCX Datasheet
123Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74VHC374 FAIRCHILD-74VHC374 Datasheet
209Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_11 Datasheet
144Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Motorola, Inc
MC74AC374 MOTOROLA-MC74AC374 Datasheet
209Kb / 7P
   OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74VHCT574A FAIRCHILD-74VHCT574A Datasheet
105Kb / 8P
   Octal D-Type Flip-Flop with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com