Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AC374 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 74AC374
Description  Octal D-Type Flip-Flop with 3-STATE Outputs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AC374 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74AC374 Datasheet HTML 1Page - Fairchild Semiconductor 74AC374 Datasheet HTML 2Page - Fairchild Semiconductor 74AC374 Datasheet HTML 3Page - Fairchild Semiconductor 74AC374 Datasheet HTML 4Page - Fairchild Semiconductor 74AC374 Datasheet HTML 5Page - Fairchild Semiconductor 74AC374 Datasheet HTML 6Page - Fairchild Semiconductor 74AC374 Datasheet HTML 7Page - Fairchild Semiconductor 74AC374 Datasheet HTML 8Page - Fairchild Semiconductor 74AC374 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
©1988 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74AC374, 74ACT374 Rev. 1.5.0
4
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to absolute maximum ratings.
Symbol
Parameter
Rating
VCC
Supply Voltage
−0.5V to +7.0V
IIK
DC Input Diode Current
VI = −0.5V
−20mA
VI = VCC + 0.5
+20mA
VI
DC Input Voltage
−0.5V to V
CC + 0.5V
IOK
DC Output Diode Current
VO = −0.5V
−20mA
VO = VCC + 0.5V
+20mA
VO
DC Output Voltage
−0.5V to V
CC + 0.5V
IO
DC Output Source or Sink Current
±50mA
ICC or IGND DC VCC or Ground Current per Output Pin
±50mA
TSTG
Storage Temperature
−65°C to +150°C
TJ
Junction Temperature
140
°C
Symbol
Parameter
Rating
VCC
Supply Voltage
AC
2.0V to 6.0V
ACT
4.5V to 5.5V
VI
Input Voltage
0V to VCC
VO
Output Voltage
0V to VCC
TA
Operating Temperature
−40°C to +85°C
∆V / ∆t
Minimum Input Edge Rate, AC Devices:
VIN from 30% to 70% of VCC, VCC @ 3.3V, 4.5V, 5.5V
125mV/ns
∆V / ∆t
Minimum Input Edge Rate, ACT Devices:
VIN from 0.8V to 2.0V, VCC @ 4.5V, 5.5V
125mV/ns


Similar Part No. - 74AC374

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74AC374 STMICROELECTRONICS-74AC374 Datasheet
238Kb / 11P
   OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
logo
Fairchild Semiconductor
74AC374 FAIRCHILD-74AC374 Datasheet
107Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
Hitachi Semiconductor
74AC374 HITACHI-74AC374 Datasheet
63Kb / 11P
   Octal D-Type Flip-Flops with 3-State Output
logo
ON Semiconductor
74AC374 ONSEMI-74AC374 Datasheet
115Kb / 10P
   Octal D?뭈ype Flip?묯lop with 3?뭆tate Outputs
November, 2006 ??Rev. 8
logo
STMicroelectronics
74AC374B STMICROELECTRONICS-74AC374B Datasheet
238Kb / 11P
   OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
More results

Similar Description - 74AC374

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC374 FAIRCHILD-74AC374 Datasheet
107Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
NXP Semiconductors
HEF40374B PHILIPS-HEF40374B Datasheet
84Kb / 7P
   Octal D-type flip-flop with 3-state outputs
January 1995
logo
ON Semiconductor
MC74LVX374 ONSEMI-MC74LVX374_11 Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Fairchild Semiconductor
74AC574 FAIRCHILD-74AC574 Datasheet
100Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_14 Datasheet
117Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
August, 2014 ??Rev. 4
logo
Fairchild Semiconductor
74ABT574CMTCX FAIRCHILD-74ABT574CMTCX Datasheet
123Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74VHC374 FAIRCHILD-74VHC374 Datasheet
209Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_11 Datasheet
144Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Motorola, Inc
MC74AC374 MOTOROLA-MC74AC374 Datasheet
209Kb / 7P
   OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74VHCT574A FAIRCHILD-74VHCT574A Datasheet
105Kb / 8P
   Octal D-Type Flip-Flop with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com