Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC380QS16G Datasheet(PDF) 7 Page - Hittite Microwave Corporation

Part # HMC380QS16G
Description  PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.7 - 2.2 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC380QS16G Datasheet(HTML) 7 Page - Hittite Microwave Corporation

  HMC380QS16G Datasheet HTML 1Page - Hittite Microwave Corporation HMC380QS16G Datasheet HTML 2Page - Hittite Microwave Corporation HMC380QS16G Datasheet HTML 3Page - Hittite Microwave Corporation HMC380QS16G Datasheet HTML 4Page - Hittite Microwave Corporation HMC380QS16G Datasheet HTML 5Page - Hittite Microwave Corporation HMC380QS16G Datasheet HTML 6Page - Hittite Microwave Corporation HMC380QS16G Datasheet HTML 7Page - Hittite Microwave Corporation HMC380QS16G Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
7 - 246
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Evaluation PCB
The circuit board used in the final application should
use RF circuit design techniques. Signal lines
should have 50 ohm impedance while the package
ground leads and exposed paddle should be con-
nected directly to the ground plane similar to that
shown. A sufficient number of VIA holes should be
used to connect the top and bottom ground planes.
The evaluation circuit board shown is available from
Hittite upon request.
List of Materials for Evaluation PCB 106397 [1]
Item
Description
J1 - J3
PC Mount SMA RF Connector
J4 - J6
DC Pins
C1
1000 pF Chip Capacitor, 0603 Pkg.
C2, C3, C4
0.01μF Chip Capacitor, 0603 Pkg.
C5
82 pF Chip Capacitor, 0402 Pkg.
C6
6 pF Chip Capacitor, 0603 Pkg.
L1
150 nH Chip Inductor, 0805 Pkg.
L2
27 nH Chip Inductor, 0805 Pkg.
R1
3.3 Ohm Resistor, 0603 Pkg.
U1
HMC380QS16G / HMC380QS16GE
PCB [2]
104814 Evaluation Board, 1.100” x 1.100”
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Rogers 4350
HMC380QS16G / 380QS16GE
PCS/UMTS HIGH IP3 RFIC
DOWNCONVERTER, 1.7 - 2.2 GHz
v02.0305


Similar Part No. - HMC380QS16G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC380QS16G HITTITE-HMC380QS16G Datasheet
257Kb / 8P
   PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.7 - 2.2 GHz
HMC380QS16G HITTITE-HMC380QS16G Datasheet
245Kb / 8P
   PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.7 - 2.2 GHz
HMC380QS16GE HITTITE-HMC380QS16GE Datasheet
245Kb / 8P
   PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.7 - 2.2 GHz
HMC380QS16G HITTITE-HMC380QS16G_08 Datasheet
245Kb / 8P
   PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.7 - 2.2 GHz
More results

Similar Description - HMC380QS16G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC380QS16G HITTITE-HMC380QS16G Datasheet
257Kb / 8P
   PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.7 - 2.2 GHz
HMC380QS16G HITTITE-HMC380QS16G_08 Datasheet
245Kb / 8P
   PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.7 - 2.2 GHz
HMC381LP6 HITTITE-HMC381LP6 Datasheet
328Kb / 8P
   HIGH IP3 RFIC DUAL DOWNCONVERTER, 1.7 - 2.2 GHz
HMC421QS16 HITTITE-HMC421QS16_10 Datasheet
808Kb / 8P
   PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.4 - 2.3 GHz
HMC421QS16 HITTITE-HMC421QS16 Datasheet
278Kb / 8P
   PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.4 - 2.3 GHz
HMC381LP6 HITTITE-HMC381LP6_08 Datasheet
320Kb / 8P
   HIGH IP3 RFIC DUAL DOWNCONVERTER, 1.7 - 2.7 GHz
logo
TriQuint Semiconductor
TQP569022 TRIQUINT-TQP569022_15 Datasheet
721Kb / 15P
   1.7-2.2 GHz High IP3 Dual Channel Downconverter
logo
Hittite Microwave Corpo...
HMC682LP6C HITTITE-HMC682LP6C Datasheet
890Kb / 10P
   HIGH IP3 DUAL CHANNEL DOWNCONVERTER w/ LO SWITCH, 1.7 - 2.2 GHz
HMC377QS16G HITTITE-HMC377QS16G Datasheet
298Kb / 8P
   CELLULAR HIGH IP3 RFIC DOWNCONVERTER, 0.8 - 1.0 GHz
HMC377QS16G HITTITE-HMC377QS16G_08 Datasheet
270Kb / 8P
   CELLULAR HIGH IP3 RFIC DOWNCONVERTER, 0.8 - 1.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com