Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

375LP3E Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # 375LP3E
Description  GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

375LP3E Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  375LP3E Datasheet HTML 1Page - Hittite Microwave Corporation 375LP3E Datasheet HTML 2Page - Hittite Microwave Corporation 375LP3E Datasheet HTML 3Page - Hittite Microwave Corporation 375LP3E Datasheet HTML 4Page - Hittite Microwave Corporation 375LP3E Datasheet HTML 5Page - Hittite Microwave Corporation 375LP3E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
5
5 - 120
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Input Return Loss vs. Temperature
Output Return Loss vs. Temperature
Output IP3 vs. Vdd
Output IP3 vs. Temperature
P1dB & PSAT vs. Temperature
P1dB vs. Vdd
-25
-20
-15
-10
-5
0
1.7
1.8
1.9
2
2.1
2.2
+25 C
-40 C
+85 C
FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
1.7
1.8
1.9
2
2.1
2.2
+25 C
+85 C
-40 C
FREQUENCY (GHz)
30
31
32
33
34
35
36
37
38
39
40
1.7
1.8
1.9
2
2.1
2.2
+25 C
+85 C
-40 C
FREQUENCY (GHz)
30
31
32
33
34
35
36
37
38
39
40
1.7
1.8
1.9
2
2.1
2.2
+4.5 V
+5.0 V
+5.5 V
FREQUENCY (GHz)
14
15
16
17
18
19
20
21
22
23
24
1.7
1.8
1.9
2
2.1
2.2
+25 C
+85 C
-40 C
FREQUENCY (GHz)
P1dB
PSAT
12
13
14
15
16
17
18
19
20
21
22
23
24
1.7
1.8
1.9
2
2.1
2.2
+4.5 V
+5.0 V
+5.5 V
FREQUENCY (GHz)
HMC375LP3 / 375LP3E
GaAs PHEMT MMIC LOW NOISE
AMPLIFIER, 1.7 - 2.2 GHz
v01.0604


Similar Part No. - 375LP3E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
375LP3E HITTITE-375LP3E Datasheet
218Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
More results

Similar Description - 375LP3E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC382LP3 HITTITE-HMC382LP3 Datasheet
292Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
HMC382LP3 HITTITE-HMC382LP3_10 Datasheet
214Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
HMC375LP3 HITTITE-HMC375LP3_10 Datasheet
218Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
HMC375LP3 HITTITE-HMC375LP3 Datasheet
239Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
HMC618LP3 HITTITE-HMC618LP3 Datasheet
326Kb / 10P
   GaAs SMT PHEMT LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
HMC818LP4E HITTITE-HMC818LP4E_10 Datasheet
1Mb / 10P
   GaAs SMT pHEMT DUAL CHANNEL LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
HMC818LP4E HITTITE-HMC818LP4E Datasheet
463Kb / 10P
   GaAs SMT PHEMT DUAL CHANNEL LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
HMC618LP3 HITTITE-HMC618LP3_11 Datasheet
1Mb / 14P
   GaAs SMT pHEMT LOW NOISE AMPLIFIER, 1.2 - 2.2 GHz
HMC618ALP3E HITTITE-HMC618ALP3E Datasheet
1Mb / 16P
   GaAs SMT pHEMT LOW NOISE AMPLIFIER, 1.2 - 2.2 GHz
logo
Analog Devices
HMC462LP5 AD-HMC462LP5 Datasheet
375Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com