Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC38HC43YM Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC38HC43YM
Description  BiCMOS 1A Current-Mode PWM Controllers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC38HC43YM Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC38HC43YM Datasheet HTML 1Page - Micrel Semiconductor MIC38HC43YM Datasheet HTML 2Page - Micrel Semiconductor MIC38HC43YM Datasheet HTML 3Page - Micrel Semiconductor MIC38HC43YM Datasheet HTML 4Page - Micrel Semiconductor MIC38HC43YM Datasheet HTML 5Page - Micrel Semiconductor MIC38HC43YM Datasheet HTML 6Page - Micrel Semiconductor MIC38HC43YM Datasheet HTML 7Page - Micrel Semiconductor MIC38HC43YM Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MIC38HC42/3/4/5
Micrel, Inc.
April 2005
5
M9999-042205
Parameter
Test Conditions
Min
Typ
Max
Units
Current Sense
Gain
Notes 2, 3
2.85
3.0
3.15
V/V
MaximumThreshold
V
COMP = 5V, Note 2
0.9
1
1.1
V
PSRR
12 ≤ VDD ≤ 18V, Note 2
70
dB
Input Bias Current
–0.1
–2
µA
Delay to Output
120
250
ns
Output
R
DS(ON) ‘HC’ High
I
SOURCE = 200mA
10
R
DS(ON) ‘HC’ Low
I
SINK = 200mA
5.5
Rise Time
T
A = 25°C, CL = 1nF
20
50
ns
Fall Time
T
A = 25°C, CL = 1nF
15
40
ns
Undervoltage Lockout
Start Threshold
MIC38HC42/4
13.5
14.5
15.5
V
MIC38HC43/5
7.8
8.4
9.0
V
Minimum Operating Voltage
MIC38HC42/4
8
9
10
V
MIC38HC43/5
7.0
7.6
8.2
V
Pulse Width Modulator
Maximum Duty Cycle
MIC38HC42/3
94
96
%
MIC38HC44/5
46
50
%
Minimum Duty Cycle
0%
Total Standby Current
Start-Up Current
V
DD = 13V, 38HC42/44
50
200
µA
V
DD = 7.5V, 38HC43/45
Operating Supply Current
V
FB = VISNS = 0V
4.0
6.0
mA
Zener Voltage (V
DD)IDD = 25mA, Note 6
30
37
V
Note 1: These parameters, although guaranteed, are not 100% tested in production.
Note 2: Parameter measured at trip point of latch with V
EA = 0.
Note 3: Gain defined as:
A =
V
V
(I
)
0
V
(I
)
0.8V
PIN1
TH
SNS
TH
SNS
;
≤≤
Note 4: Adjust V
DD above the start threshold before setting at 15V.
Note 5: Output frequency equals oscillator frequency for the MIC38HC42 and MIC38HC43. Output frequency for the MIC38HC44, and
MIC38HC45 equals one half the oscillator frequency.
Note 6: On 8-pin version, 20V is maximum input on pin 7, as this is also the supply pin for the output stage. On 14-pin version, 40V is
maximum for pin 12 and 20V maximum for pin 11.


Similar Part No. - MIC38HC43YM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC38HC43 MICREL-MIC38HC43 Datasheet
86Kb / 8P
   BiCMOS 1A Current-Mode PWM Controllers
MIC38HC43-1BM MICREL-MIC38HC43-1BM Datasheet
74Kb / 8P
   BiCMOS 1A Current-Mode PWM Controllers
MIC38HC43-1BM MICREL-MIC38HC43-1BM Datasheet
86Kb / 8P
   BiCMOS 1A Current-Mode PWM Controllers
MIC38HC43-1BN MICREL-MIC38HC43-1BN Datasheet
74Kb / 8P
   BiCMOS 1A Current-Mode PWM Controllers
MIC38HC43-1BN MICREL-MIC38HC43-1BN Datasheet
86Kb / 8P
   BiCMOS 1A Current-Mode PWM Controllers
More results

Similar Description - MIC38HC43YM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC38HC42 MICREL-MIC38HC42_11 Datasheet
86Kb / 8P
   BiCMOS 1A Current-Mode PWM Controllers
MIC38HC42 MICREL-MIC38HC42 Datasheet
74Kb / 8P
   BiCMOS 1A Current-Mode PWM Controllers
MIC38C42 MICREL-MIC38C42_07 Datasheet
345Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C42 MICREL-MIC38C42_11 Datasheet
348Kb / 11P
   BiCMOS Current-Mode PWM Controllers
logo
TelCom Semiconductor, I...
TC18C43 TELCOM-TC18C43 Datasheet
83Kb / 7P
   BiCMOS CURRENT MODE PWM CONTROLLERS
logo
Micrel Semiconductor
MIC38C42A MICREL-MIC38C42A Datasheet
127Kb / 9P
   BiCMOS Current-Mode PWM Controllers
logo
IMP, Inc
IMP38C4X IMP-IMP38C4X Datasheet
160Kb / 10P
   BiCMOS Current-Mode PWM Controllers
logo
Microchip Technology
MIC38C42 MICROCHIP-MIC38C42 Datasheet
1Mb / 24P
   BiCMOS Current-Mode PWM Controllers
09/14/21
logo
Micrel Semiconductor
MIC38C42 MICREL-MIC38C42 Datasheet
100Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C43XYM MICREL-MIC38C43XYM Datasheet
354Kb / 11P
   BiCMOS Current-Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com