Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS2D Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP.

Part # RS2D
Description  CURRENT 1.5 Amperes VOLTAGE 50 to 800 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

RS2D Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  RS2D Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. RS2D Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RS2A THRU RS2K
Features
Mechanical Data
· For surface mounted applications in order optimize
board space
· Low profile package
· Built-in strain relief, ideal for automated placement
· Fast switching speed
· Plastic package has Unerwrites Laboratory
Flammability Classification 94V-0
· Low forward voltage drop
· Glass passivated chip junction
· High temperature soldering : 250℃/10 seconds
at terminals
Maximum Ratings And Electrical Characteristics
· Case : JEDEC SMB(DO-214AA) molded plastic body
· Terminals : Plated axial lead solderable per
MIL-STD-750, method 2026
· Polarity : Color band denotes cathode end
· Weight : 0.003 ounce, 0.093 gram
(Ratings at 25℃ ambient temperature unless otherwise specified, Single phase, half wave 60Hz, resistive or inductive
load. For capacitive load, derate by 20%)
CURRENT 1.5 Amperes
VOLTAGE 50 to 800 Volts
Notes:
(1) Test conditions: IF=0.5A, IR=1.0A, Irr=0.25A.
(2) Measured at 1MHz and applied reverse voltage of 4.0 Volts.
(3) Thermal resistance from junction to ambient and junction to lead mounted on PCB mounted on
0.27×0.27"(7.0×7.0mm) copper pad areas
Maximum recurrent peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Volts
Peak forward surge current 8.3ms single
half sine-wave superimposed on rated load
(JEDEC method)
VDC
Maximum average forward rectified current
at TL=100℃
Maximum instantaneous forward voltage
at 1.5A
VRRM
Volts
Symbols
Units
150
VF
VRMS
1.5
Amps
Amps
50.0
IFSM
TJ
TSTG
500
-55 to +150
Volts
Maximum reverse
current at rated voltage
Typical thermal resistance (Note 3)
Operating junction and storage
temperature range
50
RS2A
35
50
5.0
18.0
Volts
μA
℃/W
I(AV)
IR
JL
TA=25℃
TA=125℃
100
RS2B
70
100
200
RS2D
140
200
400
RS2G
280
400
600
RS2J
420
600
800
RS2K
560
800
Typical junction capacitance (Note 2)
pF
CJ
55.0
JA
Maximum reverse recovery time (Note 1)
nS
250
Trr
1.30
50.0
200
Dimensions in inches and (millimeters)
0.083(2.11)
0.075(1.91)
0.155(3.94)
0.130(3.30)
0.012(0.31)
0.006(0.15)
0.185(4.70)
0.160(4.06)
0.096(2.44)
0.083(2.13)
0.050(1.27)
0.030(0.76)
0.008(0.203)
MAX.
0.220(5.59)
0.200(5.08)
DO-214AA (SMB)


Similar Part No. - RS2D

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
RS2D SSE-RS2D Datasheet
19Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
Chongqing Pingwei Enter...
RS2D CHONGQING-RS2D Datasheet
178Kb / 1P
   2.0AMPS. FAST RECOVERY SURFACE MOUNT RECTIFIERS
logo
Diotech Company.
RS2D DIOTECH-RS2D Datasheet
672Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Shanghai Yint Electroni...
RS2D YINT-RS2D Datasheet
488Kb / 3P
   Surface Mount Fast Recovery Rectifiers
logo
Vishay Siliconix
RS2D VISHAY-RS2D Datasheet
84Kb / 4P
   Surface Mount Fast Switching Rectifier
Revision: 21-Aug-13
More results

Similar Description - RS2D

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
MR820 DAESAN-MR820 Datasheet
275Kb / 2P
   CURRENT 5.0 Amperes VOLTAGE 50 to 800 Volts
RS3A DAESAN-RS3A Datasheet
328Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 800 Volts
RL151G DAESAN-RL151G Datasheet
316Kb / 2P
   CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
FR151 DAESAN-FR151 Datasheet
216Kb / 2P
   CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
HER151G DAESAN-HER151G Datasheet
284Kb / 2P
   CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
HER15X DAESAN-HER15X Datasheet
285Kb / 2P
   CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
RL151 DAESAN-RL151 Datasheet
309Kb / 2P
   CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
FR151G DAESAN-FR151G Datasheet
315Kb / 2P
   CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
KB151 DAESAN-KB151 Datasheet
225Kb / 2P
   CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
W005M DAESAN-W005M Datasheet
206Kb / 2P
   CURRENT 1.5 Amperes VOLTAGE 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com