Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDF150A-M Datasheet(PDF) 2 Page - SanRex Corporation

Part # MDF150A-M
Description  DIODE MODULE竊뉶.R.D.竊
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

MDF150A-M Datasheet(HTML) 2 Page - SanRex Corporation

  MDF150A-M Datasheet HTML 1Page - SanRex Corporation MDF150A-M Datasheet HTML 2Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
50 Seaview Blvd. Port Washington, NY 11050-4618 PH.(516)625-1313 FAX(516)625-8845 E-mail: semi@sanrex.com
MDF(R)150A-L/M
Maximum Forward Characteristics
Forward Voltage Drop(V)
0.
1.
1.
2.
2.
3.
10
10
10
Averge Forward Current vs.
Power Dissipation
Average Forward Current(A)
300
250
200
150
50
100
50
100
150
200
250
Three Phase
Single Phase
D.C.
Average Forward Current(A)
Average Forward Current vs.
Allowable Case Temperature
150
100
50
100
200
300
Three Phase
Single Phase
D.C.
Cycle Surge Forward Current Rating
(Non-Repetitive)
Time(Cycles)
3500
3000
2500
2000
1500
1000
20
50
10
100
60Hz
0.
0.
0.
0.
Transient Thermal Impedance
Time
t(sec)
10
-3
10
-2
10
-1
10
10
Junction to Case
SanRex
®


Similar Part No. - MDF150A-M

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
MDF150A30 SANREX-MDF150A30 Datasheet
91Kb / 2P
   DIODE(NON-ISOLATED TYPE)
MDF150A40 SANREX-MDF150A40 Datasheet
91Kb / 2P
   DIODE(NON-ISOLATED TYPE)
MDF150A50 SANREX-MDF150A50 Datasheet
91Kb / 2P
   DIODE(NON-ISOLATED TYPE)
More results

Similar Description - MDF150A-M

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
MDF250A-L SANREX-MDF250A-L Datasheet
94Kb / 2P
   DIODE MODULE竊뉶.R.D.竊
FDS100CA100 SANREX-FDS100CA100 Datasheet
96Kb / 2P
   DIODE MODULE竊뉶.R.D.竊
FRS400DA100 SANREX-FRS400DA100 Datasheet
94Kb / 2P
   DIODE MODULE竊뉶.R.D.竊
FRS400BA50 SANREX-FRS400BA50 Datasheet
106Kb / 2P
   DIODE MODULE竊뉶.R.D.竊
FRS150BA50 SANREX-FRS150BA50 Datasheet
95Kb / 2P
   DIODE MODULE竊뉶.R.D.
FRS400CA120 SANREX-FRS400CA120 Datasheet
101Kb / 2P
   DIODE MODULE竊뉶.R.D.)
DKR400AB60 SANREX-DKR400AB60 Datasheet
83Kb / 2P
   DIODE MODULE竊뉿ON-ISOLATED TYPE竊
DKR300AB60 SANREX-DKR300AB60 Datasheet
94Kb / 2P
   DIODE MODULE竊뉿ON-ISOLATED TYPE竊
logo
National Instruments Co...
PCHMB150B12 NI-PCHMB150B12_15 Datasheet
202Kb / 3P
   竊묕폊竊?竊∽펽竊묕폃竊먲폁竊
PCFMB300E6 NI-PCFMB300E6_15 Datasheet
336Kb / 4P
   竊볩폁竊먲샥竊뚳폋竊먲폁竊
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com