Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA0051E Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HA0051E
Description  Cost-Effective A/D Type 8-Bit MCU
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HA0051E Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HA0051E Datasheet HTML 1Page - Holtek Semiconductor Inc HA0051E Datasheet HTML 2Page - Holtek Semiconductor Inc HA0051E Datasheet HTML 3Page - Holtek Semiconductor Inc HA0051E Datasheet HTML 4Page - Holtek Semiconductor Inc HA0051E Datasheet HTML 5Page - Holtek Semiconductor Inc HA0051E Datasheet HTML 6Page - Holtek Semiconductor Inc HA0051E Datasheet HTML 7Page - Holtek Semiconductor Inc HA0051E Datasheet HTML 8Page - Holtek Semiconductor Inc HA0051E Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 60 page
background image
Block Diagram
Pin Assignment
HT46R4A
Rev. 1.00
2
November 28, 2007
T i m i n g
G e n e r a t o r
S y s t e m R C /
X ' t a l O s c i l l a t o r
I n s t r u c t i o n
D e c o d e r
I n s t r u c t i o n
R e g i s t e r
W D T
O s c i l l a t o r
D a t a
M e m o r y
M e m o r y
P o i n t e r
M U X
A C C
L o o k - u p
T a b l e
R e g i s t e r
R e s e t &
L V R
C o n f i g .
R e g i s t e r
T i m e r /
C o u n t e r
C o n f i g .
R e g i s t e r
I n t e r r u p t
C i r c u i t
C o n f i g .
R e g i s t e r
I / O
P o r t s
D e v i c e
P r o g r a m m i n g
C i r c u i t r y
C o n f i g u r a t i o n
O p t i o n
P r o g r a m
M e m o r y
S t a c k
S t a c k P o i n t e r
P r o g r a m
C o u n t e r
L o o k - u p
T a b l e
P o i n t e r
T o P r o g r a m
M e m o r y
A L U
S h i f t e r
M
U
X
C o n f i g .
R e g i s t e r P W M
P F D
A / D
C o n v e r t e r
H T 4 6 R 4 A
2 8 S K D I P - A / S O P - A
P B 5 / A N 5
P B 4 / A N 4
P A 3 / P F D
P A 2
P A 1
P A 0
P B 3 / A N 3
P B 2 / A N 2
P B 1 / A N 1
P B 0 / A N 0
V S S
P C 0
P C 1
P C 2
P B 6
P B 7
P A 4 / T M R 0
P A 5 / I N T
P A 6
P A 7 / T M R 1
O S C 2
O S C 1
V D D
R E S
P D 1 / P W M 1
P D 0 / P W M 0
P C 4
P C 3
2 8
2 7
2 6
2 5
2 4
2 3
2 2
2 1
2 0
1 9
1 8
1 7
1 6
1 5
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
1 3
1 4
H T 4 6 R 4 A
3 2 D I P - A
P B 6
P B 7
P A 4 / T M R 0
P A 5 / I N T
P A 6
P A 7 / T M R 1
O S C 2
O S C 1
V D D
R E S
P D 2
P D 1 / P W M 1
P D 0 / P W M 0
P C 7
P C 6
P C 5
P B 5 / A N 5
P B 4 / A N 4
P A 3 / P F D
P A 2
P A 1
P A 0
P B 3 / A N 3
P B 2 / A N 2
P B 1 / A N 1
P B 0 / A N 0
V S S
P C 0
P C 1
P C 2
P C 3
P C 4
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
1 3
1 4
1 5
1 6
1 7
1 8
1 9
2 0
3 2
3 1
3 0
2 9
2 8
2 7
2 6
2 5
2 4
2 3
2 2
2 1
P A 2
P A 1
P A 0
N C
P B 3 / A N 3
P B 2 / A N 2
P B 1 / A N 1
P B 0 / A N 0
V S S
N C
P C 0
N C
P A 4 / T M R 0
P A 5 / I N T
P A 6
P A 7 / T M R 1
N C
N C
O S C 2
O S C 1
V D D
N C
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2 1 3 1 4 1 5 1 6 1 7 1 8 1 9 2 0 2 1 2 2
2 3
2 4
2 5
2 6
2 7
2 8
2 9
3 0
3 1
3 2
3 3
3 4
3 5
3 6
3 7
3 8
3 9
4 0
4 1
4 2
4 3
4 4
H T 4 6 R 4 A
4 4 Q F P - A


Similar Part No. - HA0051E

ManufacturerPart #DatasheetDescription
logo
HBH Microwave GmbH
HA0001 HBH-HA0001 Datasheet
17Kb / 1P
   1 - 150 MHz Amplifier
logo
Holtek Semiconductor In...
HA0004E HOLTEK-HA0004E Datasheet
326Kb / 47P
   A/D Type 8-Bit OTP MCU
HA0005E HOLTEK-HA0005E Datasheet
326Kb / 47P
   A/D Type 8-Bit OTP MCU
HA0011E HOLTEK-HA0011E Datasheet
326Kb / 47P
   A/D Type 8-Bit OTP MCU
HA0013E HOLTEK-HA0013E Datasheet
326Kb / 47P
   A/D Type 8-Bit OTP MCU
More results

Similar Description - HA0051E

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R46E HOLTEK-HT46R46E Datasheet
318Kb / 45P
   Cost-Effective A/D Type 8-Bit MCU
HT46R46E HOLTEK-HT46R46E_07 Datasheet
542Kb / 73P
   Cost-Effective A/D Type 8-Bit MCU
HT46R46 HOLTEK-HT46R46 Datasheet
291Kb / 42P
   Cost-Effective A/D Type 8-Bit MCU
HT46R47E HOLTEK-HT46R47E Datasheet
336Kb / 45P
   Cost-Effective A/D Type 8-Bit MCU
HT46R46 HOLTEK-HT46R46_08 Datasheet
580Kb / 77P
   Cost-Effective A/D Type 8-Bit MCU
HT46R48 HOLTEK-HT46R48 Datasheet
292Kb / 42P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT46R46-H HOLTEK-HT46R46-H Datasheet
292Kb / 42P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT46R48E HOLTEK-HT46R48E Datasheet
339Kb / 46P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT46R47-H HOLTEK-HT46R47-H Datasheet
293Kb / 42P
   Cost-Effective A/D Type 8-Bit OTP MCU
HT46R002 HOLTEK-HT46R002 Datasheet
5Mb / 83P
   Cost-Effective A/D 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com