Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-BEG274 Datasheet(PDF) 2 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-BEG274
Description  LED Hi-Eff Red and Green Low current requirement.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-BEG274 Datasheet(HTML) 2 Page - BRIGHT LED ELECTRONICS CORP

  BL-BEG274 Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-BEG274 Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BL
L--B
BE
EG
G2
27
74
4
Ver.2.0 Page: 2 of 2
SINCE 1981
Electrical and optical characteristics(Ta=25℃)
Parameter
Symbol
Condition
Color
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF=20mA
Hi-Eff Red
Green
-
2.0
2.2
2.6
2.6
V
Luminous Intensity
Iv
IF=20mA
Hi-Eff Red
Green
-
50
50
-
mcd
Peak Wave Length
λ
p
IF=20mA
Hi-Eff Red
Green
-
640
568
-
nm
Dominant Wave Length
λ
d
IF=20mA
Hi-Eff Red
Green
617
560
-
638
576
nm
Spectral Line Half-width
∆λ
IF=20mA
Hi-Eff Red
Green
-
40
30
-
nm
Viewing Angle
1/2
IF=20mA
Hi-Eff Red
Green
-
50
-
deg
● Typical electro-optical characteristics curves
5
0
1.0
2.0
4.0
3.0
6.0
5.0
Forward current (mA)
10
20
30
40
50
(E)
Fig.3 Forward current vs. Forward voltage
Fig.5 Relative luminous intensity
8.0
7.0
0
10
20
30
40
50
vs. Forward current
Forward voltage(V)
12
3
(G)
45
(E)
(G)
0.7
0.8
0.9
0.3
0.5
0.1
1.0
0
80
0.4
0.2
0.6
90
70
60
50
20
10
40
30
Fig.4 Relative luminous intensity
Ambient temperature Ta( )
vs. Ambient temperature
Fig.6 Radiation diagram
0
-40
0.5
-20
0
20
1.0
1.5
2.0
2.5
3.0
40
60
Fig.1 Relative intensity vs. Wavelength
500
0
0.5
1.0
Wavelength λ(nm)
580
640
720
(G)
(E)
Ambient temperature Ta( )
vs. Ambient temperature
Fig.2 Forward current derating curve
40
10
10
0
20
30
20
40
60
50
60
100
80


Similar Part No. - BL-BEG274

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BL-BEG274 YSTONE-BL-BEG274 Datasheet
111Kb / 1P
   DUAL-CHIP LED LAMPS
logo
BRIGHT LED ELECTRONICS ...
BL-BEG274 BRIGHT-BL-BEG274 Datasheet
289Kb / 5P
   T-1 3/4 STANDARD 1.0" LEAD 5.0?
BL-BEG274_V1 BRIGHT-BL-BEG274_V1 Datasheet
289Kb / 5P
   T-1 3/4 STANDARD 1.0" LEAD 5.0?
More results

Similar Description - BL-BEG274

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-BEG271 BRIGHT-BL-BEG271 Datasheet
132Kb / 2P
   LED Hi-Eff Red and Green Low current requirement.
BL-BEG204-A BRIGHT-BL-BEG204-A Datasheet
130Kb / 2P
   LED Hi-Eff Red and Green Low current requirement.
BL-BEG204-B BRIGHT-BL-BEG204-B Datasheet
150Kb / 2P
   Hi-Eff Red and Green Low current requirement.
BL-BEG201 BRIGHT-BL-BEG201 Datasheet
133Kb / 2P
   Hi-Eff Red and Green Low current requirement.
BL-B4534N BRIGHT-BL-B4534N Datasheet
128Kb / 2P
   LED GaAsP/GaP Hi-Eff Red Low current requirement.
BL-B4539B BRIGHT-BL-B4539B Datasheet
130Kb / 2P
   LED GaAsP/GaP Hi-Eff Red Low current requirement.
BL-B4541Q BRIGHT-BL-B4541Q Datasheet
131Kb / 2P
   LED GaAsP/GaP Hi-Eff Red Low current requirement.
BL-B4533 BRIGHT-BL-B4533 Datasheet
134Kb / 2P
   LED GaAsP/GaP Hi-Eff Red Low current requirement.
BL-B4534N-1-L BRIGHT-BL-B4534N-1-L Datasheet
174Kb / 2P
   LED GaAsP/GaP Hi-Eff Red Low current requirement.
BL-B45V1 BRIGHT-BL-B45V1 Datasheet
132Kb / 2P
   LED GaP/GaP Hi-Eff Red Low current requirement.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com