Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC28221DR Datasheet(PDF) 1 Page - Texas Instruments

Part # UCC28221DR
Description  INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAX DUTY CYCLE
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28221DR Datasheet(HTML) 1 Page - Texas Instruments

  UCC28221DR Datasheet HTML 1Page - Texas Instruments UCC28221DR Datasheet HTML 2Page - Texas Instruments UCC28221DR Datasheet HTML 3Page - Texas Instruments UCC28221DR Datasheet HTML 4Page - Texas Instruments UCC28221DR Datasheet HTML 5Page - Texas Instruments UCC28221DR Datasheet HTML 6Page - Texas Instruments UCC28221DR Datasheet HTML 7Page - Texas Instruments UCC28221DR Datasheet HTML 8Page - Texas Instruments UCC28221DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
UCC28220, UCC28221
SLUS544C − SEPTEMBER 2003 − REVISED OCTOBER 2007
INTERLEAVED DUAL PWM CONTROLLER
WITH PROGRAMMABLE MAX DUTY CYCLE
1
www.ti.com
FEATURES
D 2-MHz High Frequency Oscillator with 1-MHz
Operation Per Channel
D Matched Internal Slope Compensation
Circuits
D Programmable Maximum Duty Cycle Clamp
60% to 90% Per Channel
D Peak Current Mode Control with
Cycle-by-Cycle Current Limit
D Current Sense Discharge Transistor for
Improved Noise Immunity
D Accurate Line Under and Over-Voltage Sense
with Programmable Hysteresis
D Opto-Coupler Interface
D 110-V Internal Start-Up JFET (UCC28221)
D Operates from 12-V Supply (UCC28220)
D Programmable Soft-Start
APPLICATIONS
D High Output Current (50-A to 100-A)
Converters
D Maximum Power Density Designs
D High Efficiency 48-V Input with Low Output
Ripple Converters
D High Power Offline, Telecom and Datacom
Power Supplies
DESCRIPTION
The UCC28220 and UCC28221 are a family of BiCMOS
interleaved dual channel PWM controllers. Peak
current mode control is used to ensure current sharing
between the two channels. A precise maximum duty
cycle clamp can be set to any value between 60% and
90% duty cycle per channel.
UCC28220 has an UVLO turn-on threshold of 10 V for
use in 12-V supplies while UCC28221 has a turn-on
threshold of 13 V for systems needing wider UVLO
hysteresis. Both have 8-V turn-off thresholds.
TYPICAL APPLICATION
UCC28221
3
7
6
4
5
1
8
15
11
12
14
13
9
10
VDD
CS1
SLOPE
CS2
SS
CTRL
LINEOV
LINEUV
OUT1
OUT2
CHG
DISCHG
Bias
E/A
2
16
LINE
VIN
VIN
(+48V)
REF
GND
CS1
VOUT
REF
1/2 UCC27324
1/2 UCC27324
CS2
HYS
NOTE: Pin 16 is a no connect (N/C) on UCC28220 which does not include the JFET option.
Copyright
 2004, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - UCC28221DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28221D TI-UCC28221D Datasheet
373Kb / 24P
[Old version datasheet]   INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAX DUTY CYCLE
UCC28221D TI1-UCC28221D Datasheet
918Kb / 32P
[Old version datasheet]   INTERILEAVED DUAL PWM CONTROLLER
UCC28221DG4 TI1-UCC28221DG4 Datasheet
918Kb / 32P
[Old version datasheet]   INTERILEAVED DUAL PWM CONTROLLER
More results

Similar Description - UCC28221DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28220 TI-UCC28220_15 Datasheet
897Kb / 32P
[Old version datasheet]   INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAX DUTY CYCLE
UCC28220 TI-UCC28220 Datasheet
373Kb / 24P
[Old version datasheet]   INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAX DUTY CYCLE
UCC28220-Q1 TI1-UCC28220-Q1 Datasheet
780Kb / 26P
[Old version datasheet]   INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAXIMUM DUTY CYCLE
UCC28220-Q1 TI-UCC28220-Q1_15 Datasheet
940Kb / 27P
[Old version datasheet]   INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAXIMUM DUTY CYCLE
UCC1807 TI-UCC1807 Datasheet
314Kb / 11P
[Old version datasheet]   Programmable Maximum Duty Cycle PWM Controller
logo
Vishay Siliconix
SI9118 VISHAY-SI9118_11 Datasheet
174Kb / 11P
   Programmable Duty Cycle Controller
Rev. E, 16-May-11
SI9118 VISHAY-SI9118_V01 Datasheet
187Kb / 11P
   Programmable Duty Cycle Controller
01-Jan-2022
SI9118 VISHAY-SI9118 Datasheet
91Kb / 8P
   Programmable Duty Cycle Controller
Rev. B, 05 Apr-99
logo
Texas Instruments
UCC1807-1 TI1-UCC1807-1 Datasheet
3Mb / 16P
[Old version datasheet]   Programmable Maximum Duyt Cycle PWM Controller
logo
Cherry Semiconductor Co...
CS52845 CHERRY-CS52845 Datasheet
142Kb / 6P
   Current Mode PWM Control Circuit with 50% Max Duty Cycle
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com