Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC347 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC347
Description  GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC347 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC347_07 Datasheet HTML 1Page - Hittite Microwave Corporation HMC347_07 Datasheet HTML 2Page - Hittite Microwave Corporation HMC347_07 Datasheet HTML 3Page - Hittite Microwave Corporation HMC347_07 Datasheet HTML 4Page - Hittite Microwave Corporation HMC347_07 Datasheet HTML 5Page - Hittite Microwave Corporation HMC347_07 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
4
4 - 30
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Assembly Diagram
HMC347
v04.0907
GaAs MMIC SPDT NON-REFLECTIVE
SWITCH, DC - 20 GHz


Similar Part No. - HMC347_07

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC347 HITTITE-HMC347_09 Datasheet
214Kb / 6P
   GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20 GHz
More results

Similar Description - HMC347_07

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC547LP3E HITTITE-HMC547LP3E Datasheet
743Kb / 6P
   GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC-C011 HITTITE-HMC-C011_1 Datasheet
233Kb / 6P
   GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC347 HITTITE-HMC347_09 Datasheet
214Kb / 6P
   GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20 GHz
logo
Analog Devices
HMC547ALP3E AD-HMC547ALP3E Datasheet
403Kb / 6P
   GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20 GHz
logo
Filtronic Compound Semi...
FMS2027 FILTRONIC-FMS2027 Datasheet
146Kb / 4P
   DC-20 GHZ MMIC SPDT NON-REFLECTIVE SWITCH
logo
Hittite Microwave Corpo...
HMC232 HITTITE-HMC232 Datasheet
158Kb / 6P
   GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 15.0 GHz
HMC232LP4 HITTITE-HMC232LP4 Datasheet
227Kb / 6P
   GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 12.0 GHz
HMC347LP3 HITTITE-HMC347LP3 Datasheet
193Kb / 6P
   GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 14.0 GHz
HMC547LP3 HITTITE-HMC547LP3 Datasheet
228Kb / 6P
   GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20.0 GHz
HMC-C058 HITTITE-HMC-C058 Datasheet
229Kb / 6P
   GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 18 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com