Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TVP5147M1PFP Datasheet(PDF) 39 Page - Texas Instruments

Part # TVP5147M1PFP
Description  NTSC/PAL/SECAM 2 X 10-Bit Digital Video Decoder With Macrovision Detection, YPbPr Inputs, and 5-Line Comb Filter
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TVP5147M1PFP Datasheet(HTML) 39 Page - Texas Instruments

Back Button TVP5147M1PFP_07 Datasheet HTML 35Page - Texas Instruments TVP5147M1PFP_07 Datasheet HTML 36Page - Texas Instruments TVP5147M1PFP_07 Datasheet HTML 37Page - Texas Instruments TVP5147M1PFP_07 Datasheet HTML 38Page - Texas Instruments TVP5147M1PFP_07 Datasheet HTML 39Page - Texas Instruments TVP5147M1PFP_07 Datasheet HTML 40Page - Texas Instruments TVP5147M1PFP_07 Datasheet HTML 41Page - Texas Instruments TVP5147M1PFP_07 Datasheet HTML 42Page - Texas Instruments TVP5147M1PFP_07 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 100 page
background image
Functional Description
31
SLES140A—March 2007
TVP5147M1PFP
2.11 Register Definitions
2.11.1
Input Select Register
Subaddress
00h
Default
00h
7
6
5
4
3
2
1
0
Input select [7:0]
Table 2−12. Analog Channel and Video Mode Selection
MODE
INPUT(S) SELECTED
INPUT SELECT [7:0]
OUTPUT
MODE
INPUT(S) SELECTED
7
6
5
4
3
2
1
0
HEX
OUTPUT
(see Note 1)
CVBS
VI_1_A (default)
0
0
0
0
0
0
0
0
00
N/A
VI_1_B
0
0
0
0
0
0
0
1
01
VI_1_B
VI_1_C
0
0
0
0
0
0
1
0
02
VI_1_C
VI_2_A
0
0
0
0
0
1
0
0
04
VI_2_A
VI_2_B
0
0
0
0
0
1
0
1
05
VI_2_B
VI_2_C
0
0
0
0
0
1
1
0
06
VI_2_C
VI_3_A
0
0
0
0
1
0
0
0
08
VI_3_A
VI_3_B
0
0
0
0
1
0
0
1
09
VI_3_B
VI_3_C
0
0
0
0
1
0
1
0
0A
VI_3_C
VI_4_A
0
0
0
0
1
1
0
0
0C
VI_4_A
S-video
VI_2_A(Y), VI_1_A(C)
0
1
0
0
0
1
0
0
44
N/A
VI_2_B(Y), VI_1_B(C)
0
1
0
0
0
1
0
1
45
VI_2_B(Y)
VI_2_C(Y), VI_1_C(C)
0
1
0
0
0
1
1
0
46
VI_2_C(Y)
VI_2_A(Y), VI_3_A(C)
0
1
0
1
0
1
0
0
54
VI_2_A(Y)
VI_2_B(Y), VI_3_B(C)
0
1
0
1
0
1
0
1
55
VI_2_B(Y)
VI_2_C(Y), VI_3_C(C)
0
1
0
1
0
1
1
0
56
VI_2_C(Y)
VI_4_A(Y), VI_1_A(C)
0
1
0
0
1
1
0
0
4C
N/A
VI_4_A(Y), VI_1_B(C)
0
1
0
0
1
1
0
1
4D
VI_4_A(Y)
VI_4_A(Y), VI_1_C(C)
0
1
0
0
1
1
1
0
4E
VI_4_A(Y)
VI_4_A(Y), VI_3_A(C)
0
1
0
1
1
1
0
0
5C
VI_4_A(Y)
VI_4_A(Y), VI_3_B(C)
0
1
0
1
1
1
0
1
5D
VI_4_A(Y)
VI_4_A(Y), VI_3_C(C)
0
1
0
1
1
1
1
0
5E
VI_4_A(Y)
YPbPr
VI_1_A(Pb), VI_2_A(Y), VI_3_A(Pr)
1
0
0
1
0
1
0
0
94
N/A
VI_1_B(Pb), VI_2_B(Y), VI_3_B(Pr)
1
0
0
1
0
1
0
1
95
VI_2_B(Y)
VI_1_C(Pb), VI_2_C(Y), VI_3_C(Pr)
1
0
0
1
0
1
1
0
96
VI_2_C(Y)
NOTE 1: When VI_1_A is set to output, the total number of inputs is nine. The video output can be either CVBS or luma.
Ten input terminals can be configured to support composite, S-video, and component YPbPr as listed in
Table 2−12. User must follow this table properly for S-video and component applications because only the
terminal configurations listed in Table 2−12 are supported.


Similar Part No. - TVP5147M1PFP_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TVP5147M1PFPR TI1-TVP5147M1PFPR Datasheet
888Kb / 109P
[Old version datasheet]   11-Bit Digital Video Decoder With Macrovision YPbPr Inputs, and 5-Line Comb Filter
More results

Similar Description - TVP5147M1PFP_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TVP5147M1PFP TI-TVP5147M1PFP Datasheet
1Mb / 99P
[Old version datasheet]   NTSC/PAL/SECAM 2x10-BIT DIGITAL VIDEO DECODER WITH MACROVISION DETECTION, YPbPr INPUTS, AND 5-LINE COMB FILTER
TVP5147PFP TI-TVP5147PFP_07 Datasheet
1Mb / 100P
[Old version datasheet]   NTSC/PAL/SECAM 2x10-Bit Digital Video Decoder With Macrovision??Detection,YPbPr Inputs,and 5-Line Comb Filter
TVP5147M1 TI-TVP5147M1_08 Datasheet
1Mb / 101P
[Old version datasheet]   NTSC/PAL/SECAM 2x10-Bit Digital Video Decoder With Macrovision Detection, YPbPr Inputs, and 5-Line Comb Felter
TVP5146M2 TI1-TVP5146M2 Datasheet
964Kb / 107P
[Old version datasheet]   NTSC/PAL/SECAM 4횞10-Bit Digital Video Decoder With Macrovision??Detection, YPbPr Inputs, 5-Line Comb Filter, and SCART Support
TVP5146 TI-TVP5146 Datasheet
537Kb / 103P
[Old version datasheet]   NTSC/PAL / SECAM 4 X 10 BIT DIGITAL VIDEO DECODER WITH MACROVISION DETECTION YPBPR/RGB INPUTS 5 LINE COMB FILTER AND SCART SUPPORT
TVP5146M2PFP_0708 TI-TVP5146M2PFP_0708 Datasheet
1Mb / 108P
[Old version datasheet]   NTSC/PAL/SECAM 4X10-Bit Digital Video Decoder With Macrovision Detection, YPbPr/RGB Inputs, 5-Line Comb Filter, and SCART Support
TVP5146M2PFP TI-TVP5146M2PFP Datasheet
1Mb / 100P
[Old version datasheet]   NTSC/PAL/SECAM 4X10-Bit Digital Video Decoder With Macrovision Detection, YPbPr/RGB Inputs, 5-Line Comb Filter, and SCART Support
TVP5146 TI1-TVP5146_12 Datasheet
1Mb / 109P
[Old version datasheet]   NTSC/PAL/SECAM 4x10-Bit Digital Video Decoder With Macrovision田?Detection, YPbPr/RGB Inputs, 5-Line Comb Filter, and SCART Support
TVP5147PFP TI1-TVP5147PFP_16 Datasheet
1Mb / 100P
[Old version datasheet]   2x10-Bit Digital Video Decoder With Macrovision Detection, YPbPr Inputs, and 5-Line Comb Filter
TVP5147PFP TI-TVP5147PFP Datasheet
1Mb / 98P
[Old version datasheet]   NTSC/PPAL SECAM 2 X 10 BIT DIGITAL VIDEO DECODER WITH MACROVISION DETECTION INPUT AND 5 LINE COMB FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com