Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4KE200 Datasheet(PDF) 5 Page - DAESAN ELECTRONIC CORP.

Part # P4KE200
Description  POWER 400Watts VOLTAGE 6.8 to 440 Volts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

P4KE200 Datasheet(HTML) 5 Page - DAESAN ELECTRONIC CORP.

  P4KE200 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. P4KE200 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP. P4KE200 Datasheet HTML 3Page - DAESAN ELECTRONIC CORP. P4KE200 Datasheet HTML 4Page - DAESAN ELECTRONIC CORP. P4KE200 Datasheet HTML 5Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
FIG7-TYPICAL REVERSE LEAKAGE CHARACTERISTICS
V(BR), BREAKDOWN VOLTAGE,VOLTS
200
100
0
300
400
500
440
0.01
10
100
0.1
1
MEASURED AT DEVICES
STAND-OFF VOLTAGE,
VWM
TA=25℃
RATINGS AND CHARACTERISTIC CURVES P4KE6.8 THRU P4KE440CA


Similar Part No. - P4KE200

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
P4KE200 DACHANG-P4KE200 Datasheet
272Kb / 4P
   Transient Voltage Suppressors Breakdown Voltage 6.8 to 440V
logo
Pan Jit International I...
P4KE200 PANJIT-P4KE200 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
DONGGUAN YOU FENG WEI E...
P4KE200 YFWDIODE-P4KE200 Datasheet
917Kb / 6P
   Transient voltage suppressor power 400 watts
logo
Shenzhen Luguang Electr...
P4KE200 LUGUANG-P4KE200 Datasheet
411Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
logo
Diotec Semiconductor
P4KE200 DIOTEC-P4KE200 Datasheet
153Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
More results

Similar Description - P4KE200

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
1N6267 DAESAN-1N6267 Datasheet
1Mb / 6P
   POWER 1500Watts VOLTAGE 6.8 to 440 Volts
P6KE6.8 DAESAN-P6KE6.8 Datasheet
748Kb / 5P
   POWER 600Watts VOLTAGE 6.8 to 440 Volts
logo
Nanjing International G...
P6KE6.8 DGNJDZ-P6KE6.8 Datasheet
83Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
Micro Commercial Compon...
P6KE68 MCC-P6KE68 Datasheet
111Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
DONGGUAN YOU FENG WEI E...
P6KE6.8 YFWDIODE-P6KE6.8 Datasheet
83Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
P6KE6.8-DO15 YFWDIODE-P6KE6.8-DO15 Datasheet
544Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
Zibo Seno Electronic En...
P4SMA ZSELEC-P4SMA Datasheet
318Kb / 5P
   6.8 to 440Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
DAESAN ELECTRONIC CORP.
SMAJ50 DAESAN-SMAJ50 Datasheet
369Kb / 4P
   POWER 400WATTS VOLTAGE 5.0 TO 188 VOLTS
logo
Surge Components
P6KE SURGE-P6KE Datasheet
201Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 to 440 Volts?
logo
Nanjing International G...
1.5KE DGNJDZ-1.5KE Datasheet
334Kb / 4P
   6.8 to 440 Volts 1500 Watts Peak Power 5.0 Watts Steady State
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com