Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL-BB74V1 Datasheet(PDF) 2 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-BB74V1
Description  LED AlInGaN Super Blue Low current requirement.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-BB74V1 Datasheet(HTML) 2 Page - BRIGHT LED ELECTRONICS CORP

  BL-BB74V1 Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-BB74V1 Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BL-BB74V1 Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BL
L--B
BB
B7
74
4V
V1
1
Ver.2.0 Page: 2 of 3
SINCE 1981
Electrical and optical characteristics(Ta=25℃)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF=20mA
-
3.5
4.0
V
Luminous Intensity
Iv
IF=20mA
-
1800
-
mcd
Reverse Current
IR
VR=5V
-
-
100
µA
Peak Wave Length
λ
p
IF=20mA
-
470
-
nm
Dominant Wave Length
λ
d
IF=20mA
465
-
475
nm
Spectral Line Half-width
∆λ
IF=20mA
-
30
-
nm
Viewing Angle
1/2
IF=20mA
-
25
-
deg
● Typical electro-optical characteristics curves
vs. Ambient temperature
3.0
1.0
0
2.0
Forward current (mA)
40
20
60
80
100
Fig.5 Relative luminous intensity
4.0
0
20
10
30
40
50
vs. Forward current
2
Forward voltage(V)
1
345
0.7
0.9
0.8
1.0
0.5
0.3
0.1
0.2
70
90
80
0.4
0.6
50
60
40
Ambient temperature Ta( )
0.5
Fig.6 Radiation diagram
-40
0
010
-20
0
20
1.0
1.5
2.0
2.5
3.0
30
20
40
60
Fig.3 Forward current vs. Forward voltage
Fig.1 Relative intensity vs. Wavelength
420
0
0.5
1.0
Wavelength λ (nm)
470
520
Fig.4 Relative luminous intensity
Ambient temperature Ta( )
vs. Ambient temperature
Fig.2 Forward current derating curve
0
20
10
30
20
40
60
60
40
50
100
80


Similar Part No. - BL-BB74V1

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-BB74V4V BRIGHT-BL-BB74V4V Datasheet
155Kb / 3P
   LED AlInGaN Super Blue Low current requirement.
BL-BB74V4V-1 BRIGHT-BL-BB74V4V-1 Datasheet
135Kb / 3P
   LED AlInGaN Super Blue Low current requirement.
More results

Similar Description - BL-BB74V1

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-BB44V4V BRIGHT-BL-BB44V4V Datasheet
162Kb / 3P
   LED AlInGaN Super Blue Low current requirement.
BL-BB74V4V-1 BRIGHT-BL-BB74V4V-1 Datasheet
135Kb / 3P
   LED AlInGaN Super Blue Low current requirement.
BL-BB43V4V-1 BRIGHT-BL-BB43V4V-1 Datasheet
153Kb / 3P
   LED AlInGaN Super Blue Low current requirement.
BL-BBA3V1 BRIGHT-BL-BBA3V1 Datasheet
133Kb / 3P
   LED AlInGaN Super Blue Low current requirement.
BL-BB73V4V-1 BRIGHT-BL-BB73V4V-1 Datasheet
136Kb / 3P
   LED AlInGaN Super Blue Low current requirement.
BL-BB43V4V BRIGHT-BL-BB43V4V Datasheet
162Kb / 3P
   LED AlInGaN Super Blue Low current requirement.
BL-BB43V4V-2 BRIGHT-BL-BB43V4V-2 Datasheet
157Kb / 3P
   LED AlInGaN Super Blue Low current requirement.
BL-BB74V4V BRIGHT-BL-BB74V4V Datasheet
155Kb / 3P
   LED AlInGaN Super Blue Low current requirement.
BL-BB73V1 BRIGHT-BL-BB73V1 Datasheet
137Kb / 3P
   LED AlInGaN Super Blue Low current requirement.
BL-BB43V1 BRIGHT-BL-BB43V1 Datasheet
136Kb / 3P
   LED AlInGaN Super Blue Low current requirement.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com